Part Number Hot Search : 
1N3825 EPS13D2 AT88S 0100S E001489 PD839C4 BCW34X 2FB102
Product Description
Full Text Search
 

To Download FM240M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount schottky barrier rectifier voltage range 20 to 40 volts current 2.0 ampere rectron semiconductor technical specification features maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. fm220m thru FM240M do-214aa maximum ra tings (at t a = 25 o c unless otherwise noted) electrical characteristics (at t a = 25 o c unless otherwise noted) notes : 1. thermal resistance (junction to ambient). 2. p.c.b monuted with 0.2x0.2 (5.0x5.0mm 2 ) copper pad area. * ideal for surface mounted applications * low leakage current * metallurgically bonded construction * mounting position: any * weight: 0.098 gram dimensions in inches and (millimeters) 2002-7 ratings maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current at derating lead temperature peak forward surge current 8.3 ms single half sine-wave superimposed on rated load (jedec method) typical thermal resistance (note 1, 2) symbol v rrm v dc i fsm t stg v rms units volts volts volts amps 2.0 60 75 17 amps 0 c/w 0 c storage temperature range i o -55 to + 125 operating temperature range t j fm220m FM240M 20 40 14 28 20 40 -55 to + 150 0 c r q ja characteristics maximum average reverse current at rated dc blocking voltage v f symbol i r mamps maximum instantaneous forward voltage at 2.0a dc volts 1.0 10 @t a = 25 o c @t a = 100 o c 0.44 mamps units fm220m FM240M fm230m 30 21 30 fm230m l o w v f 0.012 ( 0.305 ) 0.006 ( 0.152 ) 0.008 ( 0.203 ) 0.004 ( 0.102 ) 0.220 ( 5.59 ) 0.205 ( 5.21 ) 0.030 ( 0.76 ) 0.060 ( 1.52 ) 0.084 ( 2.13 ) 0.096 ( 2.44 ) 0.160 ( 4.06 ) 0.180 ( 4.57 ) 0.130 ( 3.30 ) 0.155 ( 3.94 ) 0.083 ( 2.11 ) 0.077 ( 1.96 ) r q jl
rectron mounting pad layout dimensions in inches and (millimeters) 0.083 min. (2.10 min.) 0.050 min. (1.27 min.) 0.220 ref 0.106 max. (2.69 max.)


▲Up To Search▲   

 
Price & Availability of FM240M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X