Part Number Hot Search : 
IXFH9N80 KBPC35 TFS230B TK13A65 SII4726 E004703 GW30N MJD31
Product Description
Full Text Search
 

To Download F1535AD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? applications: clock recovery; pll; optic transmission equipment; digital cross connect equipment ? fr-4 based smt ? -10oc to 70oc operating temperature "m" models operate from -40oc to 85oc ? 45/55% symmetry standard ? ttl/cmos compatible ? for other discrete frequencies consult facory ? tape & reel packaging 2553 n. edgington street, franklin park, il 60131 y phone: 847.451.1000 y fax: 847.451.7585 800-888-1499 or www.champtech.com 1 f1535a series 5v fr-4 based surface mount voltage controlled crystal oscillators electrical specifications model F1535AD frequency range (mhz) input current (ma) 52.0 < 50 frequency control function deviation (ppm) minimum maximum 70 linearity (%) 40 modulation bandwidth (3db) nominal control voltage (v) control voltage range (v) transfer function input impedance < 10 > 20khz 2.5 0.5 to 4.5 positive > 50k ? @ 10khz frequency stability (ppm) overall -40 o c to +85 o c 0 o c to +70 o c temperature range ( o c) inclusive of calibration, temperature, voltage, load and 20 years of aging 25 50 operating storage -40 o c to +85 o c -40 o c to +125 o c supply voltage (v) symmetry (%) start up time (ms) +5.0v 10% 45/55 <10 typical ssb phase noise (dbc/hz) offset from carrier 100hz -70 1khz 10khz 100khz -100 -120 -140 (for custom deviation range, vc range, etc. - consult factory) rise & fall times (ns) 6 part numbering guide F1535AD x - specify frequency ?blank? = -10c to 70c operating temp. ?m? = -40c to +85c operating temp. voh @ ioh = -12ma 0.9vcc vol @ iol = 24ma 0.1vcc
2553 n. edgington street, franklin park, il 60131 y phone: 847.451.1000 y fax: 847.451.7585 800-888-1499 or www.champtech.com 2 f1535a series 5v fr-4 based surface mount voltage controlled crystal oscillators pin function voltage control 1 2 3 4 gnd/ & case gnd output + v cc output waveform test circuit diagram test methods reference procedures description temperature cycle mil-std-833, mtd 1010, cond. b mechanical shock mil-std-883, mtd 2002, cond. b -55c to +125c; air-to-air; 100 cycles; 10 min. dwell vibration mil-std 883, mtd 2007, cond. b 20-2000 hz; 0.06 inch; 15g?s; 3 planes humidity steady state mil-std-202, mtd 103 40c; 90%-95% r.h.; 56 days thermal shock mil-std-883, mtd 1011.7 cond. b electrostatic discharge solderability hermeticity resistance to soldering lead integrity marking permanence life test 100c to 0c; water-to-water; 15 cycles 2 kv to 4 kv threshold solder dip; meniscograph criteria mass spectro. 2 x 10-8 atmos. cc/sec he 260c; 10 seconds: 1 inch/sec. lead tension & bend stress resistance to solvents 1500 g?s mil-std-883, mtd 3015 class ii mil-std-883, mtd 1005.6 mil-std-883, mtd 2022.2 mil-std-883, mtd 1014.8, cond. a1 mil-std-202, mtd 210d, cond. c mil-std-883, mtd 2004.5, cond. a, b1 mil-std-883, mtd 2015.8 125 c, powered, 1000 hours minimum mechanical and environmental specifications specifications subject to change without notice


▲Up To Search▲   

 
Price & Availability of F1535AD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X