|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1 ? fn7283.2 el7232 dual channel, high speed, high current line driver with 3-state the el7232 3-state drivers are particularly well suited for ate and microprocessor based applications. the low quiescent power dissipation makes this part attractive in battery applications. the 2a peak drive capability, makes the el7232 an excellent choice when driving high speed capacitive lines, as well. the input circuitry provides level shifting from ttl levels to the supply rails. the el7232 is available in 8-pin pdip and 8-lead so packages. features ? 3-state output ? 3v and 5v input compatible ? clocking speeds up to 10mhz ? 20ns switching/delay time ? 2a peak drive ? low, matched output impedance 5 ? low quiescent current 2.5ma ? wide operating voltage 4.5v-16v ? pb-free available (rohs compliant) applications ? parallel bus line drivers ? eprom and prom programming ? motor controls ? charge pumps ? sampling circuits ? pin drivers ? bridge circuits pinout ordering information part number part marking package tape & reel pkg. dwg. # el7232cn el7232cn 8 ld pdip - mdp0031 EL7232CNZ el7232cn z 8 ld pdip* - mdp0031 el7232cs 7232cs 8 ld soic - mdp0027 el7232cs-t7 7232cs 8 ld soic 7? mdp0027 el7232csz (see note) 7232csz 8 ld soic (pb-free) - mdp0027 el7232csz-t7 (see note) 7232csz 8 ld soic (pb-free) 7? mdp0027 el7232csz-t13 (see note) 7232csz 8 ld soic (pb-free) 13? mdp0027 note: intersil pb-free products employ special pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are rohs compliant and compatible with both snpb and pb-free soldering operations. intersil pb-free products are msl classified at pb-free peak reflow temperatures that meet or exceed the pb-free requirements of ipc/jedec j std-020. *pb-free pdips can be used for th rough hole wave solder processing only. they are not intended for use in reflow solder processing applications. truth table 3-state input output 10 1 11 0 00open 01open manufactured under u.s. patent nos. 5,334,883, #5,341,047 el7232 (8-pin pdip, so) top view v+ a out b out gnd 3-state a in 3-state b in data sheet july 5, 2006 caution: these devices are sensitive to electrosta tic discharge; follow proper ic handling procedures. 1-888-intersil or 1-888-468-3774 | intersil (and design) is a registered trademark of intersil americas inc. copyright intersil americas inc. 2003, 2005-2006. all rights reserved all other trademarks mentioned are the property of their respective owners.
2 absolute maxi mum ratings (t a = 25c) supply (v+ to gnd) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16.5v input pins . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3v to +0.3v above v+ combined peak output current. . . . . . . . . . . . . . . . . . . . . . . . . . .4a storage temperature range . . . . . . . . . . . . . . . . . .-65c to +150c ambient operating temperature . . . . . . . . . . . . . . . .-40c to +85c operating junction temperature . . . . . . . . . . . . . . . . . . . . . . . 125c power dissipation soic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .570mw pdip . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1050mw caution: stresses above those listed in ?abs olute maximum ratings? may cause permanent dam age to the device. this is a stress o nly rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. important note: all parameters having min/max specifications are guaranteed. typical values are for information purposes only. u nless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: t j = t c = t a dc electrical specifications t a = 25c, v = 15v unless otherwise specified parameter description test conditions min typ max units input v ih logic ?1? input voltage 2.4 v i ih logic ?1? input current @v+ 0.1 10 a v il logic ?0? input voltage 0.8 v i il logic ?0? input current @0v 0.1 10 a v hvs input hysteresis 0.3 v output r oh pull-up resistance i out = -100 ma 3 6 r ol pull-down resistance i out = +100 ma 4 6 i off 3-state output leakage v out = v+ v out = 0v 0.2 10 a i pk peak output current source sink 2.0 2.0 a i dc continuous output current source/sink 100 ma power supply i s power supply current inputs high 1 2.5 ma v s operating voltage 4.5 16 v ac electrical specifications t a = 25c, v = 15v unless otherwise specified parameter description test conditions min typ max units switching characteristics t r rise time c l = 500pf c l = 1000pf 7.5 10 ns t f fall time c l = 500pf c l = 1000pf 10 13 20 ns t d-on turn-on delay time 18 25 ns t d-off turn-off delay time 20 25 ns el7232 3 timing table standard test configuration simplified schematic el7232 4 typical performance curves switch threshold vs supply voltage max power/derating curves input current vs voltage peak drive vs supply voltage quiescent supply current ?on? resistance vs supply voltage el7232 5 typical performance curves (continued) average supply current vs voltage and frequency average supply current vs capacitive load rise/fall time vs load rise/fall time vs supply voltage el7232 6 typical performance curves (continued) rise/fall time vs temperature propagation delay vs supply voltage propagation delay vs temperature el7232 7 el7232 small outline package family (so) gauge plane a2 a1 l l1 detail x 4 4 seating plane e h b c 0.010 b m ca 0.004 c 0.010 b m ca b d (n/2) 1 e1 e n n (n/2)+1 a pin #1 i.d. mark h x 45 a see detail ?x? c 0.010 mdp0027 small outline package family (so) symbol so-8 so-14 so16 (0.150?) so16 (0.300?) (sol-16) so20 (sol-20) so24 (sol-24) so28 (sol-28) tolerance notes a 0.068 0.068 0.068 0.104 0.104 0.104 0.104 max - a1 0.006 0.006 0.006 0.007 0.007 0.007 0.007 0.003 - a2 0.057 0.057 0.057 0.092 0.092 0.092 0.092 0.002 - b 0.017 0.017 0.017 0.017 0.017 0.017 0.017 0.003 - c 0.009 0.009 0.009 0.011 0.011 0.011 0.011 0.001 - d 0.193 0.341 0.390 0.406 0.504 0.606 0.704 0.004 1, 3 e 0.236 0.236 0.236 0.406 0.406 0.406 0.406 0.008 - e1 0.154 0.154 0.154 0.295 0.295 0.295 0.295 0.004 2, 3 e 0.050 0.050 0.050 0.050 0.050 0.050 0.050 basic - l 0.025 0.025 0.025 0.030 0.030 0.030 0.030 0.009 - l1 0.041 0.041 0.041 0.056 0.056 0.056 0.056 basic - h 0.013 0.013 0.013 0.020 0.020 0.020 0.020 reference - n 8 14 16 16 20 24 28 reference - rev. l 2/01 notes: 1. plastic or metal protrusions of 0.006? maximum per side are not included. 2. plastic interlead protrusions of 0.010? maximum per side are not included. 3. dimensions ?d? and ?e1? are measured at datum plane ?h?. 4. dimensioning and tolerancing per asme y14.5m - 1994 8 all intersil u.s. products are manufactured, asse mbled and tested utilizing iso9000 quality systems. intersil corporation?s quality ce rtifications can be viewed at www.intersil.com/design/quality intersil products are sold by description only. intersil corporation reserves the right to make changes in circuit design, soft ware and/or specifications at any time without notice. accordingly, the reader is cautioned to verify that da ta sheets are current before placing orders. information furnishe d by intersil is believed to be accurate and reliable. however, no responsibility is assumed by intersil or its subsidiaries for its use; nor for any infringements of paten ts or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of intersil or its subsidiari es. for information regarding intersil corporation and its products, see www.intersil.com el7232 plastic dual-in-line packages (pdip) mdp0031 plastic dual-in-line package symbol pdip8 pdip14 pdip16 pdip18 pdip20 tolerance notes a 0.210 0.210 0.210 0.210 0.210 max a1 0.015 0.015 0.015 0.015 0.015 min a2 0.130 0.130 0.130 0.130 0.130 0.005 b 0.018 0.018 0.018 0.018 0.018 0.002 b2 0.060 0.060 0.060 0.060 0.060 +0.010/-0.015 c 0.010 0.010 0.010 0.010 0.010 +0.004/-0.002 d 0.375 0.750 0.750 0.890 1.020 0.010 1 e 0.310 0.310 0.310 0.310 0.310 +0.015/-0.010 e1 0.250 0.250 0.250 0.250 0.250 0.005 2 e 0.100 0.100 0.100 0.100 0.100 basic ea 0.300 0.300 0.300 0.300 0.300 basic eb 0.345 0.345 0.345 0.345 0.345 0.025 l 0.125 0.125 0.125 0.125 0.125 0.010 n 8 14 16 18 20 reference rev. b 2/99 notes: 1. plastic or metal protrusions of 0.010? maximum per side are not included. 2. plastic interlead protrusions of 0.010? maximum per side are not included. 3. dimensions e and ea are measured with the leads constrained perpendicular to the seating plane. 4. dimension eb is measured wi th the lead tips unconstrained. 5. 8 and 16 lead packages have half end-leads as shown. d l a e b a1 note 5 a2 seating plane l n pin #1 index e1 12 n/2 b2 e eb ea c |
Price & Availability of EL7232CNZ |