Part Number Hot Search : 
BYV29 LA7015N C2471 NJU7305M 48801 TPM754A TG40E80 EM78862
Product Description
Full Text Search
 

To Download CNX460X024124 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lockwasher - steel, nickel plate for additional moisture seal - epdm (order separately) 12 lens - polycarbonate, ul rating 94-v2 10mm bi-lead 10mm tri-lead leds hms 464 hms 462 options 4 inches (101.6mm) hmc 463 hmc 461 cnx 460 6 inches (152.4mm) 6 2 white - black - red 0 red - black white - black - red - green cable ordering code example: e = 3 wires 06 12 04 = wire color * 4 wires for bi-lead - trim to .300" 1 0.010 (7.620mm white - black 0.254) for hi-flux - no trim required 1 24 2 wires 1 03 = wire size * 4 5. led lead length: 4. panel thickness: .030" ( .762mm) min - .188" (4.775mm) max 3. mounting: hole size - 9/16" (14.288mm) opening on 3/4" (19.05mm) center 08 wire length * 04 8 inches (203.2mm) (order separately) lens terminals - phosphor bronze, tin plate e02 wire - 24 awg 1007/ 1569 termination * x = stripped ends single row locking header d = dual row locking header 18 inches (457.2mm) 18 12 inches (304.8mm) 02 = 7. u.s. & foreign patent issued use hms 462 or hms 464 lens ( exceeds nema 6p/ ip 67) 6. for dry applications use hmc 461 or hmc 463 lens ; for dust and wet conditions for tri-lead - contact factory 24 awg 4 2 24 inches (609.6mm) * call factory notes: rohs compliant 1. material: 2. panel connector socket - polyester, ul rating 94-v0 head er connector - polyester, ul rating 94-v0 revisions ecn # rev. description date initials chk'd 001 revised per ecr 111009az01 11/26/10 kh dpz 431 001 revised per ecr 050112kh01 5/9/12 kh ed a whole without the written communications company, inc is phone: (800) 522-5546 email: vccsales@vcclite.com d c b a a b c d 1 2 3 4 5 6 7 8 8 7 6 5 4 3 2 1 drawn b scale: 1.75:1 sheet 1 of 1 do not scale drawing size material third angle projection visual communications company, inc. permission of visual date approval cnx 460 assy 11/26/10 khoward dpz see notes dwg. no. the information contained in this 11/29/10 see notes finish any reproduction in part or as proprietary and confidential drawing is the sole property of assembly prohibited. 001 checked cnx 460 cable title: dimension style: inches / mm general tolerances unless otherwise specified: inches .500 mm 12.7 12780 danielson ct, suite a, poway, ca 92064 u.s.a rev pin b = cathode (-) black lead w2 w1 pin a = anode (+) white or red lead xx.xx 1.023 25.994mm


▲Up To Search▲   

 
Price & Availability of CNX460X024124

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X