60v, 1.0a high current n-channel mosfet in sot-23 package central semiconductor?s CMPDM7002AHC is an n-channel enhancement-mode mosfet that optimizes high current capability and energy efficiency in the industry standard sot-23 package. the combination of high current capability, low gate charge and low on-resistance makes this device the ideal selection for energy sensitive applications requiring higher drain currents. sot-23 145 adams avenue ? hauppauge ? new york ? 11788 ? usa ? www.centralsemi.com ? high current capability ? energy efficiency ? industry standard sot-23 package ? integrated transient protection benefits: features: ? esd protection up to 2kv ? 350 mw power dissipation ? low r ds(on) = 0.15 typ @ v gs =10v applications: ? load/power switches ? power supply converter circuits ? led backlighting ? motor drives electrical characteristics (t a = 25 ? c unless otherwise noted) thermal characteristics bv dss (v) min i d (a) max v gs(th) (v) min max r ds(on) @ v gs @ i d ( ) ( ) (v) (ma) typ max q g(tot) (nc) typ c iss (pf) max c rss (pf) max p d (mw) t j , t stg ( ? c) max ja ( ? c/w) max 60 1.0 1.2 2.3 0.15 0.20 0.22 0.30 10 5.0 500 500 2.3 240 25 350 -65 to +150 357 typical electrical characteristics to order samples of this device visit: www.centralsemi.com/info/CMPDM7002AHC samples and literature order your selection guide today. visit: web.centralsemi.com/search/sample.php new smd selection guide CMPDM7002AHC product brief p r o d u c t b r i e f
pb CMPDM7002AHC for further information contact: sales at central semiconductor corp. (631) 435-1110 or visit our website at: www.centralsemi.com innovative discrete semiconductors mechanical drawing - sot-23 lead code packaging base tape dimensions and orientation (dimensions in mm) 7? reel = 3,000 pcs. 13? reel = 10,000 pcs reel packing information sample devices available upon request. to order samples of this device visit: www.centralsemi.com/info/CMPDM7002AHC reel size reels per box (maximum) parts per box (maximum) box dimensions shipping weight (max.) inch cm lb kg 7? 9 18 40 108 27,000 54,000 120,000 324,000 9x9x5 9x9x9 21x9x9 27x9x17 23x23x13 23x23x23 53x23x23 69x23x43 3 6 13 34 2 3 6 16 13? 6 14 26 60,000 140,000 260,000 15x4x15 15x15x9 15x15x18 38x10x38 38x38x23 38x38x46 6 15 28 3 7 13 tape width: 8mm direction of unreeling marking code: 702h 1) gate 2) source 3) drain * devices are taped in accordance with electronic industries association standard eia-481-1-a 145 adams avenue ? hauppauge ? new york ? 11788 ? usa ? tel:(631) 435-1110 ? fax:(631) 435-1824 CMPDM7002AHC 60v, 1.0a high current n-channel mosfet in sot-23 package
|