2 7.3 2.65 2.65 specification type = cdrh6d38 construction = surface mount power inductor terimal coating = nickel / silver operating temp. = -40 to +85 c storage temp = -55 to +125 c insulation resistance = 100mohm. 100v terminal-core dielectric stregth = 250vac terminal-core humidity effects = l 5 @ 95%rh, 40 c, 1hr q 5 @ 95%rh, 40 c, 1hr packaging = 1000pcs/reel marking = 3 characters, value note tolerances l=15%; m=20%; n=30% of ait components ltd is scale:1:1 size dwg. no. a rev. material finish -- do not scale drawing 00 power inductor cdrh6d38 smd power inductor cdrh6d38 smd -- title: proprietary and confidential strictly prohibited. angle +/-1 degree name date drawn checked eng appr. sheet 1 of 1 two place decimal +/-0.13 one place decimal +/-0.3 tolerances: dimensions are in millimeters unless otherwise specified the information contained in this drawing is the sole property of ait components ltd. any reproduction in part or as a whole without the written permission ait components ltd www.aitcomponents.com 6.70 6.70 4.0 pa r t l to l r dc i dc ( ? h) % ma x i n ( ? )(a) cdrh6d38-3r3 3.3 @ 10khz n 0.02 3.5 cdrh6d38-5r0 5.0 @ 10khz n 0.024 2.9 cdrh6d38-6r2 6.2 @ 10khz n 0.027 2.5 cdrh6d38-7r4 7.4 @ 10khz n 0.031 2.3 cdrh6d38-8r7 8.7 @ 10khz n 0.034 2.2 cdrh6d38-100 10 @ 10khz n 0.038 2 cdrh6d38-120 12 @ 10khz n 0.053 1.7 cdrh6d38-150 15 @ 10khz n 0.057 1.6 cdrh6d38-180 18 @ 10khz n 0.092 1.5 CDRH6D38-220 22 @ 10khz n 0.096 1.3 cdrh6d38-270 27 @ 10khz n 0.109 1.2 cdrh6d38-330 33 @ 10khz n 0.124 1.1 cdrh6d38-390 39 @ 10khz n 0.138 1 cdrh6d38-470 47 @ 10khz n 0.155 0.95 cdrh6d38-560 56 @ 10khz n 0.202 0.85 cdrh6d38-680 68 @ 10khz n 0.234 0.75 cdrh6d38-820 82 @ 10khz n 0.324 0.7 cdrh6d38-101 100 @ 10khz n 0.358 0.65
|