Part Number Hot Search : 
P1200 LT1216 RB715 GBPC1506 SCG102A AWM2300V MKP3386 SHM25
Product Description
Full Text Search
 

To Download BU2522AF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors BU2522AF d escription with to-3pfa package high voltage high speed switching applications for use in horizontal deflection circuits of high resolution monitors. pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 1500 v v ceo collector-emitter voltage open base 800 v i c collector current (dc) 10 a i cm collector current-peak 25 a i b base collector current (dc) 6 a i bm base current-peak 9 a p tot total power dissipation t c =25 45 w t j max.operating junction temperature 150  t stg storage temperature -65~150 
savantic semiconductor product specification 2 silicon npn power transistors BU2522AF characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v ceo(sus) collector-emitter breakdown voltage i c =0.1a ;i b =0;l=25mh 800 v v (br)ebo emitter-base breakdown voltage i e =1ma ;i c =0 7.5 13.5 v v cesat collector-emitter saturation voltage i c =6.0a ;i b =1.2a 5.0 v v besat base-emitter saturation voltage i c =6.0a ;i b =1.2a 1.3 v i ces collector cut-off current v ce =bv ces; v be =0 t j =125 0.25 2.0 ma i ebo emitter cut-off current v eb =7.5v; i c =0 0.1 ma h fe-1 dc current gain i c =1a ; v ce =5v 10 h fe-2 dc current gain i c =6a ; v ce =5v 5 7 8 c c collector capacitance i e =0 ; v cb =10v; f=1mhz 115 pf
savantic semiconductor product specification 3 silicon npn power transistors BU2522AF package outline fig.2 outline dimensions (unindicated tolerance:0.30mm)


▲Up To Search▲   

 
Price & Availability of BU2522AF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X