Part Number Hot Search : 
MS51D MC14532B GC9004 ISL29035 BS616 GC9004 F4502 XC6385C
Product Description
Full Text Search
 

To Download AWE6159R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  figure 1: block diagram f eatures ? internal reference voltage ? integrated power control ? ingap hbt technology ? esd protection on all pins (2.5 kv) ? automatic v batt tracking ? low profle 1.0 mm ? small package outline 5 mm x 5 mm ? egprs capable (class 12) ? rohs compliant package, 250 o c msl-3 ? halogen-free gmsk mode ? integrated power control (cmos) ? +35 dbm gsm850/900 output power ? +33 dbm dcs/pcs output power ? 53 % gsm 850/900 pae ? 49 % dcs/pcs pae ? power control range > 50 db edge mode ? +29 dbm gsm850/900 output power ? +28.5 dbm dcs/pcs output power ? 28% gsm850/900 pae ? 28% dcs/pcs pae ? 64 db typical acpr (400 khz) ? 74 db typical acpr (600 khz) applic ations ? dual/tri/quad band handsets and pdas ? dual/tri/quad band wireless data cards product description this power amplifer module supports dual, tri and quad band applications for gmsk and 8-psk modu - lation schemes using a polar architecture. there are two amplifer chains, one to support gsm850/900 bands, the other for dcs/pcs bands. each amplifca - tion chain is optimized for excellent edge effciency, power, and linearity in a polar loop environment while maintaining high effciency in the gsm/gprs mode. the module includes an internal reference voltage and integrated power control scheme for use in both gmsk and 8-psk operation. this facilitates fast and easy production calibration and reduces the number of external components required to complete a power control function. a we6159r quad-band gsm/gprs/edge power amplifer module with integrated power control data sheet - rev 2.2 m46 package 11 pin 5 mm x 5 mm x 1.0 mm surface mount module furthermore, the power control function includes battery detection circuitry for robust orfs transient spectrum performance at low battery voltages. the amplifiers power control range is typically 55 db, with the output power set by applying an analog voltage to v ramp . all of the rf ports for this device are internally matched to 50 ? . a we6159r gsm850/900_in t x _e n dcs/pcs_in gsm850/900_out gsm850/900 bias/power control dcs/pcs_out dcs/pcs bs v ramp v batt 01/2012
2 t able 1: pin description figure 2: pinout (x - ray t op view) rfin_dcs bs t _en x v batt v ramp rf in_gsm dcs_out gsm_ou t vcc_out 1 2 3 4 5 6 10 9 gnd 7 11 n/c 8 gnd pin n am e d es c r ip t ion pin n am e d es c r ip t ion 1 rfin_dcs dcs rf input 7 gnd ground 2 bs band select logic input 8 rfin_gsm gsm900 rf input 3 tx_en tx enable logic input 9 gsm_out gsm900 rf output 4 v batt battery supply connection 10 vcc_out v ramp test point do not connect 5 v ramp analog signal used to control output power 11 dcs_out dcs rf output 6 n/c no connection AWE6159R data sheet - rev 2.2 01/2012
3 electrica l characteristics t able 2: absolute maximum ratings (1) figure 3: esd pin rating electro static discharge sensitivity the AWE6159R part was tested to determine the esd sensitivity of each package pin with respect to ground. all the package pins were subjected to an esd pulse event using the human body model outlined in jesd22-a114c.01 in either polarity with respect to ground. the pre and post test i-v characteristics of each pin are recorded. the ratings on each pin require that it sustain the esd event and show no degradation. rfin_dcs >+2500 v <-2500 v bs >+2500 v <-2500 v t x _en >+2500 v <-2500 v v batt >+2500 v <-2500 v v ramp >+2500 v <-2500 v rfin_gsm >+2500 v <-2500 v dcs_out >+2500 v <-2500 v gsm_out >+2500 v <-2500 v vcc_out >+2500 v <-2500 v 1 2 3 4 5 6 10 9 n/c 7 8 gnd 11 gnd notes: (1a) no damage or degradation assuming only one parameter at a time is set at limit with all other parameters set at nominal conditions. (1b) functional operation is not implied under these conditions. (1c) exposure to absolute ratings for extended periods of time may adversely affect reliability. (2) v batt must be > logic and control voltages to prevent damage to esd diodes. p ara m eter min m ax uni ts supply voltage ( v batt ) - +5.5 v rf input power ( rf in ) - 11 dbm control voltage ( v ramp ) (2) -0.3 2.2 v digital inputs (logic voltage) (2) tx_en, bs, v ramp -0.5 +3.0 v storage temperature ( t stg ) -55 150 c AWE6159R data sheet - rev 2.2 01/2012
4 t able 4: digital inputs t able 5: logic control t able t able 3: operating conditions t he device may be operated safely over these conditions; however, parametric performance is guaranteed only over the conditions defned in the electrical specifcations. p ara m eter s ymbol min t yp m ax uni ts logic high voltage v ih 1.2 - 3.0 v logic low voltage v il - - 0.5 v logic high current |i i h | - - 30 ? a logic low current |i i l | - - 30 ? a op erat ion a l mod e bs t x_ en gsm850/900 low high dcs/pcs high high pa disabled - low pa ra me te r mi n ty p ma x unit s co mme nt s ca se te m per at ur e (t c ) -3 0- +8 5 c su ppl y vo lt age (v ba tt ) 3. 03 .5 4. 8v po we r su ppl y le akage cu rre nt -1 10 a v ba tt = 4. 8 v, v ra mp = 0 v, tx _e n = lo w no rf appl ie d co nt ro l vo lt age ra ng e0 .2 -1 .6 v tu rn on ti me (t on ) -- 1 s v ra mp = 0. 2 v, tx _e n = lo w y hi gh p in = 5 db m tu rn off ti me (t of f )- -1 s v ra mp = 0. 2 v, tx _e n = hi gh y lo w p in = 5 db m ri se ti me (t ri se )- -1 s p ou t = -1 0 db m y p ma x (w it hi n 0. 2 db ) fa ll ti me (t fa ll )- -1 s p ou t = p ma x y -1 0 db m (w it hi n 0. 2 db ) v ra mp in pu t c apac it an ce -3 -p f v ra mp in pu t cu rre nt -- 10 a du ty cy cl e- -5 0% AWE6159R data sheet - rev 2.2 01/2012
5 t able 6: electrical characteristics for gsm850 gmsk mode unless otherwise specifed: v batt = 3.5 v, p in = 3.0 dbm, pulse width = 1154 s, duty = 25% z in = z out = 50 ?, t c = 25 c, v ramp = 1.6 v, b s = low, tx_en = high pa ra me te r mi n ty p ma x uni t co mme nt s op er at in g fr equ en cy ( f in ) 824 -8 49 mh z in pu t po we r (p in )0 35 db m ou tp ut po we r (p ma x )3 4. 5 35. 2- db mf re q = 824 to 849 mh z de gr aded ou tp ut po we r (p ou t ) 32 32. 8- db m v ba tt = 3. 0 v, t c = + 85 c p in = 0 db m p ae @ p ma x 48 52 -% fr eq = 824 to 849 mh z su pply cu rre nt (i ba tt )- 1. 82 2. 2a p ou t = p ma x , v ra mp = 1. 6 v fo rw ar d is ol at io n 1- -5 1- 30 db m tx _e n = 0 v, p in = 5 db m fo rw ar d is ol at io n 2- -2 7- 15 db m tx _e n = hi gh ,v ra mp = 0. 2 v p in = 5 db m cr oss is ol at io n (2 fo @ dcs /p cs port ) -- 23 -1 5d bm p ou t < 34 .5 db m cr oss is ol at io n (3 fo @ dcs /p cs port ) -- 23 -1 2d bm p ou t < 34 .5 db m se co nd ha rm on ic -- 19 -1 0d bm p ou t < 34 .5 db m th ir d ha rm on ic -- 24 -1 0d bm p ou t < 34 .5 db m n * fo (n > 4) , f o 12 .7 5 gh z -- 30 -8 db mp ou t < 34 .5 db m st abil it y vswr = 6: 1 al l ph ases -- -3 6d bm f ou t < 1 gh z -- -3 0d bm f ou t > 1 gh z ru ggedn es s no pe rm an en t de gr adat io n vswr 10 :1 , al l ph ase an gl es rx no is e po we r- -8 8- 82 db m f tx = 849 mh z, rb w = 100 kh z, f rx = 869 to 894 mh z, p ou t < 34 .5 db m in pu t re tu rn los s- 1. 5: 12 .5 :1 vsw rp ou t < 34 .5 db m AWE6159R data sheet - rev 2.2 01/2012
6 t able 7: electrical characteristics for gsm850 8-psk mode unless otherwise specifed: v batt = 3.5 v, p in = 3.0 dbm, pulse width = 1154 s, duty = 25% z in = z out = 50 ?, t c = 25 c, bs = low, tx_en = high p ara m eter min t yp m ax uni t comm e n ts operating frequency ( f in ) 824 - 849 mhz input power 0 3 5 dbm pae 20 28 - % f in = 824 to 849 mhz p out set = +29 dbm acpr 200 khz 400 khz 600 khz 1800 khz - - - - -37 -62 -74 -78 -34 -58 -64 -66 dbc/30 khz dbc/30 khz dbc/30 khz dbc/100 khz all conditions under polar operation p out = +29 dbm evm - 1 5 % all conditions under polar operation p out = +29 dbm AWE6159R data sheet - rev 2.2 01/2012
7 t able 8: electrical characteristics for gsm900 gmsk mode unless otherwise specifed: v batt = 3.5 v, p in = 3.0 dbm, pulse width = 1154 s, duty = 25% z in = z out = 50 ?, t c = 25 c, v ramp = 1.6 v, b s = low, tx_en = high pa ra me te r mi n ty p ma x unit co mme nt s op er at in g fr equ en cy ( f in ) 880- 91 5m hz in pu t po we r (p in )0 35 db m ou tp ut po we r (p ma x )3 4. 53 5- db mf r eq = 880 to 915 mh z de gr aded ou tp ut po we r (p ou t ) 32 32. 8- db m v ba tt = 3. 0 v, t c = + 85 c p in = 0 db m p ae @ p ma x 48 53 -% fr eq = 880 to 915 mh z su pply cu rre nt (i ba tt )- 1. 72 .1 a p ou t = p ma x , v ra mp = 1. 6 v fo rw ar d is ol at io n 1- -4 3- 30 db m tx _e n = 0 v, p in = 5 db m fo rw ar d is ol at io n 2- -2 7- 15 db m tx _e n = hi gh ,v ra mp = 0. 2 v p in = 5 db m cr oss is ol at io n (2 f o @ dcs /p cs port ) -- 20 -1 5d bm p ou t < 34 .5 db m cr oss is ol at io n (3 f o @ dcs /p cs port ) -- 20 -1 2d bm p ou t < 34 .5 db m se co nd ha rm on ic -- 22 -1 0d bm p ou t < 34 .5 db m th ir d ha rm on ic -- 21 -1 0d bm p ou t < 34 .5 db m n * fo (n > 4) , f o 12 .7 5 gh z -- 29 -8 db mp ou t < 34 .5 db m st abil it y vswr = 6: 1 al l ph ases -- -3 6d bm f ou t < 1 gh z -- -3 0d bm f ou t > 1 gh z ru ggedn es s no pe rm an en t d egr adat io n vswr 10 :1 , al l ph ase an gl es rx no is e po we r -- 87 -7 6d bm f tx = 915 mh z, rb w = 100 kh z, f rx = 925 to 935 mh z, p ou t < 34 .5 db m -- 87 -8 2d bm f tx = 915 mh z, rb w = 100 kh z, f rx = 935 to 960 mh z, p ou t < 34 .5 db m in pu t re tu rn los s- 1. 5: 12 .5 :1 vsw rp ou t < 34 .5 db m AWE6159R data sheet - rev 2.2 01/2012
8 t able 9: electrical characteristics for gsm900 8-psk mode unless otherwise specifed: v batt = 3.5 v, p in = 3.0 dbm, pulse width = 1154 s, duty = 25% z in = z out = 50 ?, t c = 25 c , bs = low, tx_en = high p ara m eter min t yp m ax uni t comm e n ts operating frequency ( f in ) 880 - 915 mhz input power 0 3 5 dbm pae 20 28 - % f in = 880 to 915 mhz p out set = +29 dbm acpr 200 khz 400 khz 600 khz 1800 khz - - - - -38 -65 -74 -78 -34 -58 -64 -66 dbc/30 khz dbc/30 khz dbc/30 khz dbc/100 khz all conditions under polar operation p out = +29 dbm evm - 1 5 % all conditions under polar operation p out = +29 dbm AWE6159R data sheet - rev 2.2 01/2012
9 t able 10: electrical characteristics for dcs gmsk mode unless otherwise specifed: v batt = 3.5 v, p in = 3.0 dbm, v ramp = 1.6 v, pulse width = 1154 s duty = 25%, z in = z out = 50 ?, t c = 25 c , bs = high, tx_en = high pa ra me te r mi n ty p ma x uni t co mme nt s o per at in g fr eque nc y ( f in ) 1710 -1 785 mh z in pu t po we r (p in )0 35 db m ou tp ut po we r (p ma x )3 2. 03 3- db mf r eq = 1710 to 1785 mh z de gr aded ou tp ut po we r (p ou t ) 30.0 31 .0 -d bm v ba tt = 3. 0 v, t c = + 85 c p in = 0 db m p ae @ p ma x 44 48 -% fr eq = 1710 to 1785 mh z su pply cu rre nt (i ba tt )- 1. 21 .6 a p ou t = p ma x , v ra mp = 1. 6 v fo rw ar d is ol at io n 1- -4 3- 30 db m tx _e n = 0 v, p in = 5 db m fo rw ar d is ol at io n 2- -2 3- 15 db m tx _e n = hi gh ,v ra mp = 0. 2 v p in = 5 db m se co nd ha rm on ic -- 17 -1 0d bm p ou t < 32. 0 db m th ir d ha rm on ic -- 27 -1 5d bm p ou t < 32. 0 db m n * fo (n > 4) , f o 12 .7 5 gh z -- 34 -8 db mp ou t < 32. 0 db m st abil it y vswr = 6: 1 a ll ph ases -- -3 6d bm f ou t < 1 gh z -- -3 0d bm f ou t > 1 gh z ru gged ne ss no pe rm an en t de gr adat io n vswr 10 :1 , al l ph ase an gl es rx no is e po we r- -8 9- 82 db m f tx = 1785 mh z, rb w = 100 kh z, f rx = 1805 to 1880 mh z, p ou t < 32. 0 db m in pu t re tu rn los s- 1. 5: 12 .5 :1 vsw rp ou t < 32. 0 db m AWE6159R data sheet - rev 2.2 01/2012
10 t able 11: electrical characteristics for dcs 8-psk mode unless otherwise specifed: v batt = 3.5 v, p in = 3.0 dbm, pulse width = 1154 s, duty = 25% z in = z out = 50 ?, t c = 25 c , bs = high, tx_en = high p ara m eter min t yp m ax uni t comm e n ts operating frequency ( f in ) 1710 - 1785 mhz input power 0 3 5 dbm pae 22 28 - % f in = 1710 to 1785 mhz p out set = +28.5 dbm acpr 200 khz 400 khz 600 khz 1800 khz - - - - -37 -64 -74 -78 -34 -58 -63 -66 dbc/30 khz dbc/30 khz dbc/30 khz dbc/100 khz all conditions under polar operation p out = +28.5 dbm evm - 1 5 % all conditions under polar operation p out = +28.5 dbm AWE6159R data sheet - rev 2.2 01/2012
11 t able 12: electrical characteristics for pcs gmsk mode unless otherwise specifed: v batt = 3.5 v, p in = 3.0 dbm, v ramp = 1.6 v, pulse width = 1154 s duty = 25%, z in = z out = 50 ?, t c = 25 c , bs = high, tx_en = high pa ra me te r mi n ty p ma x uni t co mme nt s o per at in g fr eque nc y ( f in ) 1850 -1 91 0m hz in pu t po we r (p in )0 35 db m ou tp ut po we r (p ma x )3 2. 03 3. 1- db mf r eq = 1850 to 1910 mh z de gr aded ou tp ut po we r (p ou t ) 30.0 31 .0 -d bm v ba tt = 3. 0 v, t c = + 85 c p in = 0 db m p ae @ p ma x 45 50 -% fr eq = 1850 to 1910 mh z su pply cu rre nt (i ba tt )- 1. 21 .5 a p ou t = p ma x , v ra mp = 1. 6 v fo rw ar d is ol at io n 1- -4 2- 30 db m tx _e n = 0 v, p in = 5 db m fo rw ar d is ol at io n 2- -2 2- 15 db m tx _e n = hi gh ,v ra mp = 0. 2 v p in = 5 db m se co nd ha rm on ic -- 19 -1 0d bm p ou t < 32. 0 db m th ir d ha rm on ic -- 29 -1 5d bm p ou t < 32. 0 db m n * fo (n > 4) , f o 12 .7 5 gh z -- 33 -8 db mp ou t < 32. 0 db m st abil it y vswr = 6: 1 a ll ph ases -- -3 6d bm f ou t < 1 gh z -- -3 0d bm f ou t > 1 gh z ru gged ne ss no pe rm an en t de gr adat io n vswr 10 :1 , al l ph ase an gl es rx no is e po we r- -9 0- 82 db m f tx = 1910 mh z, rb w = 100 kh z, f rx = 1930 to 1990 mh z, p ou t < 32. 0 db m in pu t re tu rn los s- 1. 5: 12 .5 :1 vsw rp ou t < 32. 0 db m AWE6159R data sheet - rev 2.2 01/2012
12 t able 13: electrical characteristics for pcs 8-psk mode unless otherwise specifed: v batt = 3.5 v, p in = 3.0 dbm, pulse width = 1154 s, duty = 25% z in = z out = 50 ?, t c = 25 c , bs = high, tx_en = high p ara m eter min t yp m ax uni t comm e n ts operating frequency ( f in) 1850 - 1910 mhz input power 0 3 5 dbm pae 22 28 - % f in = 1850 to 1910 mhz p out set = +28.5 dbm acpr 200 khz 400 khz 600 khz 1800 khz - - - - -37 -64 -74 -78 -34 -58 -64 -66 dbc/30 khz dbc/30 khz dbc/30 khz dbc/100 khz all conditions under polar operation p out = +28.5 dbm evm - 1 5 % all conditions under polar operation p out = +28.5 dbm AWE6159R data sheet - rev 2.2 01/2012
13 applic ation inform ation figure 4: recommended application circuit 11 1 3 5 6 8 dcs /p cs _i n bs tx _e n v ra mp gs m_ in dcs/ pc s_ ou t aw e6 159 bsel t xen ra mp vbat 2 4 v bat t 7 gn d 10 9 gs m_ ou t 33pf 3 ) 33pf 3 ) 2.7pf 2) 39 p f 1 ) 47 f 3 ) 2.2k 1 ) as m or fe m ma tchi ng 4 ) 1) c omponent v al ues depends on bas eband ch ip se t used . 2) t hes e co m ponent s sh oul d be p la ce d as c lo se to the devi ce p in as possi bl e. 3) t hes e co m ponent s are re co mmended as good des ig n prac ti ce for i mpro vi ng noi se r ej ec ti on ch arac te ri stic s . t he va lu es speci fi ed are not c ri ti ca l as they m ay not be requi red in the fi nal app lic ati on. 4) a ct ual m at ch i ng co m ponent v al ues depend on pc b la yo ut and asm /f em used. 5) v ra mp test poi nt, do not c onne ct . ma tchi ng 4 ) 12pf 2 ) dcs /p cs rf in pu t gs m rf in pu t v cc_ ou t 5) n/ c AWE6159R data sheet - rev 2.2 01/2012
14 pa ckage outline figure 5: m46 package outline - 11 pin 5 mm x 5 mm x 1.0 mm surface mount module figure 6: branding specifcation diagram pa rt number pin 1 identifier c ountr y co de date co de y y= y ear ww= wo rk w eek mark ing co de a we6159r cc lllll-ss lo t number anadigics logo yy ww bbb AWE6159R data sheet - rev 2.2 01/2012
15 figure 7: recommended pcb layout information AWE6159R data sheet - rev 2.2 01/2012
16 ordering inform ation o rder num be r te mp er at ure ra ng e pa ckag e d escri pt ion co mp on ent pa cka gin g aw e6 159r m4 6p 8- 30 c to + 85 c ro hs -c om pl ia nt 11 pi n 5 mm x 5 mm x 1. 0 mm su rf ace mo unt m odu le ta pe an d r eel , 2500 pi eces per r eel aw e6 159r m4 6p 9- 30 c to + 85 c ro hs -c om pl ia nt 11 pi n 5 mm x 5 mm x 1. 0 mm su rf ace mo unt m odu le pa rt ia l ta pe an d r eel warning anadigics products are not intended for use in life support appliances, devices or systems. use of an anadigics product in any such application without written consent is prohibited. import ant notice anadigics, inc. 141 mount bethel road warren, new jersey 07059, u.s.a. tel: +1 (908) 668-5000 fax: +1 (908) 668-5132 url: http://www.anadigics.com anadigics, inc. reserves the right to make changes to its products or to discontinue any product at any time without notice. the product specifcations contained in advanced product information sheets and preliminary data sheets are subject to change prior to a products formal introduction. information in data sheets have been carefully checked and are assumed to be reliable; however, anadigics assumes no responsibilities for inaccuracies. anadigics strongly urges customers to verify that the information they are using is current before placing orders. AWE6159R data sheet - rev 2.2 01/2012


▲Up To Search▲   

 
Price & Availability of AWE6159R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X