Part Number Hot Search : 
ESAD33C BH5510 2808J 74LVC3 IF389A1M X912CPE OM6002SR 11SRW
Product Description
Full Text Search
 

To Download APT2X100DQ120J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product benefits ? low losses ? low noise switching ? cooler operation ? higher reliability systems ? increased system power density product features ? ultrafast recovery times ? soft recovery characteristics ? popular sot-227 package ? low forward voltage ? high blocking voltage ? low leakage current ? avalanche energy rated product applications ? anti-parallel diode -switchmode power supply -inverters ? free wheeling diode -motor controllers -converters ? snubber diode ? uninterruptible power supply (ups) ? induction heating ? high speed recti?ers ultrafast soft recovery rectifier diode apt2x101dq120j 1200v 100a APT2X100DQ120J 1200v 100a 053-4230 rev a 6-2005 new diode data sheet by darel bidwell ? apt w ebsite - http://www .a dv ancedpo we r. com anti-paralle l p aralle l 2 1 3 2 3 4 1 4 APT2X100DQ120J apt2x101dq120j static electrical characteristics symbol v f i rm c t unit volts a pf min typ max 2.4 3.0 2.65 1.8 100 500 110 characteristic / test conditions forward voltage maximum reverse leakage current junction capacitance, v r = 200v i f = 100a i f = 150a i f = 100a, t j = 125c v r = 1200v v r = 1200v, t j = 125c dual die isotop ? package maximum ratings all ratings: t c = 25c unless otherwise speci?ed. characteristic / test conditions maximum d.c. reverse voltage maximum peak repetitive reverse voltage maximum working peak reverse voltage maximum average forward current (t c = 88c, duty cycle = 0.5) rms forward current (square wave, 50% duty) non-repetitive forward surge current (t j = 45c, 8.3ms) avalanche energy (1a, 40mh) operating and storagetemperature range lead temperature for 10 sec. symbol v r v rrm v rwm i f(av) i f(rms) i fsm e avl t j ,t stg t l unit volts amps mj c apt2x101_100dq120j 1200 100 127 1000 20 -55 to 175 300 s o t - 2 2 7 is ot op ? 1 2 3 4 file # e145592 "ul recognized"
apt2x101_100dq120j dynamic characteristics 053-4230 rev a 6-2005 apt reserves the right to change, without notice, the speci?cations and information contained herein. new diode data sheet by darel bidwell thermal and mechanical characteristics min typ max - 45 - 385 - 1055 - 6 - - 480 - 5240 - 19 - - 210 - 9345 - 70 unit ns nc amp s ns nc amp s ns nc amps characteristic reverse recovery time reverse recovery time reverse recovery charge maximum reverse recovery current reverse recovery time reverse recovery charge maximum reverse recovery current reverse recovery time reverse recovery charge maximum reverse recovery current symbol t rr t rr q r r i r rm t rr q r r i rrm t rr q r r i r rm test conditions i f = 100a, di f /dt = -200a/ s v r = 800v, t c = 25 c i f = 100a, di f /dt = -200a/ s v r = 800v, t c = 125 c i f = 100a, di f /dt = -1000a/ s v r = 800v, t c = 125 c i f = 1a, di f /dt = -100a/ s, v r = 30v, t j = 25 c characteristic / test conditions junction-to-case thermal resistance rms voltage (50-60hhz sinusoidal wavefomr ffrom terminals to mounting base for 1 min.) package weight maximum mounting torque symbol r jc v isolation w t torque min typ max .32 2500 1.03 29.2 10 1.1 unit c/w volts oz g lb?in n?m z jc , thermal impedance (c/w) 10 -5 10 -4 10 -3 10 -2 10 -1 1.0 rectangular pulse duration (seconds) figure 1a. maximum effective transient thermal impedance, junction-to-case vs. pulse duration 0.35 0.30 0.25 0.20 0.15 0.10 0.05 0 0.5 single pulse 0.1 0.3 0.7 0.05 figure 1b, transient thermal impedance model peak t j = p dm x z jc + t c duty factor d = t 1 / t 2 t 2 t 1 p dm note : d = 0.9 0.0308 0.0693 0.219 0.00101 0.0299 0.309 power (watts) junction temp ( c) rc mode l case temperature ( c)
053-4230 rev a 6-2005 apt2x101_100dq120j typical performance curves t j = 125 c v r = 800v 50a 100a 150a t rr q rr q rr t rr i rrm 600 500 400 300 200 100 0 80 70 60 50 40 30 20 10 0 duty cycle = 0.5 t j = 175 c 0 25 50 75 100 125 150 25 50 75 100 125 150 175 1 10 100 200 160 140 120 100 80 60 40 20 0 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 800 700 600 500 400 300 200 100 0 c j , junction capacitance k f , dynamic paramete rs (pf) (normalized to x000a/ s) i f(av) (a) t j , junction temperature ( c) case temperature ( c) figure 6. dynamic parameters vs. junction temperature figure 7. maximum average forward current vs. casetemperature v r , reverse voltage (v) figure 8. junction capacitance vs. reverse voltage 300 250 200 150 100 50 0 12000 10000 8000 6000 4000 2000 0 v f , anode-to-cathode voltage (v) -di f /dt, current rate of change(a/ s) figure 2. forward current vs. forward voltage figure 3. reverse recovery time vs. current rate of change -di f /dt, current rate of change (a/ s) -di f /dt, current rate of change (a/ s) figure 4. reverse recovery charge vs. current rate of change figure 5. reverse recovery current vs. current rate of change 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 0 200 400 600 800 1000 1200 0 200 400 600 800 1000 1200 0 200 400 600 800 1000 1200 q rr , reverse recovery charge i f , forward current (nc) (a) i rrm , reverse recovery current t rr , reverse recovery time (a) (ns) t j = 175 c t j = -55 c t j = 25 c t j = 125 c t j = 125 c v r = 800v 150a 50a 100a t j = 125 c v r = 800v 150a 100a 50a
apt2x101_100dq120j 053-4230 rev a 6-2005 4 3 1 2 5 5 zer o 1 2 3 4 di f /d t - rate of diode current change through zero crossing. i f - forward conduction current i rrm - maximum reverse recovery current . t rr - revers e r ecovery time, measured from zero crossing wher e diode q rr - area under the curve defined by i rrm and t rr . current goes from positive to negative, to the point at which the straight line through i rrm and 0.25 i rrm passes through zero . figure 9. diode test circui t figure 10, diode reverse recovery waveform and definition s 0.25 i rrm pearson 2878 current transformer di f /d t adjus t 30 h d.u.t. +18v 0v t rr / q rr wavefor m v r apt75gp120 anode 1 31.5 (1.240) 31.7 (1.248) dimensions in millimeters and (inches) 7.8 (.307) 8.2 (.322) 30.1 (1.185) 30.3 (1.193) 38.0 (1.496) 38.2 (1.504) 14.9 (.587) 15.1 (.594) 11.8 (.463) 12.2 (.480) 8.9 (.350) 9.6 (.378) hex nut m4 h100 (4 places ) 0.75 (.030) 0.85 (.033) 12.6 (.496) 12.8 (.504) 25.2 (0.992) 25.4 (1.000) 1.95 (.077) 2.14 (.084) anode 2 anti-paralle l p aralle l cathode 1 r = 4.0 (.157) (2 places) 4.0 (.157) 4.2 (.165) (2 places) w=4.1 (.161) w=4.3 (.169) h=4.8 (.187) h=4.9 (.193) (4 places) 3.3 (.129) 3.6 (.143) cathode 2 anode 1 cathode 2 anode 2 cathode 1 apts products are covered by one or more of u.s.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. us and foreign patents pending. all rights reserved. isotop ? is a registered trademark of sgs thomson. sot-227 (isotop ? ) package outline APT2X100DQ120J apt2x101dq120j


▲Up To Search▲   

 
Price & Availability of APT2X100DQ120J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X