Part Number Hot Search : 
SR3060 AJ32C5 NTE1484 MMSZ22T1 LTC44 PJ1930 6D860 SC550
Product Description
Full Text Search
 

To Download AOL1413 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  symbol v ds v gs i dm t j , t stg symbol typ max 18 25 49 60 r jc 2.9 4 c 38 19 -55 to 175 w 1.3 w continuous drain current b maximum units parameter t c =25c t c =100c -30 i d -38 -27 -70 power dissipation a t a =25c p dsm 2.1 t c =100c t a =70c p d -9 t c =25c gate-source voltage maximum junction-to-ambient a steady-state junction and storage temperature range continuous drain current a t a =25c i dsm t a =70c t 10s c/w c/w -7 absolute maximum ratings t a =25c unless otherwise noted v v 25 drain-source voltage pulsed drain current c power dissipation b a maximum junction-to-case b steady-state c/w thermal characteristics parameter units maximum junction-to-ambient a r ja AOL1413 v ds (v) = -30v i d = -38a (v gs = -10v) r ds(on) < 17m ? (v gs = -10v) r ds(on) < 36m ? (v gs = -5v) the AOL1413 uses advanced trench technology to provide excellent r ds(on) and ultra-low low gate charge with a 25v gate rating. this device is suitable for use as a load switch or in pwm applications. the device is esd protected. d s g ultra so-8 tm top view bottom tab connected to drain s g d www.freescale.net.cn 1/6 p-channel enhancement mode field general description effect transistor features
symbol min typ max units bv dss -30 v -1 t j =55c -5 i gss 10 ua v gs(th) -1.5 -2.5 -3.5 v i d(on) -70 a 13.5 17 t j =125c 18.5 24 28 36 g fs 27 s v sd -0.72 -1 v i s -38 a c iss 1760 2200 pf c oss 360 pf c rss 255 pf r g 6.4 8 ? q g (10v) 30 38 nc q g (4.5v) 11 nc q gs 7nc q gd 8nc t d(on) 11.5 ns t r 8ns t d(off) 35 ns t f 18.5 ns t rr 24 30 ns q rr 16 nc body diode reverse recovery time body diode reverse recovery charge i f =-20a, di/dt=100a/ s drain-source breakdown voltage on state drain current i d =-250ua, v gs =0v v gs =-10v, v ds =-5v v gs =-10v, i d =-20a reverse transfer capacitance i f =-20a, di/dt=100a/ s electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions i dss a gate threshold voltage v ds =v gs i d =-250 a v ds =-30v, v gs =0v v ds =0v, v gs = 25v zero gate voltage drain current gate-body leakage current forward transconductance diode forward voltage r ds(on) static drain-source on-resistance maximum body-diode continuous current input capacitance output capacitance dynamic parameters m ? i s =1a,v gs =0v v ds =-5v, i d =20a v gs =-5v, i d =-20a turn-on rise time turn-off delaytime v gs =-10v, v ds =-15v, r l =0.75 ? , r gen =3 ? turn-off fall time turn-on delaytime total gate charge gate drain charge v gs =0v, v ds =-15v, f=1mhz switching parameters gate source charge gate resistance v gs =0v, v ds =0v, f=1mhz total gate charge v gs =-10v, v ds =-15v, i d =-20a a. the value of r ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air environment with t a =25c. the powe r dissipation p dsm is based on t<10s r ja and the maximum allowed junction temperature of 150c. the value in any given application depends on th e user's specific board design, and the maximum temperature of 175c may be used if the pcb allows it. b. the power dissipation p d is based on t j(max) =175c, using junction-to-case thermal resistance, and is more useful in setting the upper dissipation limit for cases where additional heatsinking is used. c: repetitive rating, pulse width limited by junction temperature t j(max) =175c. d. the r ja is the sum of the thermal impedence from junction to case r jc and case to ambient. e. the static characteristics in figures 1 to 6 are obtained using <300 us pulses, duty cycle 0.5% max. f. these curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsi nk, assuming a maximum junction temperature of t j(max) =175c. the soa curve provides a single pulse rating. g. the maximum current rating is limited by bond-wires. h. these tests are performed with the device mounted on 1 in 2 fr-4 board with 2oz. copper, in a still air environment with t a =25c. * this device is guaranteed green after date code 8p11 (june 1 st 2008) rev3:april, 2008 www.freescale.net.cn 2/6 AOL1413 p-channel enhancement mode field effect transistor
t c =100c t a =25c -55 to 175 typical electrical and thermal characteristics 0 10 20 30 40 50 60 70 012345 v ds (volts) figure 1: on-region characteristics i d (a) v gs =-4v -5v -4.5 v -10v 0 5 10 15 20 25 2 2.5 3 3.5 4 4.5 5 v gs (volts) figure 2: transfer characteristics i d (a) 0.0 10.0 20.0 30.0 40.0 0 5 10 15 20 25 i d (a) figure 3: on-resistance vs. drain current and gate voltage r ds(on) (m ? ) v gs =-10v 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 1.0e+02 0.0 0.2 0.4 0.6 0.8 1.0 v sd (volts) figure 6: body-diode characteristics i s (a) 25c 125c 0.8 1 1.2 1.4 1.6 1.8 0 50 100 150 200 temperature (c) figure 4: on-resistance vs. junction temperature normalized on-resistance v gs =-5v 0 10 20 30 40 50 0 5 10 15 20 v gs (volts) figure 5: on-resistance vs. gate-source voltage r ds(on) (m ? ) 25c 125c v ds =-5v v gs =-5 v i d =20a 25c 125c i d =-20a v gs =-10v www.freescale.net.cn 3/6 AOL1413 p-channel enhancement mode field effect transistor
typical electrical and thermal characteristic s t c =100c t a =25c -55 to 175 0 2 4 6 8 10 0 5 10 15 20 25 30 35 q g (nc) figure 7: gate-charge characteristics v gs (volts) 0 500 1000 1500 2000 2500 0 5 10 15 20 25 30 v ds (volts) figure 8: capacitance characteristics capacitance (pf) c iss 20 40 60 80 100 0.0001 0.001 0.01 0.1 1 10 100 pulse width (s) figure 10: single pulse power rating junction-to- case (note f) power (w) 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 pulse width (s) figure 11: normalized maximum transient thermal impedance (note f) z jc normalized transient thermal resistance c oss c rss 0.01 0.1 1 10 100 1000 0.01 0.1 1 10 100 v ds (volts) i d (amps) figure 9: maximum forward biased safe o p eratin g area ( note f ) 100 s 10ms 1ms dc r ds(on) limited t j(max) =175c t c =25c 10 s v ds =-15v i d =-20a single pulse d=t on /t t j,pk =t a +p dm .z jc .r jc r jc =4c/w t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, sin g le puls e t j(max) =175c t c =25c www.freescale.net.cn 4/6 AOL1413 p-channel enhancement mode field effect transistor
typical electrical and thermal characteristics 0 10 20 30 40 50 0 25 50 75 100 125 150 175 t case (c) figure 13: power de-rating (note b) power dissipation (w) 0 10 20 30 40 50 0 25 50 75 100 125 150 175 t case (c) figure 14: current de-rating (note b) current rating i d (a) 1 10 100 1000 10000 100000 0.0001 0.001 0.01 0.1 1 10 100 1000 pulse width (s) figure 15: single pulse power rating junction-to-ambient (note h) power (w) 0.0001 0.001 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 pulse width (s) figure 16: normalized maximum transient thermal impedance (note h) z ja normalized transient thermal resistance d=t on /t t j,pk =t a +p dm .z ja .r ja r ja =60c/w t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, sin g le puls e single pulse www.freescale.net.cn 5/6 AOL1413 p-channel enhancement mode field effect transistor
vdc ig vds dut vdc vgs vgs qg qgs qgd charge gate charge test circuit & w aveform - + - + -10v vdd vgs id vgs rg dut vdc vgs vds id vgs unclamped inductive switching (uis) test circuit & waveforms vds l - + 2 e = 1/2 li ar ar bv dss i ar ig vgs - + vdc dut l vgs isd diode recovery test circuit & waveforms vds - vds + di/dt rm rr vdd vdd q = - idt t rr -isd -vds f -i -i vdc dut vdd vgs vds vgs rl rg resistive switching test circuit & waveforms - + vgs vds tt t t t t 90% 10% r on d(off) f off d(on) www.freescale.net.cn 6/6 AOL1413 p-channel enhancement mode field effect transistor


▲Up To Search▲   

 
Price & Availability of AOL1413

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X