Part Number Hot Search : 
81003 EL7501CS TLP71607 G5240 S6008 PC910 DFR1AF1A SP483ECN
Product Description
Full Text Search
 

To Download AOK20N60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  AOK20N60 600v,20a n-channel mosfet v ds i d (at v gs =10v) 20a r ds(on) (at v gs =10v) < 0.37 w symbol the AOK20N60 is fabricated using an advanced high voltage mosfet process that is designed to deliver high levels of performance and robustness in popular ac- dc applications.by providing low r ds(on) , c iss and c rss along with guaranteed avalanche capability this parts can be adopted quickly into new and existing offline power supply designs. units parameter absolute maximum ratings t a =25c unless otherwise noted 700v@150 AOK20N60 g d s symbol v ds v gs i dm i ar e ar e as peak diode recovery dv/dt dv/dt t j , t stg t l symbol r q ja r q cs r q jc mj 0.3 6.5 c/w AOK20N60 units a c mj w w/ o c c/w 0.5 c/w 40 300 maximum junction-to-ambient a,d c power dissipation b p d v/ns -55 to 150 v 30 gate-source voltage 20 12 t c =100c a 80 pulsed drain current c continuous drain current t c =25c i d v units parameter drain-source voltage AOK20N60 600 maximum junction-to-case 417 3.3 avalanche current c 630 single plused avalanche energy g 1260 parameter maximum lead temperature for soldering purpose, 1/8" from case for 5 seconds junction and storage temperature range derate above 25 o c repetitive avalanche energy c t c =25c thermal characteristics maximum case-to-sink a 5 g d s general description features
symbol min typ max units 600 700 bv dss / ? tj 0.8 v/ o c 1 10 i gss gate-body leakage current 100 n a v gs(th) gate threshold voltage 3.2 3.8 4.5 v r ds(on) 0.29 0.37 w g fs 25 s v sd 0.69 1 v i s maximum body-diode continuous current 20 a i sm 80 a c iss 2448 3061 3680 pf c oss 190 273 360 pf c rss 13 22.8 35 pf r g 0.7 1.4 2.1 w q g 48 61 74 nc q gs 14 18 22 nc q gd 12 24 36 nc t d(on) 57 ns t r 125 ns t d(off) 128 ns v ds =5v, i d =250 m a v ds =480v, t j =125c v ds =0v, v gs =30v v drain-source breakdown voltage i d =250 a, v gs =0v, t j =25c i d =250 a, v gs =0v, t j =150c zero gate voltage drain current id=250 a, vgs=0v maximum body-diode pulsed current input capacitance output capacitance turn-on delaytime turn-off delaytime v gs =10v, v ds =300v, i d =20a, r g =25 w gate resistance v gs =0v, v ds =0v, f=1mhz total gate charge v gs =10v, v ds =480v, i d =20a dynamic parameters electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions i dss zero gate voltage drain current v ds =600v, v gs =0v m a bv dss static drain-source on-resistance v gs =10v, i d =10a reverse transfer capacitance v gs =0v, v ds =25v, f=1mhz switching parameters i s =1a,v gs =0v v ds =40v, i d =10a forward transconductance turn-on rise time gate source charge gate drain charge diode forward voltage t d(off) 128 ns t f 88 ns t rr 384 480 580 ns q rr 8 10.5 13 m c this product has been designed and qualified for th e consumer market. applications or uses as critical components in life support devices or systems are n ot authorized. aos does not assume any liability ar ising out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice. body diode reverse recovery charge i f =20a,di/dt=100a/ m s,v ds =100v turn-off delaytime g turn-off fall time body diode reverse recovery time i f =20a,di/dt=100a/ m s,v ds =100v a. the value of r q ja is measured with the device in a still air environm ent with t a =25 c. b. the power dissipation p d is based on t j(max) =150 c, using junction-to-case thermal resistance, and i s more useful in setting the upper dissipation limit for cases where additional heatsi nking is used. c. repetitive rating, pulse width limited by juncti on temperature t j(max) =150 c, ratings are based on low frequency and duty cycl es to keep initial t j =25 c. d. the r q ja is the sum of the thermal impedance from junction t o case r q jc and case to ambient. e. the static characteristics in figures 1 to 6 are obtained using <300 m s pulses, duty cycle 0.5% max. f. these curves are based on the junction-to-case t hermal impedance which is measured with the device mounted to a large heatsink, assuming a maximum junction temperature of t j(max) =150 c. the soa curve provides a single pulse rating. g. l=60mh, i as =6.5a, v dd =150v, r g =25 ? , starting t j =25 c AOK20N60 600v,20a n-channel mosfet
typical electrical and thermal characteristics 0 10 20 30 40 0 5 10 15 20 25 30 i d (a) v ds (volts) fig 1: on-region characteristics v gs =5.5v 6v 10v 6.5v 0.1 1 10 100 0 2 4 6 8 10 i d (a) v gs (volts) figure 2: transfer characteristics - 55 c v ds =40v 25 c 125 c 0.1 0.2 0.3 0.4 0.5 0.6 0 10 20 30 40 50 r ds(on) ( w w w w ) i d (a) figure 3: on - resistance vs. drain current and gate v gs =10v 0 0.5 1 1.5 2 2.5 3 -100 -50 0 50 100 150 200 normalized on-resistance temperature (c) figure 4: on-resistance vs. junction temperature v gs =10v i d =10a 40 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 1.0e+02 0.0 0.2 0.4 0.6 0.8 1.0 i s (a) v sd (volts) figure 6: body-diode characteristics (note e) 25 c 125 c 0 10 20 30 40 0 5 10 15 20 25 30 i d (a) v ds (volts) fig 1: on-region characteristics v gs =5.5v 6v 10v 6.5v 0.1 1 10 100 0 2 4 6 8 10 i d (a) v gs (volts) figure 2: transfer characteristics - 55 c v ds =40v 25 c 125 c 0.1 0.2 0.3 0.4 0.5 0.6 0 10 20 30 40 50 r ds(on) ( w w w w ) i d (a) figure 3: on-resistance vs. drain current and gate voltage v gs =10v 0 0.5 1 1.5 2 2.5 3 -100 -50 0 50 100 150 200 normalized on-resistance temperature (c) figure 4: on-resistance vs. junction temperature v gs =10v i d =10a 0.8 0.9 1 1.1 1.2 -100 -50 0 50 100 150 200 bv dss (normalized) t j (c) figure 5:break down vs. junction temparature AOK20N60 600v,20a n-channel mosfet
typical electrical and thermal characteristics 0 3 6 9 12 15 0 20 40 60 80 100 v gs (volts) q g (nc) figure 7: gate-charge characteristics v ds =480v i d =20a 10 100 1000 10000 0.1 1 10 100 capacitance (pf) v ds (volts) figure 8: capacitance characteristics c iss c oss c rss 0.01 0.1 1 10 100 1 10 100 1000 i d (amps) v ds (volts) 10 m s 10ms 1ms dc r ds(on) limited t j(max) =150 c t c =25 c 100 m s 0 5 10 15 20 25 0 25 50 75 100 125 150 current rating i d (a) t case ( c) figure 9: current de - rating (note b) 0 3 6 9 12 15 0 20 40 60 80 100 v gs (volts) q g (nc) figure 7: gate-charge characteristics v ds =480v i d =20a 10 100 1000 10000 0.1 1 10 100 capacitance (pf) v ds (volts) figure 8: capacitance characteristics c iss c oss c rss 0.01 0.1 1 10 100 1 10 100 1000 i d (amps) v ds (volts) figure 10: maximum forward biased safe operating area for AOK20N60 (note f) 10 m s 10ms 1ms dc r ds(on) limited t j(max) =150 c t c =25 c 100 m s 0 5 10 15 20 25 0 25 50 75 100 125 150 current rating i d (a) t case (c) figure 9: current de-rating (note b) 0.001 0.01 0.1 1 10 0.000001 0.00001 0.0001 0.001 0.01 0.1 1 10 z q q q q jc normalized transient thermal resistance pulse width (s) figure 11: normalized maximum transient thermal imp edance for AOK20N60 (note f) d=t on /t t j,pk =t c +p dm .z q jc .r q jc r q jc =0.3 c/w in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse single pulse t on t p d AOK20N60 600v,20a n-channel mosfet
- + vdc ig vds dut - + vdc vgs vgs 10v qg qgs qgd charge gate charge test circuit & waveform - + vdc dut vdd vgs vds vgs rl rg vgs vds 10% 90% resistive switching test circuit & waveforms t t r d(on) t on t d(off) t f t off vdd vgs id + l vgs vds bv i unclamped inductive switching (uis) test circuit & waveforms vds dss 2 e = 1/2 li ar ar - + vdc ig vds dut - + vdc vgs vgs 10v qg qgs qgd charge gate charge test circuit & waveform - + vdc dut vdd vgs vds vgs rl rg vgs vds 10% 90% res istive switching test circuit & waveforms t t r d(on) t on t d(off) t f t off vdd vgs id vgs rg dut - + vdc l vgs vds id vgs bv i unclamped inductive switching (uis) test circuit & waveforms ig vgs - + vdc dut l vds vgs vds isd isd diode recovery tes t circuit & waveforms vds - vds + i f ar dss 2 e = 1/2 li di/dt i rm rr vdd vdd q = - idt t rr ar ar AOK20N60 600v,20a n-channel mosfet


▲Up To Search▲   

 
Price & Availability of AOK20N60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X