Part Number Hot Search : 
5H0365R 102JE WM8594 LT1510CS FW100A9 05033 S2020 BT847
Product Description
Full Text Search
 

To Download 50SMDJ30CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for surface mounted applications in order to optimize board space. low profile package. built-in strain relief. glass passivated junction. low inductance. excellent clamping capability. repetition rate (duty cycle): 0.01%. fast response time: typically less than 1.0ps from 0 v olt to bv f or unidirectional types. typical i r less than 1a. high temperature soldering: 260c/10 seconds at terminals. m case: jedec do - 214ab. molded plastic over glass passivated junction. terminal: solder plated, solderable per mil-std-750, method 2026. polarity: color band denote s cathode except bidirectional. standard packaging: 16mm tape (eia std rs-481). weight: 0.007 ounce, 0.21 grams. m ng. 2. . mounted on 8.0mm x 8.0mm copper pads to each terminal. 3.es maximum. smc/do-214ab ratings at 25 ambient temperature unless otherwise specified. transient voltage suppressors 60'- series meritek f eatures m echanical d ata c m aximum r atings a nd c haracteristics notes: 1. non-repetitive current pulse, per fig. 3 and derated above t a =25 e r fig. 2. 2. mounted on 8.0mm x 8.0mm copper pads to each terminal. 3. 8.3ms single half sine-wave, or equivalent square wave, duty cycle = 4 pulses per minute maximum. rating symbol value unit peak pulse power dissipation on 10/1000 s waveform . (note 1, note 2, fig. 1) p ppm minimum 5, 000 watts peak pulse current o n 10/1000 s waveform. (note 1, fig. 3) i ppm see table amps steady state power dissipation at t l =75 , lead length s .375 (9.5mm). (note 2, fig. 5) p m(av) 6.5 watts peak forward surge current,8.3ms single half sine-wave superimposed on rated load . (jedec method) (note 3, fig. 6) i fsm 300 amps operating junction and storage temperature range. t j ,t stg -65 to +150    all specifications are subject to change without notice. 1 rev 7
part number device marking code reverse stand-off voltage breakdown voltage @i t breakdown voltage @i t test current maximum clamping voltage @i pp peak pulse current reverse leakage @v rwm uni-polar bi-polar uni bi v rwm (v) v br min. (v) v br max. (v) i t (ma) v c (v) i pp (a) i r (a) 5.0smdj11a 5.0smdj11ca 5pen 5ben 11.0 12.20 13.50 10 18.2 275.00 800 5.0smdj12a 5.0smdj12ca 5pep 5bep 12.0 13.30 14.70 10 19.9 252.00 800 5.0smdj13a 5.0smdj13ca 5peq 5beq 13.0 14.40 15.90 10 21.5 233.00 500 5.0smdj14a 5.0smdj14ca 5per 5ber 14.0 15.60 17.20 10 23.2 216.00 200 5.0smdj15a 5.0smdj15ca 5pes 5bes 15.0 16.70 18.50 1 24.4 205.00 100 5.0smdj16a 5.0smdj16ca 5pet 5bet 16.0 17.80 19.70 1 26.0 193.00 50 5.0smdj17a 5.0smdj17ca 5peu 5beu 17.0 18.90 20.90 1 27.6 181.00 20 5.0smdj18a 5.0smdj18ca 5pev 5bev 18.0 20.00 22.10 1 29.2 172.00 10 5.0smdj20a 5.0smdj20ca 5pew 5bew 20.0 22.20 24.50 1 32.4 155.00 5 5.0smdj22a 5.0smdj22ca 5pex 5bex 22.0 24.40 26.90 1 35.5 141.00 5 5.0smdj24a 5.0smdj24ca 5pez 5bez 24.0 26.70 29.50 1 38.9 129.00 5 5.0smdj26a 5.0smdj26ca 5pfe 5bfe 26.0 28.90 31.90 1 42.1 119.00 5 millimeters inches item min. max. min. max. l 6.60 7.11 0.260 0.280 d 5.59 6.22 0.220 0.245 d1 2.90 3.20 0.114 0.126 t 7.75 8.13 0.305 0.320 t1 0.76 1.52 0.030 0.060 d - 0.203 - 0.008 s 2.06 2.62 0.079 0.103 t 0.152 0.305 0.006 0.012 t s t1 d t d1 d l cathode band smc/do-214ab transient voltage suppressors 60'- series meritek p ackage d imensions s pecifications 2 rev 7
part number device marking code reverse stand-off voltage breakdown vo ltage @i t breakdown voltage @i t test current maximum clamping voltage @i pp peak pulse current reverse leakage @v rwm uni-polar bi-polar uni bi v rwm (v) v br min. (v) v br max. (v) i t (ma) v c (v) i pp (a) i r (a) 5.0smdj28a 5.0smdj28ca 5pfg 5bfg 28.0 31.10 34.40 1 45.4 110.00 5 5.0smdj30a 5.0smdj30ca 5pfk 5bfk 30.0 33.30 36.80 1 48.4 103.00 5 5.0smdj33a 5.0smdj33ca 5pfm 5bfm 33.0 36.70 40.60 1 53.3 93.90 5 5.0smdj36a 5.0smdj36ca 5pfp 5bfp 36.0 40.00 44.20 1 58.1 86.10 5 5.0smdj40a 5.0smdj40ca 5pfr 5bfr 40.0 44.40 49.10 1 64.5 77.60 5 5.0smdj43a 5.0smdj43ca 5pft 5bft 43.0 47.80 52.80 1 69.4 72.10 5 5.0smdj45a 5.0smdj45ca 5pfv 5bfv 45.0 50.00 55.30 1 72.7 68.80 5 5.0smdj48a 5pfx 48.0 53.30 58.90 1 77.4 64.70 5 5.0smdj51a 5pfz 51.0 56.70 62.70 1 82.4 60.70 5 5.0smdj54a 5rge 54.0 60.00 66.30 1 87.1 57.50 5 5.0smdj58a 5pgg 58.0 64.40 71.20 1 93.6 53.50 5 5.0smdj60a 5pgk 60.0 66.70 73.70 1 96.8 51.70 5 5.0smdj64a 5pgm 64.0 71.10 78.60 1 103.0 48.60 5 5.0smdj70a 5pgp 70.0 77.80 86.00 1 113.0 44.30 5 5.0smdj75a 5pgr 75.0 83.30 92.10 1 121.0 41.40 5 5.0smdj78a 5pgt 78.0 86.70 95.80 1 126.0 39.70 5 5.0smdj85a 5pgv 85.0 94.40 104.00 1 137.0 36.50 5 5.0smdj90a 5pgx 90.0 100.00 111.00 1 146.0 34.30 5 5.0smdj100a 5pgz 100.0 111.00 123.00 1 162.0 30.90 5 5.0smdj110a 5phe 110.0 122.00 135.00 1 177.0 28.30 5 5.0smdj120a 5phg 120.0 133.00 147.00 1 193.0 26.00 5 5.0smdj130a 5phk 130.0 144.00 159.00 1 209.0 24.00 5 5.0smdj150a 5phm 150.0 167.00 185.00 1 243.0 20.60 5 5.0smdj160a 5php 160.0 178.00 197.00 1 259.0 19.30 5 5.0smdj170a 5phr 170.0 189.00 209.00 1 275.0 18.20 5 note: for b idirectional type having v rwm of 10 volts and less, the i r limit double s. transient voltage suppressors 60'- series meritek 3 rev 7
0.1 1 10 100 1000 0.000001 0.00001 0.0001 0.001 t d -pulse width (sec.) p ppm -peak pulse power (kw) 0.0000001 0 20 40 60 80 100 0 25 50 75 100 125 150 175 peak pulse power (p pp ) or current (i pp ) derating in percentage % t a - ambient temperature (oc) i ppm - peak pulse current, % i rsm 0 0 50 100 150 1.0 2.0 3.0 4.0 t r =10sec peak value i ppm i ppm 2 t j =25c pulse width(td) is de ?ned as the point where the peak current decays to 50% of i ppm 10/1000sec. waveform as de?ned by r.e.a t d t-time (ms) half value i ppm ( ) 1 10 100 1000 10000 100000 1.0 10.0 100.0 1000.0 cj (pf) v br - reverse breakdown voltage (v) bi-directional v = ov uni-directional @ vr bi-directional @ vr uni-directional v = ov 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 0 25 50 75 100 125 150 175 p m(av) , steady state power dissipation (w) t a -ambient temperature (oc) 1 10 100 number of cycles at 60 hz 0 50 100 150 200 250 300 350 i fsm - peak forward surge current (a) transient voltage suppressors 60'- series meritek figure 1 - peak pulse power rating curve figure 2 - pulse derating curve figure 3 - pulse waveform figure 4 - typical junction capacitance figure 5 - steady state power dissipation derating curve figure 6 - maximum non-repetitive forward surge current uni-directional only r ating and c haracteristic c urves (t a : 25c unless otherwise specified) 4 rev 7


▲Up To Search▲   

 
Price & Availability of 50SMDJ30CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X