Part Number Hot Search : 
2N603 AS8202N GR3AB IRFF133 74ALVC 2SB817E SK170 IRFSL
Product Description
Full Text Search
 

To Download 2SK2887 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd type ic www.kexin.com.cn 1 mosfet smd type 2.3 0.60 +0.1 -0.1 6.50 +0.15 -0.15 1.50 +0.15 -0.15 0.80 +0.1 -0.1 4.60 +0.15 -0.15 0.50 +0.15 -0.15 9.70 +0.2 -0.2 5.30 +0.2 -0.2 2.30 +0.1 -0.1 0.50 +0.8 -0.7 5.55 +0.15 -0.15 2.65 +0.25 -0.1 1.50 +0.28 -0.1 0.127 max 3 .8 0 to-252 unit: mm 1gate 2drain 3source n-channel silicon mosfet 2SK2887 features low on-resistance. fast switching speed. wide soa (safe operating area). gate-source voltage (v gss ) guaranteed to be 30v. easily designed drive circuits. easy to parallel. absolute maximum ratings ta = 25 parameter symbol rating unit drain to source voltage v dss 200 v gate to source voltage v gss 30 v i d 3a i dp *12 a power dissipation p d 20 w channel temperature t ch 150 storage temperature t stg -55to+150 *pw 10 s,duty cycle 1% drain current electrical characteristics ta = 25 parameter symbol testconditons min typ max unit drain to source breakdown voltage v dss i d =1ma,v gs =0 200 v drain cut-off current i dss v ds =200v,v gs =0 100 a gate leakage current i gss v gs = 30v,v ds =0 100 na gate threshold voltage v gs(th) v ds =10v,i d =1ma 2.0 4.0 v forward transfer admittance y fs v ds =10v,i d =1.5a 0.6 1.5 s drain to source on-state resistance r ds(on) v gs =10v,i d =1.5a 0.7 0.9 input capacitance c iss 230 pf output capacitance c oss 100 pf reverse transfer capacitance c rss 35 pf turn-on delay time t on 10 ns rise time t r 12 ns turn-off delay time t off 26 ns fall time tf 34 ns reverse recovery time t rr 96 ns reverse recovery charge qrr 0.56 c v ds =10v,v gs =0,f=1mhz i d =1.5a,v gs(on) =10v,r l =68 ,rg=10 ,v dd =100v i dr =3a,v gs =0v,d i /d t =100a/ s


▲Up To Search▲   

 
Price & Availability of 2SK2887

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X