30 silicon pnp epitaxial planar transistor (complement to type 2sc4511) application : audio and general purpose symbol v cbo v ceo v ebo i c i b p c tj t stg ratings ?0 ?0 ? ? ? 30(tc=25?) 150 ?5 to +150 unit v v v a a w ? ? n absolute maximum ratings n electrical characteristics n typical switching characteristics (common emitter) symbol i cbo i ebo v (br)ceo h fe v ce (sat) f t c ob ratings ?0 max ?0 max ?0 min 50 min * ?.5 max 20 typ 150 typ unit m a m a v v mhz pf conditions v cb =?0v v eb =?v i c =?5ma v ce =?v, i c =?a i c =?a, i b =?.2a v ce =?2v, i e =0.5a v cb =?0v, f=1mhz 2sa1725 (ta=25?) (ta=25?) i c v ce characteristics (typical) h fe i c characteristics (typical) safe operating area (single pulse) h fe i c temperature characteristics (typical) i c v be temperature characteristics (typical) v ce (sat) i b characteristics (typical) pc ta derating 0 0 ? ? ? ? ? ? ? ? ? ? collector-emitter voltage v ce (v) collector current i c (a) ?00ma ?50ma ?00ma ?0ma ?0ma ?0ma ?0ma i b =?0ma 0 ? ? ? 0 ?.0 ?.5 ?.5 base current i b (a) collector-emitter saturation voltage v ce(sat) (v) i c =?a ?a ?a ?.02 ?.1 ?.5 ? ? ? 30 50 100 300 collector current i c (a) dc current gain h fe (v ce =?v) typ ? ? ?0 ?00 ?0 ?.05 ?.1 ? ?.5 ?0 ?0 ? collector-emitter voltage v ce (v) collector current i c (a) without heatsink natural cooling dc 10ms 100ms 0.02 0.1 0.05 0.5 1 5 6 0 20 10 30 cut-off frequency f t (mh z ) (v ce =?2v) emitter current i e (a) typ 0.4 0.5 5 1 1 10 100 1000 2000 time t(ms) transient thermal resistance q j-a (?c/w) q j-a t characteristics f t i e characteristics (typical) 30 20 10 2 0 0 25 50 75 100 125 150 ambient temperature ta(?c) maximum power dissipation p c (w) with infinite heatsink without heatsink 0 ? ? ? 0 ?.5 ? base-emittor voltage v be (v) collector current i c (a) (v ce =?v) 125?c (case temp) 25?c (case temp) ?0?c (case temp) (v ce =?v) ?.02 ?.1 ?.5 ? ? ? 30 50 100 300 dc current gain h fe 125?c 25?c ?0?c collector current i c (a) ?.5 v cc (v) ?0 r l ( ) 10 i c (a) ? v bb2 (v) 5 i b2 (a) 0.3 t on ( m s) 0.18typ t stg ( m s) 1.10typ t f ( m s) 0.21typ i b1 (a) ?.3 v bb1 (v) ?0 external dimensions fm20(to220f) ?.3 ?.2 10.1 ?.2 4.0 ?.2 16.9 ?.3 13.0min 8.4 ?.2 0.8 ?.2 3.9 ?.2 2.54 2.54 1.35 ?.15 0.85 +0.2 -0.1 1.35 ?.15 2.2 ?.2 4.2 ?.2 2.8 c 0.5 2.4 ?.2 0.45 +0.2 -0.1 be c a b weight : approx 2.0g a. part no. b. lot no. * h fe rank o(50 to 100), p(70 to 140), y(90 to 180)
|