Part Number Hot Search : 
VC125A 103EDT SIHF9520 E002607 BZX84C10 L2012 14124 TC2263
Product Description
Full Text Search
 

To Download 284TBDS102A25AT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  industrial 16mm size slim conductive plastic precision rotary sensor features series 284 1 - 2 ? 2012 cts corporation. all rights reserved. information subjec t to change. 02/16/12 cts electrocomponents www.ctscorp.com data sheet precision potentiometer ? electrocomponents electrical and mechanical specifications resistance range 1 k through 500 k ohms, linear resistance tolerance power rating 0.25 watts @ 55c maximum operating voltage 350 vdc rotation angle rotational torque stop strength 9 kgf-cm minimum mounting information insulation resistance dielectric strength 500 vdc for 1 minute push-pull strength of shaft rotational life temperature solder heat resistance linearity ingress protection rating vibration 100 megohms minimum @ 100 vdc total rotational angle : 250 effective electrical angle : 60, 220 ip40 : 3~30 gf-cm ip54 & ip67 : 20~120 gf-cm 10%, 20% 13.6 kg for 10 seconds bushing mount 2% operating : -40 c - 125c storage : -55 c - 150c 350 c for 5 seconds ip40, ip54, ip67 15g, 10 to 2000 hz 3m cycles (60 effective electrical angle) 2m cycles (220 effective electrical angle) up to 3 million life cycles
ordering information 284t metal shaft, bushing mount, solder lug terminal 02/16/12 please consult factory for custom or not listed features. a - 10% b - 20% resist t ol examples: resis t ance code examples shaft length l b terminal style t- solder lug bushing mount a cod e resistance 102 1k 103 10k 503 50k 104 100k 504 500k length examples: linearity 284 mm inch a - 5.0 mm 2 - .250 b - 7.5 mm 3 - .375 c - 10.0 mm 4 - .500 mm inch 1 - .625 2 - .750 3 - .875 4 - 1.000 a - 10 mm b - 15 mm c - 20 mm d - 25 mm t a a r 103 a 2 2 2 - 2% notes: shaft diameter: metric unit: 6mm, imperial unit: .125 incremental length : metric unit: 5mm, imperial unit: .125 ip rating 4 - ip40 1 rotation angle angle life a - 220 2m cycles b - 60 3m cycles locating lug g 1 - left, 7.3 mm 5 - 1.125 e - 30 mm 2 - 2 cts electrocomponents ? 2012 cts corporation. all rights reserved. information subjec t to change. www.ctscorp.com 6.3 0.3 1.1 l a wiper cw ccw clockwise circuit 1 2 3 1.3 g 20.8 2.5 dimension: m m i n c h .819 .051 .098 .248 .012 .043 5 - ip54 6 - ip67 shaft trim f - flatted r - round s - slotted y z x y x imperial shaft metric shaft .125 6.00 x y imperial shaft metric shaft .125 6.00 .076 4.00 x z .156 5.00 z x x y imperial shaft metric shaft .125 6.00 .039 1.57 z .047 1.00 note: angle means effective electric angle notes: incremental length : metric unit: 2.5mm, imperial unit: .125 bushing dia. & thread: metric unit: m7 x .75p imperial unit: 1/4-32 unef metal shaft trim 16.0 9.94 mtg surface k - slot & knurled 2 4 teeth y x x y imperial shaft metric shaft .236 6.00 .062 1.57 z .157 4.00 z r round f s slotted - flatted - - k slot & knurled - note: contact cts for shaft sizes not listed note: contact cts for shaft sizes not listed


▲Up To Search▲   

 
Price & Availability of 284TBDS102A25AT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X