Part Number Hot Search : 
7070585 MAZD200 00RL7 78F003 FW343 A1000 GPF1007 A607ERU
Product Description
Full Text Search
 

To Download 22-23-5054 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c-130 mx01 2.54mm (.100") pitch c features and specifications 2.54mm (.100") pitch kk solid header 43009 vertical features and bene?s sizes 2 to 10 circuits kinked solder tails for retention to pcb optional friction lock provides passive lock to connector with ramp various pin lengths available reference information product speci?ation: ps-10-07 packaging: bag ul file no.: e29179 csa file no.: lr19980 mates with: 2695, 4455, 6471, 7720, 7880 and 40555 designed in: inches electrical voltage: 250v current: 4.0a contact resistance: 20m ? max. dielectric withstanding voltage: 1500v insulation resistance: 50k m ? min. mechanical durability: 25 cycles physical housing: polyester, ul 94v-0 contact: brass, 0.64mm (.025") square plating: tin operating temperature: 0 to +75?c catalog drawing (for reference only) ordering information and dimensions note: circuit 1 designation is used to orient the header to locate the voided circuit. review mating connector to assure correct mating orientation. circuits tin order no. dimension vertical kinked a b 0 2 22-23-5024 22-23-5021 4.95 (.195) 2.54 (.100) 0 3 22-23-5034 22-23-5031 7.49 (.295) 5.08 (.200) 0 4 22-23-5044 22-23-5041 10.03 (.395) 7.62 (.300) 0 5 22-23-5054 22-23-5051 12.57 (.495) 10.16 (.400) 0 6 22-23-5064 22-23-5061 15.11 (.595) 12.70 (.500) 0 7 22-23-5074 22-23-5071 17.65 (.695) 15.24 (.600) 0 8 22-23-5084 22-23-5081 20.19 (.795) 17.78 (.700) 0 9 22-23-5094 22-23-5091 22.73 (.895) 20.32 (.800) 10 22-23-5104 22-23-5101 25.27 (.995) 22.86 (.900)


▲Up To Search▲   

 
Price & Availability of 22-23-5054

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X