Part Number Hot Search : 
2SC36 FP1015 NJU3401 R7004404 2SD2624 ESS3207 AT24C02 Q800312
Product Description
Full Text Search
 

To Download 0464002DR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  77 ? 2009 littelfuse, inc. specifications are subject to change without notice. surface mount fuses nano 2? > 250v umf > fast-acting > 464 series 464 series please refer to www.littelfuse.com/series/464.html for current information. 464 series 464 series fuse description agency approvals electrical characteristics for series features t 'btu"dujoh t -jtufeup*&$  6ojwfstbm.pevmbs 'vtf-jolt 6.'
 7 t 7"$7pmubhfsbujoh t 3p)4dpnqmjbouboe )bmphfo'sff ps e % of ampere rating opening time  ipvs .jojnvn  njovuft .byjnvn  tfd .jotfd .by agency agency file number ampere range ps e nbk30502-e108480a 1a - 6.3a e184655a,b 500ma - 6.3a electrical specifications by item ampere rating (a) amp code max voltage rating (v) interrupting rating nominal cold resistance (ohms) nominal melting i  t (a 2 sec) nominal voltage drop (mv) agency approvals ps e    bnqfsft !7"$    y       y       yy       yy       yy       yy       yy       yy       yy       yy       y y 5if4vsgbdf.pvou/bop  76.'qspevdugbnjmz dpnqmjftxjui*&$1vcmjdbujpo*&$6ojwfstbm .pevmbs'vtf-jolt<6.'>5ijt*&$tuboebseibtcffo bddfqufecz6-$4"nbljohjuuif?stuhmpcbmgvtf tuboebse applications t 1pxfstvqqmz t -jhiujohtztufn t 8ijufhppet t *oevtusjbmfrvjqnfou t .fejdbmfrvjqnfou notes: - l 2 t calculated at 8ms. - resistance is measured at 10% of rated current, 25oc - for information and availability of additional ratings please contact littelfuse revised: september 11, 2009
introduction to circuit protection introduction to circuit protection transientology 78 ? 2009 littelfuse, inc. specifications are subject to change without notice. surface mount fuses 464 series nano 2? > 250v vvumf > fast-acting > 464 series please refer to www.littelfuse.com/series/464.html for current information. average time current curves 100 100 10 1 0.1 0.01 0.001 1 10 1000 0.1 1.00 a 1.25 a 1.60 a 2.00 a 2.50 a 3.15 a time in seconds current in amperes 4.00 a 5.00 a 6.30 a .50 a .80 a reflow condition 1co'sffbttfncmz pre heat - temperature min (t s(min) ) ?$ - temperature max (t s(max) ) ?$ - time (min to max) (t s ) otfdt average ramp up rate (liquidus temp (t l ) to peak ?$tfdpoenby t s(max) to t l - ramp-up rate ?$tfdpoenby reflow - temperature (t l ) (liquidus) ?$ - temperature (t l ) otfdpoet peak temperature (t p )   ?$ time within 5c of actual peak temperature (t p ) otfdpoet ramp-down rate ?$tfdpoenby time 25c to peak temperature (t p ) njovuftnby do not exceed ?$ soldering parameters temperature rerating curve wave soldering parameters ?$1fbl 5fnqfsbuvsf  tfdpoetnby /puf  %fsbujohefqjdufejouijtdvswfjtjobeejujpoupuiftuboeb seefsbujohpggps dpoujovpvtpqfsbujpo time temperature t p t l t s(max) t s(min) 25 t p t l t s time to peak temperature (t 25oc to peak) ramp-down ramp-up preheat critical zone t l to t p
79 ? 2009 littelfuse, inc. specifications are subject to change without notice. surface mount fuses nano 2? > 250v umf > fast-acting > 464 series 464 series please refer to www.littelfuse.com/series/464.html for current information. 464 series materials #pez$fsbnjd  5fsnjobujpot4jmwfsqmbufe$bqt product marking #sboe "nqfsf3bujoh 7pmubhf3bujoh  6.'-php operating temperature ?$up?$ moisture sensitivity level -fwfm +45%$ solderability *&$ insulation resistance (after opening) *&$ .pinnjo!7%$
thermal shock .*-45% .fuipe 5ftu $poejujpo# dzdmft ?$ ?$ mechanical shock .*-45% .fuipe 5ftu $poejujpo" vibration .*-45% .fuipe )[
moisture resistance .*-45% .fuipe dzdmft salt spray .*-45% .fuipe 5ftu $poejujpo# ist
resistance to soldering heat *&$ product characteristics dimensions packaging part numbering system packaging option packaging specification quantity quantity & packaging code nn5bqfboe3ffm &*"34 *&$ qbsu
 %3 0464 001. d r series amp code * quantity code packaging code 3fgfsup&mfdusjdbm $ibsbdufsjtujdtubcmf %qdt 35bqfboe3ffm *example: bnqqspevdujt 02.5 %3 bnqqspevdutipxobcpwf
 reflow solder f 2.8 (.11") 12.1 (.475") 4.5 (.177") 6.7 (.264") 6.8 (.264") wave solder 3.5 (.14") ac250v f500mal 6.9 (.27") 5.6 (.22") 5.6 (.22") 4.5 (.177") height end cap top view recommended pad layout
introduction to circuit protection introduction to circuit protection transientology 80 ? 2009 littelfuse, inc. specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of 0464002DR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X