Part Number Hot Search : 
15KPA20 W137H MC7905BT 01MLB RN2306 NTE15 W16NK60Z 4K99FKE
Product Description
Full Text Search
 

To Download VWO40-14IO7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2008 ixys all rights reserved 1 - 2 g vwo 40 20080828a ixys reserves the right to change limits, test conditions and dimensions features  thyristor controller for ac (circuit w3c acc. to iec) for mains frequency ? package with metal base plate ? isolation voltage 3000 v~ ? planar passivated chips ? ul applied applications ? switching and control of three phase ac circuits ? softstart ac motor controller ? solid state switches ? light and temperature control advantages ? easy to mount with two screws ? space and weight savings ? improved temperature and power cycling ? high power density symbol conditions maximum ratings i rms t c = 85c, 50 - 400 hz (per phase) 40 a i trms t vj = t vjm 29 a i tavm t c = 85c; (180 sine) 18 a i tsm t vj = 45c t = 10 ms (50 hz), sine 400 a v r = 0 t = 8.3 ms (60 hz), sine 450 a t vj = t vjm t = 10 ms (50 hz), sine 360 a v r = 0 t = 8.3 ms (60 hz), sine 390 a i 2 t t vj = 45c t = 10 ms (50 hz), sine 800 a 2 s v r = 0 t = 8.3 ms (60 hz), sine 850 a 2 s t vj = t vjm t = 10 ms (50 hz), sine 650 a 2 s v r = 0 t = 8.3 ms (60 hz), sine 640 a 2 s (di/dt) cr t vj = t vjm repetitive, i t = 150 a 100 a/s f =50 hz, t p =200 s v d = 2 / 3 v drm i g = 0.3 a non repetitive, i t = i tavm 500 a/s di g /dt = 0.3 a/s (dv/dt) cr t vj = t vjm ;v dr = 2 / 3 v drm 1000 v/s r gk = ; method 1 (linear voltage rise) p gm t vj = t vjm t p = 30 s 10 w i t = i tavm t p = 300 s 5 w p gavm 0.5 w v rgm 10 v t vj -40...+125 c t vjm 125 c t stg -40...+125 c v isol 50/60 hz, rms t = 1 min 2500 v~ i isol < 1 ma t = 1 s 3000 v~ m d mounting torque (m5) 5/44 15% nm/lb.in. terminal connection torque (m3; m5) 1.5/13 15% nm/lb.in. weight typ. 180 g v rsm v rrm type v dsm v drm vv 1200 1200 vwo 40-12io7 1400 1400 vwo 40-14io7 1600 1600 vwo 40-16io7 data according to iec 60747 refer to a single thyristor/diode unless otherwise stated. three phase ac controller modules i rms = 40 a v rrm = 1200-1600 v preliminary data 14 1 16 2 17 3 710 811 913 3 2 1 9 8 7 16 14 17 10 11 13 p h a s e - o u t
? 2008 ixys all rights reserved 2 - 2 g vwo 40 20080828a ixys reserves the right to change limits, test conditions and dimensions symbol conditions characteristic values i d , i r t vj = t vjm ; v r = v rrm ; v d = v drm <5ma v t i t = 80 a; t vj = 25c < 1.65 v v t0 for power-loss calculations only 0.85 v r t 15 m v gt v d = 6 v t vj = 25c < 1.0 v t vj = -40c < 1.6 v i gt v d = 6 v t vj = 25c < 100 ma t vj = -40c < 150 ma v gd t vj = t vjm v d = 2 / 3 v drm < 0.2 v i gd <5ma i l t vj = 25c; t p = 10 s < 200 ma i g = 0.3 a; di g /dt = 0.3 a/s i h t vj = 25c; v d = 6 v; r gk = < 150 ma t gd t vj = 25c; v d = ?v drm <2s i g = 0.3 a; di g /dt = 0.3 a/s t q t vj = t vjm ; i t = 20 a, t p = 200 s; di/dt = -10 a/s typ. 150 s v r = 100 v; dv/dt = 15 v/s; v d = 2 / 3 v drm r thjc per thyristor; sine 180el 1.43 k/w per module 0.238 k/w r thjk per thyristor; sine 180el 1.53 k/w per module 0.255 k/w d s creeping distance on surface 8.0 mm d a creepage distance in air 4.5 mm a max. allowable acceleration 50 m/s 2 dimensions in mm (1 mm = 0.0394") p h a s e - o u t


▲Up To Search▲   

 
Price & Availability of VWO40-14IO7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X