Part Number Hot Search : 
ST3353 P7N50 BR1632A 7101P2 1N2837B M54566WP IRFIZ PI3B1
Product Description
Full Text Search
 

To Download UHF5JT-E3-4W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  new product uh5jt & uh5jt vishay general semiconductor document number: 88999 revision: 13-may-08 for technical questions within your r egion, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com www.vishay.com 1 high voltage ultrafast rectifier features ? oxide planar chip junction ? ultrafast recovery time ? soft recovery characteristics ? low switching losses, high efficiency ? high forward surge capability ? solder dip 260 c, 40 s ? component in accordance to rohs 2002/95/ec and weee 2002/96/ec typical applications for use in high voltage continuous mode power factor correctors (ccm pfc), switching mode power supplies, freewheeling diodes and secondary dc-to-dc rectification application. mechanical data case: to-220ac, ito-220ac epoxy meets ul 94v-0 flammability rating terminals: matte tin plated leads, solderable per j-std-002 and jesd22-b102 e3 suffix for consumer grade, meets jesd 201 class 1a whisker test polarity: as marked mounting torque: 10 in-lbs maximum primary characteristics i f(av) 5 a v rrm 600 v i fsm 60 a t rr 25 ns v f at i f = 5.0 a 1.39 v t j max. 175 c to-220ac 1 2 pin 1 pin 2 case uh5jt ito-220ac pin 1 pin 2 uhf5jt 1 2 maximum ratings (t c = 25 c unless otherwise noted) parameter symbol uh5jt uhf5jt unit maximum repetitive peak reverse voltage v rrm 600 v maximum average forward rectified current (fig. 1) i f(av) 8a peak forward surge current 8.3 ms single half sine-wave superimposed on rated load i fsm 60 a isolation voltage (ito-220ac only) from terminal to heatsink t = 1 min v ac 1500 v operating junction and storage temperature range t j , t stg - 55 to + 175 c electrical characteristics (t c = 25 c unless otherwise noted) parameter test conditions symbol typ. max. unit instantaneous forward voltage (1) i f = 2.5 a i f = 5.0 a t a = 25 c v f 1.71 2.3 - 3.0 v i f = 2.5 a i f = 5.0 a t a = 125 c 1.13 1.39 - 1.8
new product uh5jt & uh5jt vishay general semiconductor www.vishay.com for technical questions within your region, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com document number: 88999 revision: 13-may-08 2 notes: (1) pulse test: 300 s pulse width, 1 % duty cycle (2) pulse test: pulse width 40 ms ratings and characteristics curves (t a = 25 c unless otherwise noted) reverse current (2) v r = 600 v t a = 25 c t a = 125 c i r - - 5.0 100 a maximum reverse recovery time i f = 0.5 a, i r = 1.0 a, i rr = 0.25 a t rr -25 ns i f = 1.0 a, di/dt = 50 a/s, v r = 30 v, i rr = 0.1 i rm -40 typical softness factor (t b /t a ) i f = 5 a, di/dt = 200 a/s, v r = 400 v, t j = 125 c s0.55 - - typical reverse recovery current i rm 5.8 7.0 a typical stored charge q rr 140 - nc typical forward recovery time i f = 5 a, di/dt = 40 a/s, v f = 1.1 x v f max. t fr 160 - ns electrical characteristics (t c = 25 c unless otherwise noted) parameter test conditions symbol typ. max. unit thermal characteristics (t c = 25 c unless otherwise noted) parameter symbol uh5jt uhf5jt unit typical thermal resistance from junction to case r jc 3.0 6.6 c/w ordering information (example) package preferred p/n unit weight (g) package code base quantity delivery mode to-220ac uh5jt-e3/4w 1.83 4w 50/tube tube ito-220ac uhf5jt-e3/4w 1.70 4w 50/tube tube figure 1. maximum forward current derating curve 0 1 2 3 4 5 6 0 25 50 75 100 125 150 175 resisti v e or ind u cti v e load a v erage for w ard c u rrent (a) case temperat u re (c) uh5jt uhf5jt figure 2. forward power loss characteristics 0 1 2 3 4 5 6 7 8 9 0123456 d = 0.1 d = 0.2 d = 0.3 d = 0.5 d = 0. 8 d = 1.0 a v erage for w ard c u rrent (a) a v erage po w er loss ( w ) d = t p /t t p t
new product uh5jt & uh5jt vishay general semiconductor document number: 88999 revision: 13-may-08 for technical questions within your r egion, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com www.vishay.com 3 package outline dimensions in inches (millimeters) figure 3. typical instantaneous forward characteristics figure 4. typical reverse leakage characteristics 0.01 0.1 1 10 100 0 0.3 0.6 0.9 1.2 1.5 1. 8 2.1 2.4 2.7 3.0 t a = 175 c t a = 150 c t a = 25 c instantaneo u s for w ard v oltage ( v ) instantaneo u s for w ard c u rrent (a) 0.01 0.1 1 10 100 1000 10 20 30 40 50 60 70 8 0 90 100 percent of rated peak re v erse v oltage ( % ) instantaneo u s re v erse c u rrent ( a) t a = 175 c t a = 150 c t a = 25 c figure 5. typical junction capacitance figure 6. typical transient thermal impedance 1 10 100 0.1 1 10 100 re v erse v oltage ( v ) j u nction capacitance (pf) t j = 25 c f = 1.0 mhz v sig = 50 m v p-p 1 10 0.01 0.1 1 10 100 t - p u lse d u ration (s) transient thermal impedance (c/ w ) j u nction to case to-220ac case pi n 2 pi n 1 0.635 (16.13) 0.625 (15. 8 7) 0.415 (10.54) max. 0.154 (3.91) dia. 0.14 8 (3.74) dia. 0.113 (2. 8 7) 0.103 (2.62) 0.370 (9.40) 0.360 (9.14) pi n 12 0.160 (4.06) 0.140 (3.56) 0.057 (1.45) 0.045 (1.14) 0.105 (2.67) 0.095 (2.41) 0.037 (0.94) 0.027 (0.6 8 ) 0.205 (5.20) 0.195 (4.95) 0.022 (0.56) 0.014 (0.36) 1.14 8 (29.16) 1.11 8 (2 8 .40) 0.560 (14.22) 0.530 (13.46) 0.110 (2.79) 0.100 (2.54) 0.350 ( 8 . 8 9) 0.330 ( 8 .3 8 ) 0.145 (3.6 8 ) 0.135 (3.43) 0.603 (15.32) 0.573 (14.55) 0.055 (1.39) 0.045 (1.14) 0.1 8 5 (4.70) 0.175 (4.44) ito-220ac pi n 1 2 0.025 (0.64) 0.015 (0.3 8 ) 0.404 (10.26) 0.3 8 4 (9.75) 0.076 (1.93) ref. 0.076 (1.93) ref. 45 ref. 0.600 (15.24) 0.5 8 0 (14.73) 0.560 (14.22) 0.530 (13.46) 0.035 (0. 8 9) 0.025 (0.64) 0.205 (5.21) 0.195 (4.95) 0.191 (4. 8 5) 0.171 (4.35) 0.057 (1.45) 0.045 (1.14) 0.671 (17.04) 0.651 (16.54) 0.02 8 (0.71) 0.020 (0.51) 0.110 (2.79) 0.100 (2.54) 7 ref. 7 ref. 7 ref. 0.350 ( 8 . 8 9) 0.330 ( 8 .3 8 ) 0.140 (3.56) dia. 0.125 (3.17) dia. 0.135 (3.43) dia. 0.122 (3.0 8 ) dia. 0.110 (2.79) 0.100 (2.54) 0.190 (4. 8 3) 0.170 (4.32)
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of UHF5JT-E3-4W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X