Part Number Hot Search : 
N06LG 005000 1SS35 BFP420F VN2460 ADG143 T37118 N06LG
Product Description
Full Text Search
 

To Download TDA2005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TDA2005 20w bridge amplifier for car radio october 1998 1 2 3 4 5 6 7 9 10 11 8 bootstrap(1) input-(1) svrr gnd input-(2) input+(2) output(2) +v s output(1) input+(1) tab connected to pin 6 d95au318 bootstrap(2) pin connection multiwatt11 ordering numbers : TDA2005m (bridge appl.) TDA2005s (stereo appl.) ? high output power : p o = 10 + 10 w@r l =2 w , d = 10% ; p o = 20w@r l =4 w ,d=1%. high reliability of the chip and package with addi- tional complete safety during operation thanks to protection against : . output dc and ac short circuit to ground . overrating chip temperature . load dump voltage surge . fortuitous open ground . very inductive loads flexibility in use : bridge or stereo booster ampli- fiers with or without boostrap and with programma- ble gain and bandwidth. space and cost saving : very low number of external components, very simple mounting sys- tem with no electrical isolation between the pack- age and the heatsink (one screw only). in addition, the circuit offers loudspeaker protec- tion during short circuit for one wire to ground. description the TDA2005 is class b dual audio power amplifier in multiwatt ? package specifically designed for car radio application : power booster amplifiers are easily designed using this device that provides a high current capability (up to 3.5 a) and that can drive very low impedance loads (down to 1.6 w in absolute maximum ratings symbol parameter value unit v s operating supply voltage 18 v v s dc supply voltage 28 v v s peak supply voltage (for 50 ms) 40 v i o (*) output peak current (non repetitive t = 0.1 ms) 4.5 a i o (*) output peak current (repetitive f 10 hz) 3.5 a p tot power dissipation at t case =60 c 30 w t stg ,t j storage and junction temperature 40 to 150 c (*) the max. output current is internally limited. 1/20
schematic diagram thermal data symbol parameter value unit r th j-case thermal resistance junction-case max. 3 c/w TDA2005 2/20
figure 1 : test and application circuit (bridge amplifier) figure 2 : p.c. board and components layout of figure 1 (1:1 scale) bridge amplifier application (TDA2005m) TDA2005 3/20
electrical characteristics (refer to the bridge applicationcircuit, t amb =25 o c, g v = 50db, r th (heatsink )=4 o c/w, unless otherwise specified) symbol parameter test conditions min. typ. max. unit v s supply voltage 8 18 v v os output offset voltage (1) (between pin 8 and pin 10) v s = 14.4v v s = 13.2v 150 150 mv mv i d total quiescent drain current v s = 14.4v r l =4 w v s = 13.2v r l = 3.2 w 75 70 150 160 ma ma p o output power d = 10% f = 1 hz v s = 14.4v r l =4 w r l = 3.2 w v s = 13.2v r l = 3.2 w 18 20 17 20 22 19 w d distortion f = 1khz v s = 14.4v r l =4 w p o = 50mw to 15w v s = 13.2v r l = 3.2 w p o = 50mw to 13w 1 1 % % v i input sensitivity f = 1khz p o =2w r l =4 w p o =2w r l = 3.2 w 9 8 mv mv r i input resistance f = 1khz 70 k w f l low frequency roll off ( 3db) r l = 3.2 w 40 hz f h high frequency roll off ( 3db) r l = 3.2 w 20 khz g v closed loop voltage gain f = 1khz 50 db e n total input noise voltage r g = 10k w (2) 310 m v svr supply voltage rejection r g = 10k w ,c 4 =10 m f f ripple = 100hz, v ripple = 0.5v 45 55 db h efficiency v s = 14.4v, f = 1 khz p o = 20w r l =4 w p o = 22w r l = 3.2 w v s = 13.2v, f = 1 khz p o = 19w r l = 3.2 w 60 60 58 % % % t j thermal shut-down junction temperature v s = 14.4v, r l =4 w f = 1khz, p tot = 13w 145 c v osh output voltage with one side of the speaker shorted to ground v s = 14.4v r l =4 w v s = 13.2v r l = 3.2 w 2v notes : 1. for TDA2005m only 2. bandwith filter : 22hz to 22khz. TDA2005 4/20
figure 5 : distortion versus output power (bridge amplifier) bridge amplifier design the following consideraions can be useful when designing a bridge amplifier. parameter single ended bridge v omax peak output voltage (before clipping) 1 2 (v s 2v ce sat ) v s 2v ce sat i o max peak output current (before clippling) 1 2 v s - 2v ce sat r l v s - 2v ce sat r l p omax rms output power (before clipping) 1 4 ( v s - 2v ce sat ) 2 2r l ( v s - 2v ce sat ) 2 2r l where : v ce sat = output transistors saturation voltage v s = allowable supply voltage r l = load impedance figure 3 : output offset voltage versus supply voltage figure 4 : distortion versus output power (bridge amplifier) TDA2005 5/20
voltage and current swings are twice for a bridge amplifier in comparison with single ended amplifier. in order words, with the same r l the bridge con- figuration can deliver an output power that is four times the output power of a single ended amplifier, while, with the same max output current the bridge configuration can deliver an output power that is twice the output power of a single ended amplifier. core must be taken when selecting v s and r l in order to avoid an output peak current above the absolute maximum rating. from the expression for i omax , assuming v s = 14.4v and v ce sat = 2v, the minimum load that can be driven by TDA2005 in bridge configuration is : r l min = v s - 2v cesat i omax = 14.4 - 4 3.5 = 2.97 w the voltage gain of the bridge configurationisgiven by (see figure 34) : g v = v 0 v 1 =1+ r 1 ? ? ? r 2 ? r 4 r 2 + r 4 ? ? ? + r 3 r 4 for sufficiently high gains (40 to 50db) it is possible to put r 2 =r 4 and r 3 =2r 1 , simplifing the formula in : g v =4 r 1 r 2 g v (db) r 1 ( w )r 2 =r 4 ( w )r 3 ( w ) 40 50 1000 1000 39 12 2000 2000 figure 6 : bridge configuration figure 7 : typical application circuit stereo amplifier application (TDA2005s) TDA2005 6/20
electrical characteristics (refer to the stereo application circuit, t amb =25 o c, g v = 50db, r th (heatsink) =4 o c/w, unless otherwwise specified ) symbol parameter test conditions min. typ. max. unit v s supply voltage 8 18 v v o quiescent output voltage v s = 14.4v v s = 13.2v 6.6 6 7.2 6.6 7.8 7.2 v v i d total quiescent drain current v s = 14.4v v s = 13.2v 65 62 120 120 ma ma p o output power (each channel) f = 1khz, d = 10% v s = 14.4v r l =4 w r l = 3.2 w r l =2 w r l = 1.6 w v s = 13.2v r l = 3.2 w r l = 1.6 w v s = 16v r l =2 w 6 7 9 10 6 9 6.5 8 10 11 6.5 10 12 w d distortion (each channel) f = 1khz v s = 14.4v r l =4 w p o = 50mw to 4w v s = 14.4v r l =2 w p o = 50mw to 6w v s = 13.2v r l = 3.2 w p o = 50mw to 3w v s = 13.2v r l = 1.6 w p o = 40mw to 6w 0.2 0.3 0.2 0.3 1 1 1 1 % % % % ct cross talk (1) v s = 14.4v, v o =4v rms r l =4 w ,r g =5k w f = 1khz f = 10khz 60 45 db v i input saturation voltage 300 mv v i input sensitivity f = 1khz, p o =1w r l =4 w r l = 3.2 w 6 5.5 mv r i input resistance f = 1khz 70 200 k w f l low frequency roll off ( 3db) r l =2 w 50 hz f h high frequency roll off ( 3db) r l =2 w 15 khz g v voltage gain (open loop) f = 1khz 90 db g v voltage gain (closed loop) f = 1khz 48 50 51 db d g v closed loop gain matching 0.5 db e n total input noise voltage r g = 10k w (2) 1.5 5 m v svr supply voltage rejection r g = 10k w ,c 3 =10 m f f ripple = 100hz, v ripple = 0.5v 35 45 db h efficiency v s = 14.4v, f = 1khz p o = 6.5w r l =4 w p o = 10w r l =2 w v s = 13.2v, f = 1khz p o = 6.5w r l = 3.2 w p o = 100w r l = 1.6 w 70 60 70 60 % % % % notes : 1. for TDA2005m only 2. bandwith filter : 22hz to 22khz. TDA2005 7/20
figure 10 : distortion versus output power (stereo amplifier) figure 8 : quiescent output voltage versus supply voltage (stereo amplifier) figure 9 : quiescent drain current versus supply voltage (stereo amplifier) figure 11 : output power versus supply voltage (stereo amplifier) figure 12 : output power versus supply voltage (stereo amplifier) figure 13 : distortion versus frequency (stereo amplifier) TDA2005 8/20
figure 14 : distortion versus frequency (stereo amplifier) figure 15 : supply voltage rejection versus c3 (stereo amplifier) figure 16 : supply voltage rejection versus frequency (stereo amplifier) figure 17 : supply voltage rejection versus c2 and c3 (stereo amplifier) figure 18 : supply voltage rejection versus c2 and c3 (stereo amplifier) figure 19 : gain versus input sensitivity (stereo amplifier) TDA2005 9/20
figure 20 : gain versus input sensitivity (stereo amplifier) figure 21 : total power dissipation and effi- ciency versus output power (bridge amplifier) figure 22 : total power dissipation and effi- ciency versus output power (stereo amplifier) TDA2005 10/20
comp. recom. value purpose larger than smaller than r 1 120 k w optimization of the output symmetry smaller p o max smaller p o max r 2 1k w r 3 2k w r 4 ,r 5 12 w closed loop gain setting (see bridge amplifier design) (*) r 6 ,r 7 1 w frequency stability danger of oscillation at high frequency with inductive loads c 1 2.2 m f input dc decoupling c 2 2.2 m f optimization of turn on pop and turn on delay high turn on delay higher turn on pop, higher low frequency cut-off, increase of noise c 3 0.1 m f supply by pass danger of oscillation c 4 10 m f ripple rejection increase of svr, increase of the switch-on time degradation of svr. c 5 ,c 7 100 m f bootstrapping increase of distortion at low frequency c 6 ,c 8 220 m f feedback input dc decoupling, low frequency cut-off higher low frequency cut-off c 9 ,c 10 0.1 m f frequency stability danger of oscillation (*) the closed loop gain must be higher than 32db. application suggestion the recommended values of the components are those shown on bridge applicatiion circuit of figure 1. different values can be used ; the following table can help the designer. TDA2005 11/20
figure 23 : bridge amplifier without boostrap figure 24 : p.c. board and components layout of figure 23 (1:1 scale) application information TDA2005 12/20
figure 25 : low cost bridge amplifier (g v = 42db) figure 26 : p.c. board and components layout of figure 25 (1:1 scale) application information (continued) TDA2005 13/20
figure 27 : 10 + 10 w stereo amplifier with tone balance and loudnesscontrol figure 28 : tone control response (circuit of figure 29) application information (continued) TDA2005 14/20
figure 29 : 20w bus amplifier figure 30 : simple 20w two way amplifier (f c = 2khz) application information (continued) TDA2005 15/20
figure 31 : bridge amplifier circuit suited for low-gain applications (g v = 34db) figure 32 : example of muting circuit application information (continued) TDA2005 16/20
built-in protection systems load dump voltage surge the TDA2005 has a circuit which enables it to withstanda voltagepulse train, on pin 9, of the type shown in figure 34. if the supply voltage peaks to more than 40v, then an lc filter must be inserted between the supply and pin 9, in order to assure that the pulses at pin 9 will be held withing the limits shown. a suggestedlc networkis shownin figure33.with this network, a train of pulses with amplitude up to 120v and width of 2ms can be applied at point a. this type of protection is on when the supply voltage (pulse or dc) exceeds 18v. for this reason the maximum operating supply voltage is 18v. figure 33 figure 34 short circuit (ac and dc conditions) theTDA2005 can withstanda permanentshort-cir- cuit on the output for a supply voltage up to 16v. polarity inversion high current (up to 10a) can be handled by the device with no damage for a longer period than the blow-out time of a quick 2a fuse (normally con- nected in series with the supply). this feature is added to avoid destruction, if during fitting to the car, a mistake on the connection of the supply is made. open ground when the ratio is in the on condition and the ground is accidentally opened, a standard audio amplifier will be damaged.on the TDA2005 protec- tion diodes are included to avoid any damage. inductive load a protection diode is provided to allow use of the TDA2005 with inductive loads. dc voltage the maximum operating dc voltage for the TDA2005 is 18v. however the device can withstand a dc voltage up to 28v with no damage. this could occur during winter if twobatteries are series connectedto crank the engine. thermal shut-down the presence of a thermal limiting circuit offers the following advantages : 1) an overload on the output (even if it is permanent), or an excessive ambient temperature can be easily withstood. 2) the heatsink can have a smaller factor of safety compared with that of a conventional circuit. there is no device damage in the case of excessive junction temperature : all that happens is that p o (and thereforep tot ) and i d are reduced. the maximum allowable power dissipation de- pends upon the size of the external heatsink(i.e. its thermal resistance) ; figure 35 shows the dissipa- ble power as a function of ambient temperature for different thermal resistance. loudspeaker protection the circuit offers loudspeaker protection during short circuit for one wire to ground. TDA2005 17/20
figure 35 : maximum allowable power dissipa- tion versus ambient temperature figure 36 : output power and drain current ver- sus case temperature figure 37 : output power and drain current ver- sus case temperature TDA2005 18/20
multiwatt11 v dim. mm inch min. typ. max. min. typ. max. a 5 0.197 b 2.65 0.104 c 1.6 0.063 d 1 0.039 e 0.49 0.55 0.019 0.022 f 0.88 0.95 0.035 0.037 g 1.45 1.7 1.95 0.057 0.067 0.077 g1 16.75 17 17.25 0.659 0.669 0.679 h1 19.6 0.772 h2 20.2 0.795 l 21.9 22.2 22.5 0.862 0.874 0.886 l1 21.7 22.1 22.5 0.854 0.87 0.886 l2 17.4 18.1 0.685 0.713 l3 17.25 17.5 17.75 0.679 0.689 0.699 l4 10.3 10.7 10.9 0.406 0.421 0.429 l7 2.65 2.9 0.104 0.114 m 4.25 4.55 4.85 0.167 0.179 0.191 m1 4.73 5.08 5.43 0.186 0.200 0.214 s 1.9 2.6 0.075 0.102 s1 1.9 2.6 0.075 0.102 dia1 3.65 3.85 0.144 0.152 outline and mechanical data TDA2005 19/20
information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specification mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectronics. the st logo is a registered trademark of stmicroelectronics ? 1998 stmicroelectronics printed in italy all rights reserved stmicroelectronics group of companies australia - brazil - canada - china - france - germany - italy - japan - korea - malaysia - malta - mexico - morocco - the netherlands - singapore - spain - sweden - switzerland - taiwan - thailand - united kingdom - u.s.a. http://www.st.com TDA2005 20/20


▲Up To Search▲   

 
Price & Availability of TDA2005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X