Part Number Hot Search : 
0PS48 74HC390 FR151G05 ST7025 0PS48 DV718 MZHD2005 LH168R
Product Description
Full Text Search
 

To Download SY100S307JZTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 sy100s307 micrel, inc. m9999-060910 hbwhelp@micrel.com or (408) 955-1690 max. propagation delay of 1000ps i ee min. of C58ma extended supply voltage option: v ee = C4.2v to C5.5v voltage and temperature compensation for improved noise immunity internal 75k? input pull-down resistors 50% faster than fairchild 300k at lower power function and pinout compatible with fairchild f100k available in 28-pin plcc package features sy100s307 quint exclusive or/nor gate the sy100s307 is an ultra-fast quint exclusive-or/nor gate designed for use in high-performance ecl systems. a function output that is the wire-or result of the exclusive-or outputs is also available. the inputs on the device have 75k? pull-down resistors. description block diagram rev.: i amendment: /0 issue date: june 2010 pin function d na C d ne data inputs (n-1...5) e enable input o a C o e data outputs o a C o e complementary data outputs v ees v ee substrate v cca v cco for ecl outputs pin names
2 sy100s307 micrel, inc. m9999-060910 hbwhelp@micrel.com or (408) 955-1690 package/ordering information ordering information package operating package lead part number type range marking finish sy100s307jc j28-1 commercial sy100s307jc sn-pb sy100s307jctr (1) j28-1 commercial sy100s307jc sn-pb sy100s307jz (2) j28-1 commercial sy100s307jz with matte-sn pb-free bar-line indicator SY100S307JZTR (1, 2) j28-1 commercial sy100s307jz with matte-sn pb-free bar-line indicator notes: 1. tape and reel. 2. pb-free package is recommended for new designs. 28-pin plcc (j28-1) sy100s307jy (2) j28-1 industrial sy100s307jy with pb-free bar-line indicator matte-sn sy100s307jytr (1,2) j28-1 industrial sy100s307jy with pb-free bar-line indicator matte-sn
3 sy100s307 micrel, inc. m9999-060910 hbwhelp@micrel.com or (408) 955-1690 logic equation f = (d 1a d 2a ) + (d 1b d 2b ) + (d 1c d 2c ) + (d 1d d 2d ) + (d 1e d 2e ). dc electrical characteristics v ee = C4.2v to C5.5v unless otherwise specifed, v cc = v cca = gnd symbol parameter min. typ. max. unit condition i ih input high current a v in = v ih (max.) d 2a d 2e 200 d 2a d 2e 250 i ee power supply current C58 C40 C27 ma inputs open ac electrical characteristics v ee = C4.2v to C5.5v unless otherwise specifed, v cc = v cca = gnd t a = 0c t a = +25c t a = +85c symbol parameter max. unit condition t plh propagation delay t ph2 d 2a d 2e to o, o t plh propagation delay t phl d 1a d 1e to o, o t plh propagation delay t phl data to f t tlh transition time 3 t thl 20% to 80%, 80% to 20% timing diagram propagation delay and transition times note: v ee = C4.2v to C5.5v unless otherwise specifed, v cc = v cca = gnd + + + + + t a = -40c 300 min. max. min. max. max. min. min. 300 300 300 300 300 300 300 300 300 300 300 300 300 00 00 1000 1000 1000 1000 900 900 1425 1425 900 900 900 1425 900 900 930 1425 ps ps ps ps
4 sy100s307 micrel, inc. m9999-060910 hbwhelp@micrel.com or (408) 955-1690 28-pin plcc (j28-1) rev . a micrel, inc. 2180 fortune drive san jose, ca 95131 usa t e l + 1 (408) 944-0800 f a x + 1 (408) 474-1000 w e b http://www.micrel.com the information furnished by micrel in this data sheet is believed to be accurate and reliable. however, no responsibility is assumed by micrel for its use. micrel reserves the right to change circuitry and specifcations at any time without notifcation to the customer . micrel products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to result in personal injury. life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a signifcant injury to the user . a purchasers use or sale of micrel products for use in life support appliances, devices or systems is at purchaser s own risk and purchaser agrees to fully indemnify micrel for any damages resulting from such use or sale. ? 2006 micrel, incorporated.


▲Up To Search▲   

 
Price & Availability of SY100S307JZTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X