Part Number Hot Search : 
2N3228 1N4985US KM155TM7 ERIES COMPONEN BUR20 MDA49GB SWSS0
Product Description
Full Text Search
 

To Download OSXXXME1C1S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.optosupply.com ver a.0 xeon 1 power led OSXXXME1C1S features outline dimension highest luminous flux super energy efficiency long lifetime operation superior esd protection superior uv resistance applications electronic signs and signals small area illuminations back lighting other lighting bollards / security / garden traffic signaling / beacons 6ojunn 5pmfsbodf?nn ;)0/(;)060150 absolute maximum rating 5b

directivity va l u e item symbo l w/m/b/g r unit dc forward current i f 400 400 ma pulse forward current* i fp 500 500 ma reverse voltage v r 5 5 v power dissipation p d 1600 1200 mw operating temperature topr -40 ~ +85 
storage temperature tstg -40~ +85 
lead soldering temperature tsol 260 
/5sec    *pulse width max 0.1ms, duty ratio max 1/10  electrical -optical charac teristics 5b

v f (v) i r (a)  v(lm)* d(nm)* 2 1/2(deg) min. typ. max. max. min. typ. max. min. typ. max. typ. part number color i f =350ma v r =5v i f =350ma osw4xme1c1s white w ? 3.0 3.3 4.0 10 90 100 - x=0.31, y=0.33 120 osm5xme1c1s warm white m ? 3.0 3.3 4.0 10 80 90 x=0.45, y=0.41 120 osb5xme1c1s blue b ? 3.0 3.3 4.0 10 10 15 - 465 470 475 120 osg5xme1c1s pure green g ? 3.0 3.3 4.0 10 65 75 - 520 525 530 120 osr5xme1c1s red r ? 2.0 2.5 3.0 10 40 50 - 620 625 630 120 note: *1. tolerance of ch romaticity coordinates is  ? 10% *2. dominant wavelength tolerance: 1nm *3. tolerance of luminous flux is  ? 15% led & application technologies


▲Up To Search▲   

 
Price & Availability of OSXXXME1C1S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X