Part Number Hot Search : 
LM254 TEA1552 SK372 4HC245 NTE222 BFW44 4HC245 TA7280
Product Description
Full Text Search
 

To Download LM78L05ABZX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?2004 fairchild semiconductor corporation www.fairchildsemi.com rev. 1.0.6 features ? maximum output current of 100ma ? output voltage of 5v, 8v, 12v, 15v, 18v and 24v ? thermal overload protection ? short circuit current limiting ? output voltage offered in 5% tolerance description the mc78lxxa/lm78lxxa/mc78l05aa series of fixed voltage monolithic integrated circuit voltage regulators are suitable for application that required supply current up to 100ma. to-92 1. output 2. gnd 3. input 8-sop 1. output 2. gnd 3. gnd 4. nc 5. nc 6. gnd 7. gnd 8. input 1 1 sot-89 1 gnd 2 3 23 8 internal block diagram v i 3 2 gnd v 0 1 i r sc reference voltage short circuit protection thermal shutdown circuit + - inpu t outpu t mc78lxxa/lm78lxxa/mc78l05aa 3-terminal 0.1a positive voltage regulator
mc78lxxa/lm78lxxa/mc78l05aa 2 absolute maximum ratings electrical characteristics(mc78l05a/lm78l05a) (v i = 10v, i o = 40ma, 0 c t j 125 c, c i = 0.33 f, c o = 0. 1 f, unless otherwise specified. (note 1) note: 1. the maximum steady state usable output current and input voltage are very dependent on the heat sinking and/or lead length of the package. the data above represent pulse test conditions with junction temperature as indicated at the initiation of test s. 2. power dissipation p d 0.75w. parameter symbol value unit input voltage (for v o = 5v, 8v) (for v o = 12v to 18v) (for v o = 24v) v i 30 35 40 v v v operating junction temperature range t j 0 ~ +150 c storage temperature range t stg -65 ~ +150 c parameter symbol conditions min. typ. max. unit output voltage v o t j = 25 c 4.8 5.0 5.2 v line regulation (note1) ? v o t j = 25 c 7v v i 20v - 8 150 mv 8v v i 20v - 6 100 mv load regulation (note1) ? v o t j = 25 c 1ma i o 100ma - 11 60 mv 1ma i o 40ma - 5.0 30 mv output voltage v o 7v v i 20v 1ma i o 40ma - - 5.25 v 7v v i v max (note2) 1ma i o 70ma 4.75 - 5.25 v quiescent current i q t j = 25 c-2.05.5ma quiescent current change with line ? i q 8v v i 20v - - 1.5 ma with load ? i q 1ma i o 40 ma - - 0.1 ma output noise voltage v n t a = 25 c, 10hz f 100khz - 40 - v/vo temperature coefficient of v o ? v o / ? ti o = 5ma - -0.65 - mv/ c ripple rejection rr f = 120hz, 8v v i 18v, t j = 25 c4180 - db dropout voltage v d t j = 25 c-1.7-v
mc78lxxa/lm78lxxa/mc78l05aa 3 electrical characteristics(mc78l08a) (continued) (v i = 14v, i o = 40ma, 0 c t j 125 c, c i = 0.33 f, c o = 0. 1 f, unless otherwise specified. (note 1) note: 1. the maximum steady state usable output current and input voltage are very dependent on the heat sinking and/or lead length of the package. the data above represent pulse test conditions with junction temperature as indicated at the initiation of test s. 2. power dissipation p d 0.75w. parameter symbol conditions min. typ. max. unit output voltage v o t j = 25 c 7.7 8.0 8.3 v line regulation (note1) ? v o t j = 25 c 10.5v v i 23v - 10 175 mv 11v v i 23v - 8 125 mv load regulation (note1) ? v o t j = 25 c1ma i o 100ma - 15 80 mv 1ma i o 40ma - 8.0 40 mv output voltage v o 10.5v v i 23v 1ma i o 40ma 7.6 - 8.4 v 10.5v v i v max (note2) 1ma i o 70ma 7.6 - 8.4 v quiescent current i q t j = 25 c-2.05.5ma quiescent current change with line ? i q 11v v i 23v - - 1.5 ma with load ? i q 1ma i o 40ma - - 0.1 ma output noise voltage v n t a = 25 c, 10hz f 100khz - 60 - v/vo temperature coefficient of v o ? v o / ? ti o = 5ma - -0.8 - mv/ c ripple rejection rr f = 120hz, 11v v i 21v, t j = 25 c39 70 - db dropout voltage v d t j = 25 c-1.7-v
mc78lxxa/lm78lxxa/mc78l05aa 4 electrical characteristics(mc78l12a/lm78l12a) (continued) (v i = 19v, i o = 40ma, 0 c t j 125 c, c i = 0.33 f, c o = 0. 1 f, unless otherwise specified. (note1)) note: 1. the maximum steady state usable output current and input voltage are very dependent on the heat sinking and/or lead length of the package. the data above represent pulse test conditions with junction temperature as indicated at the initiation of test s. 2. power dissipation p d 0.75w. parameter symbol conditions min. typ. max. unit output voltage v o t j = 25 c 11.5 12 12.5 v line regulation (note1) ? v o t j = 25 c 14.5v v i 27v - 20 250 mv 16v v i 27v - 15 200 mv load regulation (note1) ? v o t j = 25 c 1ma i o 100ma - 20 100 mv 1ma i o 40ma - 10 50 mv output voltage v o 14.5v v i 27v 1ma i o 40ma 11.4 - 12.6 v 14.5v v i v max (note2) 1ma i o 70ma 11.4 - 12.6 v quiescent current i q t j = 25 c-2.16.0ma quiescent current change with line ? i q 16v v i 27v - - 1.5 ma with load ? i q 1ma i o 40ma - - 0.1 ma output noise voltage v n t a = 25 c, 10hz f 100khz - 80 - v/vo temperature coefficient of v o ? v o / ? ti o = 5ma - -1.0 - mv/ c ripple rejection rr f = 120hz, 15v v i 25v, t j = 25 c37 65 - db dropout voltage v d t j = 25 c-1.7-v
mc78lxxa/lm78lxxa/mc78l05aa 5 electrical characteristics(mc78l15a) (continued) (v i = 23v, i o = 40ma, 0 c t j 125 c, c i = 0.33 f, c o = 0. 1 f, unless otherwise specified. (note1)) note: 1. the maximum steady state usable output current and input voltage are very dependent on the heat sinking and/or lead length of the package. the data above represent pulse test conditions with junction temperature as indicated at the initiation of test s. 2. power dissipation p d 0.75w. parameter symbol conditions min. typ. max. unit output voltage v o t j = 25 c 14.4 15 15.6 v line regulation (note1) ? v o t j = 25 c 17.5v v i 30v - 25 300 mv 20v v i 30v - 20 250 mv load regulation (note1) ? v o t j = 25 c 1ma i o 100ma - 25 150 mv 1ma i o 40ma - 12 75 mv output voltage v o 17.5v v i 30v 1ma i o 40ma 14.25 - 15.75 v 17.5v v i v max (note2) 1ma i o 70ma 14.25 - 15.75 v quiescent current i q t j = 25 c-2.16.0ma quiescent current change with line ? i q 20v v i 30v - - 1.5 ma with load ? i q 1ma i o 40ma - - 0.1 ma output noise voltage v n t a = 25 c, 10hz f 100khz - 90 - v/vo temperature coefficient of v o ? v o / ? ti o = 5ma - -1.3 - mv/ c ripple rejection rr f = 120hz, 18.5v v i 28.5v, t j = 25 c34 60 - db dropout voltage v d t j = 25 c-1.7-v
mc78lxxa/lm78lxxa/mc78l05aa 6 electrical characteristics(mc78l18a) (continued) (v i = 27v, i o = 40ma, 0 c t j 125 c, c i = 0.33 f, c o = 0. 1 f, unless otherwise specified. (note1)) note: 1. the maximum steady state usable output current and input voltage are very dependent on the heat sinking and/or lead length of the package. the data above represent pulse test conditions with junction temperature as indicated at the initiation of test s. 2. power dissipation p d 0.75w. parameter symbol conditions min. typ. max. unit output voltage v o t j = 25 c 17.3 18 18.7 v line regulation (note1) ? v o t j = 25 c 21v v i 33v - 145 300 mv 22v v i 33v - 135 250 mv load regulation (note1) ? v o t j = 25 c 1ma i o 100ma - 30 170 mv 1ma i o 40ma - 15 85 mv output voltage v o 21v v i 33v 1ma i o 40ma 17.1 - 18.9 v 21v v i v max (note2) 1ma i o 70ma 17.1 - 18.9 v quiescent current i q t j = 25 c-2.26.0ma quiescent current change with line ? i q 21v v i 33v - - 1.5 ma with load ? i q 1ma i o 40ma - - 0.1 ma output noise voltage v n t a = 25 c, 10hz f 100khz - 150 - v/vo temperature coefficient of v o ? v o / ? ti o = 5ma - -1.8 - mv/ c ripple rejection rr f = 120hz, 23v v i 33v, t j = 25 c34 48 - db dropout voltage v d t j = 25 c-1.7-v
mc78lxxa/lm78lxxa/mc78l05aa 7 electrical characteristics(mc78l24a) (continued) (v i = 33v, i o = 40ma, 0 c t j 125 c, c i = 0.33 f, c o = 0. 1 f, unless otherwise specified. (note1)) note: 1. the maximum steady state usable output current and input voltage are very dependent on the heat sinking and/or lead length of the package. the data above represent pulse test conditions with junction temperature as indicated at the initiation of test s. 2. power dissipation p d 0.75w. parameter symbol conditions min. typ. max. unit output voltage v o t j = 25 c232425v line regulation (note1) ? v o t j = 25 c 27v v i 38v - 160 300 mv 28v v i 38v - 150 250 mv load regulation (note1) ? v o t j = 25 c 1ma i o 100ma - 40 200 mv 1ma i o 40ma - 20 100 mv output voltage v o 27v v i 38v 1ma i o 40ma 22.8 - 25.2 v 27v v i v max (note2) 1ma i o 70ma 22.8 - 25.2 v quiescent current i q t j = 25 c-2.26.0ma quiescent current change with line ? i q 28v v i 38v - - 1.5 ma with load ? i q 1ma i o 40ma - - 0.1 ma output noise voltage v n t a = 25 c, 10hz f 100khz - 200 - v/vo temperature coefficient of v o ? v o / ? ti o = 5ma - -2.0 - mv/ c ripple rejection rr f = 120hz, 28v v i 38v, t j = 25 c34 45 - db dropout voltage v d t j = 25 c-1.7-v
mc78lxxa/lm78lxxa/mc78l05aa 8 absolute maximum ratings electrical characteristics(mc78l05aa) (continued) (v i = 10v, i o = 40ma, 0 c t j 125 c, c i = 0.33 f, c o = 0. 1 f, unless otherwise specified. (note) ) note: 1. the maximum steady state usable output current and input voltage are very dependent on the heat sinking and/or lead length of the package. the data above represent pulse test conditions with junction temperature as indicated at the initiation of test s. 2. power dissipation p d 0.75w. parameter symbol value unit input voltage (for v o = 5v, 8v) (for v o = 12v to 18v) (for v o = 24v) v i 30 35 40 v v v operating junction temperature range t j 0 ~ +150 c storage temperature range t stg -65 ~ +150 c parameter symbol conditions min. typ. max. unit output voltage v o t j = 25 c 4.9 5.0 5.1 v line regulation (note1) ? v o t j = 25 c 7v v i 20v - 8 150 mv 8v v i 20v - 6 100 mv load regulation (note1) ? v o t j = 25 c 1ma i o 100ma - 11 50 mv 1ma i o 40ma - 5.0 25 mv output voltage v o 7v v i 2 0v 1ma i o 40ma - - 5.15 v 7v v i v max (note2) 1ma i o 70ma 4.75 - 5.15 v quiescent current i q t j = 25 c-2.05.5ma quiescent current change with line ? i q 8v v i 20v - - 1.5 ma with load ? i q 1ma i o 40 ma - - 0.1 ma output noise voltage v n t a = 25 c, 10hz f 100khz - 40 - v/vo temperature coefficient of v o ? v o / ? ti o = 5ma - -0.65 - mv/ c ripple rejection rr f = 120hz, 8v v i 18v, t j = 25 c4180 - db dropout voltage v d t j = 25 c-1.7-v
mc78lxxa/lm78lxxa/mc78l05aa 9 typical application ?( )? : 8sop type notes: 1. to specify an output voltage, substitute voltage value for ?xx?. 2. bypass capacitors are recommend for optimum stability and transient response and should be located as close as possible to the regulator ka78lxxa note 1 input output 1(1) 2(2,3,6,7) 3(8) c1 0.33 f note 2 0. 1 note 2 f mc78lxxa/lm78lxxa
mc78lxxa/lm78lxxa/mc78l05aa 10 mechanical dimensions package dimensions in millimeters 0.46 0.10 1.27typ (r2.29) 3.86max [1.27 0.20 ] 1.27typ [1.27 0.20 ] 3.60 0.20 14.47 0.40 1.02 0.10 (0.25) 4.58 0.20 4.58 +0.25 ?.15 0.38 +0.10 ?.05 0.38 +0.10 ?.05 to-92
mc78lxxa/lm78lxxa/mc78l05aa 11 mechanical dimensions (continued) package dimensions in millimeters symbol min nom max a- -1.75 a1 0.10 0.15 0.25 a2 1.25 1.45 1.50 b 0.35 0.37 0.51 c 0.19 0.20 0.25 d 4.80 4.90 5.00 e 3.80 3.90 4.00 e 1.27bsc h 5.79 5.99 6.20 h 0.25 - 0.50 l 0.50 0.70 0.90 gp 0.36 bsc q0 - 8 aaa - - 0.25 bbb - - 0.10 8-sop
mc78lxxa/lm78lxxa/mc78l05aa 12 mechanical dimensions (continued) package dimensions in millimeters sot-89 0.40 0.10 2.50 0.20 (0.50) (0.40) 4.10 0.20 0.40 +0.10 0.05 0.50 0.10 1.65 0.10 4.50 0.20 1.50 0.20 c0.2 1.50 typ 1.50 typ (1.10)
mc78lxxa/lm78lxxa/mc78l05aa 13 ordering information ? for information on tape & reel and ammo pack specifications, including part orientation and tape sizes, please refer to our tape and reel data, www.fairchildsemi.com/products/discrete/pdf/to92_tr.pdf. product number package output voltage tolerance operating temperature shipping lm78l05acz to-92 5% 0 ~ +125 c bulk lm78l12acz LM78L05ABZX tape & reel LM78L05ABZXa ammo pack lm78l05aczx tape & reel lm78l05aczxa ammo pack lm78l12aczx tape & reel lm78l12aczxa ammo pack product number package output voltage tolerance operating temperature shipping mc78l05acp to-92 5% 0 ~ +125 c bulk mc78l08acp mc78l12acp mc78l15acp mc78l18acp mc78l24acp mc78l05acd 8-sop mc78l08acd mc78l12acd mc78l05ach sot-89 mc78l08ach mc78l12ach mc78l05aacp to-92 2% mc78l05aacpxa 5% ammo pack mc78l05abpx tape & reel mc78l05abpxa ammo pack mc78l05acpx tape & reel mc78l05acpxa ammo pack mc78l06acpxa mc78l08acpx tape & reel mc78l08acpxa ammo pack mc78l09acpxa mc78l10acpxa mc78l12acpx tape & reel mc78l12acpxa ammo pack mc78l15acpx tape & reel mc78l15acpxa ammo pack mc78l18acpx tape & reel mc78l18acpxa ammo pack mc78l24acpx tape & reel mc78l24acpxa ammo pack
mc78lxxa/lm78lxxa/mc78l05aa 5/31/04 0.0m 001 stock#dsxxxxxxxx ? 2004 fairchild semiconductor corporation life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of the president of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others.


▲Up To Search▲   

 
Price & Availability of LM78L05ABZX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X