Part Number Hot Search : 
FA5606 1N4002 STRF6674 P50N06 MEW1036 BZX55C51 JZDW8016 BDR2G
Product Description
Full Text Search
 

To Download KTD2059 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1995. 2. 24 1/2 semiconductor technical data KTD2059 triple diffused npn transistor revision no : 1 general purpose application. features  complementary to ktb1367. maximum rating (ta=25 1 ) dim millimeters 1. base 2. collector 3. emitter to-220is 10.30 max 15.30 max 2.70 y 0.30 0.85 max x 3.20 y 0.20 3.00 y 0.30 a b c d e f g 12.30 max 0.75 max h 13.60 y 0.50 3.90 max 1.20 1.30 2.54 4.50 y 0.20 6.80 2.60 y 0.20 10 ? j k l m n o p q r f o q 1 2 3 l p n b g j m d n t t h e r t v s k l u t s 0.5 5 ^ 25 ^ 2.60 y 0.15 v u d a c electrical characteristics (ta=25 1 ) note : h fe (1) classification r:40  80, o:70  140, y:120  240 characteristic symbol rating unit collector-base voltage v cbo 100 v collector-emitter voltage v ceo 100 v emitter-base voltage v ebo 5 v collector current i c 5 a base current i b 0.5 a collector power dissipation (tc=25 1 ) p c 30 w junction temperature t j 150 1 storage temperature range t stg -55  150 1 characteristic symbol test condition min. typ. max. unit collector cut-off current i cbo v cb =100v, i e =0 - - 100  a emitter cut-off current i ebo v eb =5v, i c =0 - - 1.0 ma collector-emitter breakdown voltage v (br)ceo i c =50ma, i b =0 100 - - v dc current gain h fe (1) (note) v ce =5v, i c =1a 40 - 240 h fe (2) v ce =5v, i c =4a 20 - - collector-emitter saturation voltage v ce(sat) i c =4a, i b =0.4a - - 2.0 v base-emitter voltage v be v ce =5v, i c =1a - - 1.5 v transition frequency f t v ce =5v, i c =1a - 12 - mhz collector output capacitance c ob v cb =10v, i e =0, f=1mhz - 100 - pf
1995. 2. 24 2/2 KTD2059 revision no : 1 collector power dissipation ambien t te mper at ur e t a ( c ) pc - ta collector-emitter saturation ce(sat) 0.3 0.1 0.03 0.01 collector current i (a) c v - i safe operating area ce collector-emitter voltage v (v) 2 5 10 30 c collector current i (a) 0.1 i - v cce ce collector-emitter voltage v (v) 0 c 0 collector current i (a) 10 dc current gain h fe 0.01 collector current i (a) c h - i 1.0 2.0 3.0 4.0 5.0 6.0 1.0 2.0 3.0 4.0 5.0 common emitter tc=25 c 300 250 200 150 100 50 0 i =20ma b ce(sat) c voltage v (v) 1310 0.03 0.05 0.1 0.3 0.5 1 2 common emitter i /i =10 c b tc=75 c tc=25 c tc=-25 c fe c 0.03 0.1 0.3 1 3 10 30 50 100 300 500 common emitter v =5v ce tc=75 c tc=25 c tc=-25 c p (w) c 100 300 0.3 0.5 1 3 5 10 20 single nonrepetitive pulse tc=25 c curves must be derated linearly with increase in temperature * i max.(pulsed) c * c i max. (continuous) 1m s 10m s 100 m s 1s * * * * * dc op e ra tion t c= 25 c v max. ceo 0 0 25 50 75 100 125 150 10 20 30 40 50 tc=ta inifinite heat sink


▲Up To Search▲   

 
Price & Availability of KTD2059

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X