Part Number Hot Search : 
ZY8V2GP KSR2003 NC7S14 MAJ160A KE39A BY251 08500 2SC327
Product Description
Full Text Search
 

To Download KTD2058 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1999. 3. 22 1/2 semiconductor technical data KTD2058 triple diffused npn transistor revision no : 3 general purpose application. features  low saturation voltage : v ce(sat) =1.0v(max.) at i c =2a, i b =0.2a.  complementary to ktb1366. maximum rating (ta=25 1 ) dim millimeters 1. base 2. collector 3. emitter to-220is 10.30 max 15.30 max 2.70 y 0.30 0.85 max x 3.20 y 0.20 3.00 y 0.30 a b c d e f g 12.30 max 0.75 max h 13.60 y 0.50 3.90 max 1.20 1.30 2.54 4.50 y 0.20 6.80 2.60 y 0.20 10 ? j k l m n o p q r f o q 1 2 3 l p n b g j m d n t t h e r t v s k l u t s 0.5 5 ^ 25 ^ 2.60 y 0.15 v u d a c electrical characteristics (ta=25 1 ) note : h fe classification o:60  120, y:100  200 characteristic symbol rating unit collector-base voltage v cbo 60 v collector-emitter voltage v ceo 60 v emitter-base voltage v ebo 7 v collector current i c 3 a base current i b 0.5 a collector power dissipation ta=25 1 p c 2 w tc=25 1 25 junction temperature t j 150 1 storage temperature range t stg -55  150 1 characteristic symbol test condition min. typ. max. unit collector cut-off current i cbo v cb =60v, i e =0 - - 100  a emitter cut-off current i ebo v eb =7v, i c =0 - - 100  a collector-emitter breakdown voltage v (br)ceo i c =50ma, i b =0 60 - - v dc current gain h fe (note) v ce =5v, i c =0.5a 60 - 200 collector emitter saturation voltage v ce(sat) i c =2a, i b =0.2a - 0.25 1.0 v base-emitter voltage v be v ce =5v, i c =0.5a - 0.7 1.0 v transition frequency f t v ce =5v, i c =0.5a - 3.0 - mhz collector output capacitance c ob v cb =10v, i e =0, f=1mhz - 35 - pf switching time turn-on time t on i b1 15 ? b1 i cc v =30v i b2 i b2 20 sec i =-i =0.2a 1% b1 b2 output duty cycle input < = - 0.65 -  s storage time t stg - 1.3 - fall time t f - 0.65 -
1999. 3. 22 2/2 KTD2058 revision no : 3 collector current i (a) 0 c 0 collector-emitter voltage v (v) ce ce c i - v h - i c collector current i (a) 0.02 0.05 0.1 0.3 fe dc current gain h 10 collector-emitter saturation ce(sat) 10 3 0.05 0.02 collector current i (a) c v - i 12345678 0.5 1.0 1.5 2.0 2.5 3.0 common emitter tc=25 c 60 50 40 30 20 90 80 70 0 i =10ma b fe c 1310 30 50 100 300 common emitter v =5v ce tc=100 c tc= 25 c tc= -25 c ce(sat) c voltage v (v) 1 0.3 0.1 5 0.03 0.05 0.1 0.3 0.5 1 common emitter i /i =10 c b t c= 100 c tc=25 c tc=-25 c collector current i (a) c collector-emitter voltage v (v) ce safe operating area collector power dissipation p (w) 0 c 0 ambient temperature ta ( c) pc - ta 25 50 75 100 125 150 175 200 5 10 15 20 25 30 35 40 tc=ta infinite heat sink 300 x 300 x 2mm al heat sink 200 x 200 x 2mm al heat sink 100 x 100 x 1mm al heat sink 100 x 100 x 1mm fe heat sink 50 x 50 x 1mm al heat sink 50 x 50 x 1mm fe heat sink no heat sink 1 2 3 4 5 6 7 8 1 2 3 4 5 6 7 8 0.1 100 30 3 110 550 0.3 0.5 1 3 5 10 single nonrepetitive pulse tc=25 c curves must be derated linearly with increase in temperature * i max(pulsed) c * c i max(continuous) 1ms * * 10ms * 100m s 1s * dc oper at i on tc=25 c v max. ceo


▲Up To Search▲   

 
Price & Availability of KTD2058

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X