Part Number Hot Search : 
GBL02 NJU3713A 5KP30 M180A0 50100 MAJ110A AMS12405 ACE8628B
Product Description
Full Text Search
 

To Download KA1M0680RB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?2000 fairchild semiconductor international www.fairchildsemi.com rev. .5.0 features ? precision fixed operating frequency ? ka1m0680b,KA1M0680RB (67khz) ? ka1h0680b,ka1h0680rfb (100khz) ? pulse by pulse over current limiting ? over load protection ? over voltage protection (min. 23v) ? internal thermal shutdown function ? under voltage lockout ? internal high voltage sense fet ? latch up mode (ka1m0680b,ka1h0680b) ? auto restart (KA1M0680RB,ka1h0680rfb) ? soft start description the sps product family is specially designed for an off-line smps with minimal external components. the sps consist of high voltage power sensefet and current mode pwm control- ler ic. pwm controller features integrated fixed oscillator, under voltage lock out, leading edge blanking, optimized gate turn-on/turn-off driver, thermal shut down protection, over volt- age protection, temperature compensated precision current sources for loop compensation and fault protection circuit. compared to discrete mosfet and controller or rcc switch- ing converter solution, a sps can reduce total component count, design size, weight and at the same time increase & efficiency, productivity, and system reliability. it has a basic platform well suited for cost effective design in either a flyback converter or a forward converter. to-3pf-5l 1.drain 2.gnd 3.v cc 4.fb 5.soft start to-3p-5l 1 1 internal block diagram #3 v cc 32v 5 a 5v 2.5r 1r 1ma 0.1v + ? over voltage s/d + ? 7.5v 25v thermal s/d s r q power on reset + ? l.e.b s r q osc 5v vref internal bias good logic sfet #1 drain #2 gnd #4 fb #5 soft start 9v ka1m0680b/KA1M0680RB/ka1h0680b/ ka1h0680rfb fairchild power switch(sps)
ka1m0680b/KA1M0680RB/ka1h0680b/ka1h0680rfb 2 absolute maximum ratings notes: 1. tj=25 c to 150 c 2. repetitive rating: pulse width limited by maximum junction temperature 3. l=24mh, v dd =50v, r g =25 ? , starting tj=25 c 4. l=13 h, starting tj=25 c parameter symbol value unit drain-source (gnd) voltage (1) v dss 800 v drain-gate voltage (r gs =1m ? )v dgr 800 v gate-source (gnd) voltage v gs 30 v drain current pulsed (2) i dm 24.0 a dc single pulsed avalanche energy (3) e as 455 mj avalanche current (4) i as 16 a continuous drain current (t c =25 c) i d 6.0 a dc continuous drain current (t c =100 c) i d 4.0 a dc supply voltage v cc 30 v analog input voltage range v fb ? 0.3 to v sd v total power dissipation p d 150 w derating 1.21 w/ c operating temperature t opr ? 25 to +85 c storage temperature t stg ? 55 to +150 c
ka1m0680b/KA1M0680RB/ka1h0680b/ka1h0680rfb 3 electrical characteristics (sfet part) (ta=25 c unless otherwise specified) note : pulse test: pulse width 300 s, duty cycle 2% parameter symbol condition min. typ. max. unit drain-source breakdown voltage bv dss v gs =0v, i d =50 a 800 - - v zero gate voltage drain current i dss v ds =max., rating, v gs =0v --50 a v ds =0.8max., rating, v gs =0v, t c =125 c - - 200 a static drain-source on resistance (note) r ds(on) v gs =10v, i d =4.0a - 1.6 2.0 ? forward transconductance (note) gfs v ds =15v, i d =4.0a 1.5 2.5 - s input capacitance ciss v gs =0v, v ds =25v, f=1mhz - 1600 - pf output capacitance coss - 140 - reverse transfer capacitance crss - 42 - turn on delay time td(on) v dd =0.5bv dss , i d =6.0a (mosfet switching time are essentially independent of operating temperature) -60- ns rise time tr - 150 - turn off delay time td(off) - 300 - fall time tf - 130 - total gate charge (gate-source+gate-drain) qg v gs =10v, i d =6.0a, v ds =0.5bv dss (mosfet switching time are essentially independent of operating temperature) -70- nc gate-source charge qgs - 16 - gate-drain (miller) charge qgd - 27 - s 1 r --- - =
ka1m0680b/KA1M0680RB/ka1h0680b/ka1h0680rfb 4 electrical characteristics (control part) (ta=25 c unless otherwise specified) notes: 1. these parameters, although guaranteed, are not 100% tested in production 2. these parameters, although guaranteed, are tested in eds (wafer test) process parameter symbol condition min. typ. max. unit reference section output voltage (1) vref ta=25 c 4.805.005.20 v temperature stability (1)(2) vref/ ? t ? 25 c ta +85 c-0.30.6mv/ c oscillator section initial accuracy f osc ka1m0680b 61 67 73 khz KA1M0680RB 61 67 73 ka1h0680b 90 100 110 ka1h0680rfb 90 100 110 frequency change with temperature (2) ? f/ ? t ? 25 c ta +85 c- 5 10 % pwm section maximum duty cycle dmax ka1m0680b 74 77 80 % KA1M0680RB 74 77 80 ka1h0680b 64 67 70 ka1h0680rfb 64 67 70 feedback section feedback source current i fb ta=25 c, 0v vfb 3v 0.7 0.9 1.1 ma shutdown delay current idelay ta=25 c, 5v vfb v sd 4.0 5.0 6.0 a over current protection section over current protection i l(max) max. inductor current 3.52 4.00 4.48 a uvlo section start threshold voltage vth(h) - 14 15 16 v minimum operating voltage vth(l) after turn on 9 10 11 v total standby current section start current i st v cc =14v 0.1 0.3 0.45 ma operating supply current (control part only) i opr ta=25 c 6 12 18 ma v cc zener voltage v z i cc =20ma 30 32.5 35 v shutdown section shutdown feedback voltage v sd -6.97.58.1v thermal shutdown temperature (tj) (1) t sd - 140 160 - c over voltage protection voltage v ovp - 232528 v
ka1m0680b/KA1M0680RB/ka1h0680b/ka1h0680rfb 5 typical performance characteristics (these characteristic graphs are normalized at ta=25 c) fig.1 operating frequency 0.8 0.85 0.9 0.95 1 1.05 1.1 1.15 1.2 -25 0 25 50 75 100 125 150 fosc fig.2 feedback source current 0.8 0.85 0.9 0.95 1 1.05 1.1 1.15 1.2 -25 0 25 50 75 100 125 150 ifb fig.3 operating current 0.8 0.85 0.9 0.95 1 1.05 1.1 1.15 1.2 -25 0 25 50 75 100 125 150 iop fig.4 max inductor current 0.8 0.85 0.9 0.95 1 1.05 1.1 -25 0 25 50 75 100 125 150 ipeak fig.5 start up current 0.5 0.7 0.9 1.1 1.3 1.5 -25 0 25 50 75 100 125 150 is tart fig.6 start threshold voltage 0.85 0.9 0.95 1 1.05 1.1 1.15 -25 0 25 50 75 100 125 150 vs ta rt temperature [ c ] temperature [ c ] temperature [ c ] temperature [ c ] temperature [ c ] temperature [ c ] figure 1. operating frequency figure 2. feedback source current figure 3. operating current figure 4. max. inductor current figure 5. start up current figure 6. start threshold voltage i l(max) i st v th(h) i opr
ka1m0680b/KA1M0680RB/ka1h0680b/ka1h0680rfb 6 typical performance characteristics (continued) (these characteristic graphs are normalized at ta=25 c) fig.7 stop threshold voltage 0.85 0.9 0.95 1 1.05 1.1 1.15 -25 0 25 50 75 100 125 150 vs to p fig.8 maximum duty cycle 0.85 0.9 0.95 1 1.05 1.1 1.15 -25 0 25 50 75 100 125 150 dmax fig.9 vcc zener voltage 0.8 0.85 0.9 0.95 1 1.05 1.1 1.15 1.2 -25 0 25 50 75 100 125 150 vz fig.10 shutdown feedback voltage 0.85 0.9 0.95 1 1.05 1.1 1.15 -25 0 25 50 75 100 125 150 vs d fig.11 shutdown delay current 0.8 0.85 0.9 0.95 1 1.05 1.1 1.15 1.2 -25 0 25 50 75 100 125 150 idelay fig.12 over voltage protection 0.85 0.9 0.95 1 1.05 1.1 1.15 -25 0 25 50 75 100 125 150 vo vp temperature [ c ] temperature [ c ] temperature [ c ] temperature [ c ] temperature [ c ] temperature [ c ] figure 7. stop threshold voltage figure 8. maximum duty cycle figure 9. v cc zener voltage figure 10. shutdown feedback voltage figure 11. shutdown delay current figure 12. over voltage protection v th(l)
ka1m0680b/KA1M0680RB/ka1h0680b/ka1h0680rfb 7 typical performance characteristics (continued) (these characteristic grahps are normalized at ta=25 c) figure 13. soft start voltage figure 14. drain source turn-on resistance fig.13 soft start voltage 0.85 0.9 0.95 1 1.05 1.1 1.15 -25 0 25 50 75 100 125 150 vs s fig.14 drain source turn-on resistance 0 0.5 1 1.5 2 2.5 -25 0 25 50 75 100 125 150 rdson temperature [ c ] temperature [ c ]
ka1m0680b/KA1M0680RB/ka1h0680b/ka1h0680rfb 8 package dimensions to-3p-5l
ka1m0680b/KA1M0680RB/ka1h0680b/ka1h0680rfb 9 package dimensions (continued) to-3p-5l (forming)
ka1m0680b/KA1M0680RB/ka1h0680b/ka1h0680rfb 10 package dimensions (continued) to-3pf-5l
ka1m0680b/KA1M0680RB/ka1h0680b/ka1h0680rfb 11 package dimensions (continued) to-3pf-5l (forming)
ka1m0680b/KA1M0680RB/ka1h0680b/ka1h0680rfb 12 ordering information tu : non forming type ydtu : forming type product number package rating fosc latch/auto ka1m0680b-tu to-3p-5l 800v, 6a 67khz latch up mode ka1m0680b-ydtu to-3p-5l(forming) KA1M0680RB-tu to-3p-5l 800v, 6a 67khz auto restart mode KA1M0680RB-ydtu to-3p-5l(forming) ka1h0680b-tu to-3p-5l 800v, 6a 100khz latch up mode ka1h0680b-ydtu to-3p-5l(forming) ka1h0680rfb-tu to-3pf-5l 800v, 6a 100khz auto restart mode ka1h0680rfb-ydtu to-3pf-5l(forming)
ka1m0680b/KA1M0680RB/ka1h0680b/ka1h0680rfb 13
ka1m0680b/KA1M0680RB/ka1h0680b/ka1h0680rfb 9/7/00 0.0m 001 stock#dsxxxxxxxx ? 2000 fairchild semiconductor international life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of the president of fairchild semiconductor international. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others.


▲Up To Search▲   

 
Price & Availability of KA1M0680RB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X