Part Number Hot Search : 
4ZE4MN6 UDZ1XB CAT25M01 KBP200 1SMB5925 HR433 DS1013 ZMM5237
Product Description
Full Text Search
 

To Download HAD826SP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hi-sincerity microelectronics corp. spec. no. :preliminary data issued date : 2000.10.01 revised date : 2000.10.01 page no. : 1/3 hsmc product specification HAD826SP npn epitaxial planar transistor description the HAD826SP is designed for general purpose amplifier and high speed, medium-power switching applications. features ? low collector saturation voltage ? high speed switching absolute maximum ratings ? maximum temperatures storage temperature....................................................................................................... -55 ~ +150 c junction temperature ................................................................................................. 150 c maximum ? maximum power dissipation total power dissipation (ta=25 c)........................................................................................... 500 mw ? maximum voltages and currents (ta=25 c) vcbo collector to base voltage................................................................................................. .... 75 v vceo collector to emitter voltage .............................................................................................. ... 40 v vebo emitter to base voltage ................................................................................................... ...... 6 v ic collector current .......................................................................................................... ........ 500 ma characteristics (ta=25 c) symbol min. typ. max. unit test conditions bvcbo 75 - - v ic=10ua, ie=0 bvceo 40 - - v ic=10ma, ib=0 bvebo 6 - - v ie=10ua, ic=0 icbo - - 10 na vcb=60v, ie=0 icex - - 10 na vcb=60v, veb(off)=3v iebo - - 50 na veb=3v, ic=0 *vce(sat)1 - - 300 mv ic=150ma, ib=15ma *vce(sat)2 - - 1 v ic=500ma, ib=50ma *vbe(sat)1 - - 1.2 v ic=150ma, ib=15ma *vbe(sat)2 - - 2 v ic=500ma, ib=50ma *hfe1 35 - - vce=10v, ic=100ua *hfe2 50 - - vce=10v, ic=1ma *hfe3 75 - - vce=10v, ic=10ma *hfe4 100 - 300 vce=10v, ic=150ma *hfe5 40 - - vce=10v, ic=500ma *hfe6 50 - - vce=1v, ic=150ma ft 300 - - mhz vce=20v, ic=20ma, f =100mhz cob - - 8 pf vcb=10v, f=1mhz *pulse test : pulse width 380us, duty cycle 2%
hi-sincerity microelectronics corp. spec. no. :preliminary data issued date : 2000.10.01 revised date : 2000.10.01 page no. : 2/3 hsmc product specification characteristics curve current gain & collector current 10 100 1000 0.1 1 10 100 1000 collector current (ma) hfe v ce =10v v ce =1v saturation voltage & collector current 10 100 1000 10000 0.1 1 10 100 1000 collector current (ma) saturation voltage (mv) v be(sat) @ i c =10i b v ce(sat) @ i c =10i b capacitance & reverse-biased voltage 1 10 100 0.1 1 10 100 1000 reverse biased voltage (v) capacitance (pf) cob cutoff frequency & collector current 1 10 100 1000 1 10 100 1000 collector current (ma) cutoff frequency (mhz) ft
hi-sincerity microelectronics corp. spec. no. :preliminary data issued date : 2000.10.01 revised date : 2000.10.01 page no. : 3/3 hsmc product specification to-92sp dimension *:typical inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.1450 0.1650 3.70 4.20 e 0.0160 0.0240 0.41 0.61 b 0.1063 0.1300 2.70 3.30 f - *0.0150 - *0.38 c 0.5000 - 12.7 - g 0.0800 0.1050 2.03 2.67 d - *0.1000 - *2.54 notes : 1.dimension and tolerance based on our spec. dated sep. 07,1997. 2.controlling dimension : millimeters. 3.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.if there is any question with packing specification or packing method, please contact your local hsmc sales office. material : ? lead : 42 alloy ; solder plating ? mold compound : epoxy resin family, flammability solid burning class:ul94v-0 important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of hsmc. ? hsmc reserves the right to make changes to its products without notice. ? hsmc semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? hsmc assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. head office and factory : ? head office (hi-sincerity microelectronics corp.) : 10f.,no. 61, sec. 2, chung-shan n. rd. taipei taiwan r.o.c. tel : 886-2-25212056 fax : 886-2-25632712, 25368454 ? factory 1 : no. 38, kuang fu s. rd., fu-kou hsin-chu industrial park hsin-chu taiwan. r.o.c tel : 886-3-5983621~5 fax : 886-3-5982931 ? factory 2 : no. 17-1, ta-tung rd., fu-kou hsin-chu industrial park hsin-chu taiwan. r.o.c tel : 886-3-5977061 fax : 886-3-5979220 style : pin 1.emitter 2.collector 3.base b a c d 3 2 1 e g f 3-lead to-92sp plastic package, hsmc package code : n


▲Up To Search▲   

 
Price & Availability of HAD826SP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X