Part Number Hot Search : 
50008 JMB388 HFMD2085 AP230 SDTB6D8Q 00103 60N60 DGB8913
Product Description
Full Text Search
 

To Download EL3010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  5 pin dip random-phase triac driver photocoupler everlight electronics co., ltd. 1 http://www.everlight.com document no dpc-0000075 rev. 1 october 1,2011 el301x(p5) series el302x(p5) series el305x(p5) series features: ? peak breakdown voltage - 250v: el301x(p5) - 400v: el302x(p5) - 600v: el305x(p5) ? high isolation voltage between input and output (viso=5000 v rms ) ? compact dual-in-line package ? pb free and rohs compliant. ? ul approved (no. e214129) ? vde approved (no.132249) ? semko approved ? nemko approved ? demko approved ? fimko approved ? csa approved ? cqc approved description the el301x(p5), el302x(p5) and el305x(p5) series of devices each consist of a gaas infrared emitting diode opti cally coupled to a monolithic silicon random phase photo triac. they are designed for interfacing between electroni c controls and power triacs to control resistive and inductive loa ds for 115 to 240 vac operations. . applications  solenoid/valve controls  lamp ballasts  static ac power switch  interfacing microprocessors to 115 to 240vac perip herals  incandescent lamp dimmers  temperature controls  motor controls schematic pin configuration 1. anode 2. cathode 3. no connection 4. terminal 5. pin cut 6. terminal
5 pin dip random-phase triac driver photocoupler everlight electronics co., ltd. 2 http://www.everlight.com document no dpc-0000075 rev. 1 october 1,2011 el301x(p5) series el302x(p5) series el305x(p5) series absolute maximum ratings (t a =25c) parameter symbol rating unit input forward current i f 60 ma reverse voltage v r 6 v power dissipation derating factor (above 85c) p d 100 mw 3.8 mw /c output off-state output terminal voltage el301x v drm 250 v el302x 400 el305x 600 peak repetitive surge current i tsm 1 a power dissipation derating factor (above 85c) p d 300 mw 7.4 mw /c isolation voltage *1 v iso 5000 v rms total power dissipation p d 330 mw operating temperature t opr -55~+100 c storage temperature t stg -55~+125 c soldering temperature *2 t sol 260 c notes *1 ac for 1 minute, r.h.= 40 ~ 60% r.h. in this test, pins 1, 2 & 3 are shorted together, and pins 4, 5 & 6 are shorted together. *2 for 10 seconds.
5 pin dip random-phase triac driver photocoupler everlight electronics co., ltd. 3 http://www.everlight.com document no dpc-0000075 rev. 1 october 1,2011 el301x(p5) series el302x(p5) series el305x(p5) series electrical characteristics (t a =25c unless specified otherwise) input parameter symbol min. typ.* max. unit condition forward voltage v f - 1.18 1.5 v i f = 10ma reverse leakage current i r - - 10 a v r = 6v output parameter symbol min. typ.* max. unit condition peak blocking current i drm - - 100 na v drm = rated v drm i f = 0ma peak on-state voltage v tm - - 2.5 v i tm =100ma peak, i f =rated i ft critical rate of rise off-state voltage el301x el302x dv/dt - 100 - v/s v peak =rated v drm , i f =0 (fig. 8) el305x 1000 - - v peak =400v, i f =0 (fig. 8) transfer characteristics parameter symbol min. typ.* max. unit condition led trigger current EL3010 el3021 el3051 i ft - - 15 ma main terminal voltage=3v el3011 el3022 el3052 - - 10 el3012 el3023 el3053 - - 5 holding current i h - 250 - a * typical values at t a = 25c
5 pin dip random-phase triac driver photocoupler everlight electronics co., ltd. 4 http://www.everlight.com document no dpc-0000075 rev. 1 october 1,2011 el301x(p5) series el302x(p5) series el305x(p5) series typical performance curves
5 pin dip random-phase triac driver photocoupler everlight electronics co., ltd. 5 http://www.everlight.com document no dpc-0000075 rev. 1 october 1,2011 el301x(p5) series el302x(p5) series el305x(p5) series figure 8. static dv/dt test circuit & waveform measurement method the high voltage pulse is set to the required v peak value and applied to the d.u.t. output side throug h the rc circuit above. led current is not applied. the wa veform v t is monitored using a x100 scope probe. by varying r test , the dv/dt (slope) is increased, until the d.u.t. is observed to trigger (waveform collapses). the dv/dt is then decreased until the d.u.t. stops trig gering. at this point, rc is recorded and the dv/dt calculated. v peak 0 applied v t waveform rc 0.632 x v peak 5 0  1 0 k  d.u.t. r test high voltage pulse source c test v t a k t1 t2 0.632 x v peak rc dv/dt =
5 pin dip random-phase triac driver photocoupler everlight electronics co., ltd. 6 http://www.everlight.com document no dpc-0000075 rev. 1 october 1,2011 el301x(p5) series el302x(p5) series el305x(p5) series for example, v peak = 400v for el302x series. the dv/dt value is calc ulated as follows: order information part number el301xy(z)(p5)-v or el302xy(z)(p5)-v or el305xy(z)(p5)-v note x = part no. for el301x (0, 1 or 2) x = part no. for el302x, el305x (1, 2 or 3) y = lead form option (s, s1, m or none) z = tape and reel option (ta, tb or none). p5 = 5 pins type v = vde safety approved (optional) option description packing quantity none standard dip-6 65 units per tube m wide lead bend (0.4 inch spacing) 65 units per tu be s (ta) surface mount lead form + ta tape & reel opt ion 1000 units per reel s (tb) surface mount lead form + tb tape & reel opt ion 1000 units per reel s1 (ta) surface mount lead form (low profile) + ta tape & reel option 1000 units per reel s1 (tb) surface mount lead form (low profile) + tb tape & reel option 1000 units per reel 0.63 x 400 rc dv/dt = = 252 rc
5 pin dip random-phase triac driver photocoupler everlight electronics co., ltd. 7 http://www.everlight.com document no dpc-0000075 rev. 1 october 1,2011 el301x(p5) series el302x(p5) series el305x(p5) series package drawings (dimensions in mm) standard dip type option m type
5 pin dip random-phase triac driver photocoupler everlight electronics co., ltd. 8 http://www.everlight.com document no dpc-0000075 rev. 1 october 1,2011 el301x(p5) series el302x(p5) series el305x(p5) series option s type option s1 type
5 pin dip random-phase triac driver photocoupler everlight electronics co., ltd. 9 http://www.everlight.com document no dpc-0000075 rev. 1 october 1,2011 el301x(p5) series el302x(p5) series el305x(p5) series recommended pad layout for surface mount leadform device marking notes el denotes everlight 3053 denotes device number y denotes 1 digit year code ww denotes 2 digit week code v denotes vde optional el 3052 ywwv
5 pin dip random-phase triac driver photocoupler everlight electronics co., ltd. 10 http://www.everlight.com document no dpc-0000075 rev. 1 october 1,2011 el301x(p5) series el302x(p5) series el305x(p5) series tape & reel packing specifications tape dimensions dimension no. a b do d1 e f dimension (mm) 10.40.1 7.520.1 1.5+0.1/-0 1.5+0.1/-0 1.750.1 7.50.1 dimension no. po p1 p2 t w k dimension (mm) 4.00.15 1.60.1 2.00.1 0.350.03 16.00.2 4.50.1 option ta option tb direction of feed from reel direction of feed from reel
5 pin dip random-phase triac driver photocoupler everlight electronics co., ltd. 11 http://www.everlight.com document no dpc-0000075 rev. 1 october 1,2011 el301x(p5) series el302x(p5) series el305x(p5) series solder reflow temperature profile 150 c 1 - 3 c/sec max 6 0 ? 12 0 sec 200 c 217 c >255 c ( 30s max ) 1 - 3 c/sec max 6 0 ? 1 0 0 sec 260 c ( peak ) time (s)
5 pin dip random-phase triac driver photocoupler everlight electronics co., ltd. 12 http://www.everlight.com document no dpc-0000075 rev. 1 october 1,2011 el301x(p5) series el302x(p5) series el305x(p5) series disclaimer 1. above specification may be changed without notic e. everlight will reserve authority on material cha nge for above specification. 2. when using this product, please observe the abso lute maximum ratings and the instructions for use outlined in these specification sheets. everlight a ssumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets. 3. these specification sheets include materials pro tected under copyright of everlight. reproduction i n any from is prohibited without the specific consent of everlight.


▲Up To Search▲   

 
Price & Availability of EL3010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X