Part Number Hot Search : 
CA9011 KBPC10XX AK4536VN IRFZ4 LBN09019 E130A MD7540 KSMF2N60
Product Description
Full Text Search
 

To Download DDTD114TU-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30382 rev. 3 - 2 1 of 3 ddtd (xxxx) u www.diodes.com  diodes incorporated ddtd (xxxx) u npn pre-biased 500 ma sot-323 surface mount transistor characteristic symbol value unit supply voltage, (3) to (1) v cc 50 v input voltage, (2) to (1) ddtd113eu ddtd123eu ddtd143eu ddtd114eu ddtd122ju ddtd113zu ddtd123yu ddtd133hu v in -10 to +10 -10 to +12 -10 to +30 -10 to +40 -5 to +5 -5 to +10 -5 to +12 -6 to +20 v input voltage, (1) to (2) ddtd123tu ddtd143tu ddtd114tu ddtd114gu v ebo (max) 5v output current all i c 500 ma power dissipation p d 200 mw thermal resistance, junction to ambient air (note 1) r  ja 625  c/w operating and storage and temperature range t j ,t stg -55 to +150  c features maximum ratings @ t a = 25  c unless otherwise specified a m j l f d b c h k g in gnd out 3 2 1 mechanical data  case: sot-323  case material: molded plastic. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminal connections: see diagram  also available in lead free plating (matte tin finish annealed over alloy 42 leadframe). please see ordering information, note 4, on page 3  marking: date code and marking code (see diagrams & page 3)  ordering information (see page 3)  weight: 0.006 grams (approximate) t c u d o r p w e n (2) in r 1 r 2 gnd (1) out (3) p/n r1 (nom) r2 (nom) marking ddtd113eu ddtd123eu ddtd143eu ddtd114eu ddtd122ju ddtd113zu ddtd123yu ddtd133hu ddtd123tu ddtd143tu ddtd114tu ddtd114gu 1k 2.2k 4.7k 10k 0.22k 1k 2.2k 3.3k 2.2k 4.7k 10k 0 1k 2.2k 4.7k 10k 4.7k 10k 10k 10k open open open 10k n60 n61 n62 n63 n64 n65 n66 n67 n69 n70 n71 n72 sot-323 dim min max a 0.25 0.40 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal e 0.30 0.40 g 1.20 1.40 h 1.80 2.20 j 0.0 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.18  0  8  all dimensions in mm note: 1. mounted on fr4 pc board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. 2. no purposefully added lead.  epitaxial planar die construction  complementary pnp types available (ddtb)  built-in biasing resistors, r1, r2  available in lead free/rohs compliant version (note 2)
ds30382 rev. 3 - 2 2 of 3 ddtd (xxxx) u www.diodes.com characteristic symbol min typ max unit test condition input voltage ddtd113eu ddtd123eu ddtd143eu ddtd114eu ddtd122ju ddtd113zu ddtd123yu ddtd133hu v l(off) 0.5 0.5 0.5 0.5 0.5 0.3 0.3 0.3  v v cc = 5v, i o = 100  a ddtd113eu ddtd123eu ddtd143eu ddtd114eu ddtd122ju ddtd113zu ddtd123yu ddtd133hu v l(on)  3.0 3.0 3.0 3.0 3.0 2.0 2.0 2.0 v v o = 0.3v, i o = 20ma v o = 0.3v, i o = 20ma v o = 0.3v, i o = 20ma v o = 0.3v, i o = 10ma v o = 0.3v, i o = 30ma v o = 0.3v, i o = 20ma v o = 0.3v, i o = 20ma v o = 0.3v, i o = 20ma output voltage v o(on)  0.3v v i o /i l = 50ma/2.5ma input current ddtd113eu ddtd123eu ddtd143eu ddtd114eu ddtd122ju ddtd113zu ddtd123yu ddtd133hu i l  7.2 3.8 1.8 0.88 28 7.2 3.6 2.4 ma v i = 5v output current i o(off)  0.5  a v cc = 50v, v i = 0v dc current gain ddtd113eu ddtd123eu ddtd143eu ddtd114eu ddtd122ju ddtd113zu ddtd123yu ddtd133hu g l 33 39 47 56 47 56 56 56  v o = 5v, i o = 50ma gain-bandwidth product* f t  200  mhz v ce = 10v, i e = 5ma, f = 100mhz electrical characteristics r1, r2 types @ t a = 25  c unless otherwise specified t c u d o r p w e n * transistor - for reference only characteristic symbol min typ max unit test condition collector-base breakdown voltage bv cbo 50  v i c = 50  a collector-emitter breakdown voltage bv ceo 40  v i c = 1ma emitter-base breakdown voltage ddtd123tu ddtd143tu ddtd114tu ddtd114gu bv ebo 5   v i e = 50  a i e = 50  a i e = 50  a i e = 720  a collector cutoff current i cbo  0.5  a v cb = 50v emitter cutoff current ddtd123tu ddtd143tu ddtd114tu ddtd114gu i ebo    300  0.5 0.5 0.5 580  a v eb = 4v collector-emitter saturation voltage v ce(sat)  0.3 v i c = 50ma, i b = 2.5ma dc current transfer ratio ddtd123tu ddtd143tu ddtd114tu ddtd114gu h fe 100 100 100 56 250 250 250  600 600 600   i c = 5ma, v ce = 5v gain-bandwidth product* f t  200  mhz v ce = 10v, i e = -5ma, f = 100mhz * transistor - for reference only electrical characteristics r1-only, r2-only types @ t a = 25  c unless otherwise specified
ds30382 rev. 3 - 2 3 of 3 ddtd (xxxx) u www.diodes.com xxx = product type marking code see sheet 1 diagrams ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september xxx ym marking information notes: 3. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 4. for lead free/rohs compliant version part number, please add "-f" suffix to the part number above. example : ddtd114gu-7-f. device packaging shipping ddtd113eu-7 sot-323 3000/tape & reel ddtd123eu-7 sot-323 3000/tape & reel ddtd143eu-7 sot-323 3000/tape & reel ddtd114eu-7 sot-323 3000/tape & reel ddtd122ju-7 sot-323 3000/tape & reel ddtd113zu-7 sot-323 3000/tape & reel ddtd123yu-7 sot-323 3000/tape & reel ddtd133hu-7 sot-323 3000/tape & reel ddtd123tu-7 sot-323 3000/tape & reel ddtd143tu-7 sot-323 3000/tape & reel DDTD114TU-7 sot-323 3000/tape & reel ddtd114gu-7 sot-323 3000/tape & reel ordering information (note 3) month jan feb march apr may jun jul aug sep oct nov dec code 1234567 89 o nd year 2002 2003 2004 2005 2006 2007 2008 2009 code nprst uvw date code key t c u d o r p w e n


▲Up To Search▲   

 
Price & Availability of DDTD114TU-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X