Part Number Hot Search : 
50HM65 BDW52A LT1961 TFS400F BC857A 78LXXM SPD5190B 856326
Product Description
Full Text Search
 

To Download BPL17-12FR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  nominal voltage nominal capacity 17.0ah @ 20 hour rate f.v.(1.75v/cell) t erminals 16m 5.1 a oo o o charge 0 c ~ 40 c(32 f ~ 104 f) oo o o discharge -20 c ~ 50 c(-4 f ~ 122 f) oo o o storage. -20 c ~ 40 c(-4 f ~ 104 f) abs(ul94-hb, ul94-v0 is optional) internal resistance length 181 1.5 width 76 1.5 container height 166 1.5 total height o u te r d im e n s io n s t e r m in a l t y p e 12 v max. charge current container material dimension(mm/inch) 6150g(13.56lbs.) (v/cell) f.v. discharge time 5 min 10 min 15 min 30 min 1 hr 3 hr 5 hr 10 hr 20 hr unit: w unit: a o o const ant cu rrent d ischar ge cha racter istics at 25 c/77 f o o const ant po wer di scharg e char acteris tics at 25 c/77 f all d ata sha ll be cha nge d w itho ut p rior noti ce, bb rese rves the righ t to exp lain and upd ate the info rma tion con tain ed h erei nto. (v/cell) f.v. discharge time 5 min 10 min 15 min 30 min 1 hr 3 hr 5 hr 10 hr 20 hr vrla rechargeable battery (BPL17-12FR) bpl17-12 technology measures innovation values iso 9001 iso14001 ul ce ups emergency lights term inal t 2 3.4(0.13) 6 . 3 5 ( 0 . 2 5 ) 7.85(0.31) 0 . 8 ( 0 . 0 3 ) term inal b 1 [m5 b olt & nu t] 12.0(0.47) 5 . 5 ( 0 . 2 2 ) 2.0(0.08) 5 . 0 ( 0 . 2 0 ) 1 1 . 0 ( 0 . 4 3 ) termin al i 1 [m5 bolt & nut] m5x0.8 2 . 0 ( 0 . 0 8 ) terminal hardware initial torque: b1(2.5 nm 5%), i 1(4.0 nm 5%) 166 1.5 b.b. battery co., ltd. powered by rev. jul. 2 009 a/0 554.0 641.0680.0 712.0 733.0 416.3451.0 467.3 478.4 487.9 337.1352.9 363.6 372.1 379.3 202.8210.6 215.2 218.3 220.5 117.50120.90 123.10 124.80 126.00 49.5050.50 51.00 51.50 51.70 34.2034.70 35.00 35.20 35.20 19.0919.38 19.48 19.53 19.53 9.98 10.2010.25 10.27 10.27 49.91 58.8162.39 65.32 67.25 36.6539.70 41.14 42.11 42.95 29.3130.69 31.62 32.36 32.98 9.8710.16 10.34 10.49 10.59 4.134.21 4.25 4.29 4.31 2.852.89 2.92 2.93 2.93 1.591.62 1.62 1.63 1.63 0.830.85 0.85 0.86 0.86 17.1917.85 18.24 18.50 18.69 application features maintenance free(no water topping-up required). no free acid(non-spillable battery). low self-discharge rate, lower than 3% capacity loss per month. can be used in any orientation(excluding used inverted). specifications iec61056 jis c 8702gb/t 19639 approx. weight b1 (fitting m5 bolt & nut) , i 1 and t2 are optional max. discharge current 255 a (5 sec.) (fully charged ) operating tem perature range fishing lights lawn mowers video camcorders(vcr) (7.13 0.06) (2.99 0.06) (6.54 0.06) (6.54 0.06) 1.80v 1.75v 1.70v 1.65v 1.60v 1.80v 1.75v 1.70v 1.65v 1.60v


▲Up To Search▲   

 
Price & Availability of BPL17-12FR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X