Part Number Hot Search : 
8QY2ACP 74HC66 P6KE6 14516 4C44A MAA723 2L64164A 25VF04
Product Description
Full Text Search
 

To Download BPL12-12FR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  nominal voltage nominal capacity 12.0ah @ 20 hour rate f.v.(1.75v/cell) t erminals 16m 3.6 a oo o o charge 0 c ~ 40 c(32 f ~ 104 f) oo o o discharge -20 c ~ 50 c(-4 f ~ 122 f) oo o o storage. -20 c ~ 40 c(-4 f ~ 104 f) abs(ul94-hb, ul94-v0 is optional) internal resistance length 151 1.5 width 98 1.5 container height 94 1.5 total height o u te r d im e n s io n s t e r m in a l t y p e 12 v max. charge current container material dimension(mm/inch) 4.1kg(9.04lbs.) all d ata sha ll be cha nge d w itho ut p rior noti ce, bb rese rves the righ t to exp lain and upd ate the info rma tion con tain ed h erei nto. vrla rechargeable battery (BPL12-12FR) bpl12-12 technology measures innovation values iso 9001 iso14001 ul ce ups 98 2.0 b.b. battery co., ltd. powered by rev. jul. 2 009 a/0 application features maintenance free(no water topping-up required). no free acid(non-spillable battery). low self-discharge rate, lower than 3% capacity loss per month. can be used in any orientation(excluding used inverted). specifications iec61056 jis c 8702gb/t 19639 approx. weight max. discharge current 180 a (5 sec.) (fully charged ) operating tem perature range (v/ cel l) f.v . dis cha rge tim e 5 m in 10 m in 15 m in 30 m in 1 h r 3 h r 5 h r 10 h r 39 1.0 45 2.0 48 0.0 50 2.0 51 8.0 29 3.8 31 8.3 32 9.8 33 7.7 34 4.4 23 8.1 24 9.0 25 6.7 26 2.6 26 7.8 14 3.2 14 8.6 15 2.0 15 4.2 15 5.7 83 .0 85 .5 87 .0 88 .0 88 .9 35 .0 35 .7 36 .0 36 .3 36 .5 24 .10 24 .50 24 .60 24 .70 24 .80 13 .48 13 .68 13 .75 13 .80 13 .80 20 h r 7.0 5 7.2 0 7.2 3 7.2 5 7.2 5 un it: w (v/ cel l) f.v . dis cha rge tim e 5 m in 10 m in 15 m in 30 m in 1 h r 3 h r 5 h r 10 h r 35 .23 41 .47 44 .04 46 .06 47 .52 25 .86 28 .02 29 .03 29 .73 30 .32 20 .70 21 .65 22 .32 22 .83 23 .29 6.9 7 7.1 8 7.3 1 7.3 9 7.4 7 2.9 2 2.9 8 3.0 0 3.0 3 3.0 4 2.0 08 2.0 42 2.0 50 2.0 58 2.0 67 1.1 23 1.1 40 1.1 46 1.1 50 1.1 50 20 h r 0.5 88 0.6 00 0.6 03 0.6 04 0.6 04 un it: a o o co ns ta nt c ur re nt d is ch ar ge c ha ra ct er is tic s at 2 5 c/ 77 f 12 .14 12 .59 12 .88 13 .07 13 .19 o o co ns ta nt p ow er d is ch ar ge c ha ra ct er is tic s at 2 5 c/ 77 f t2 (faston tab 250) t1 is optional 151 1.5(5 .94 0.06 ) 9 4 1 . 5 ( 3 . 7 0 0 . 6 ) 9 8 2 ( 3 . 8 6 0 . 0 8 ) 98 1.5(3 .86 0.06 ) terminal t1 4 . 7 5 ( 0 . 1 9 ) 3.2(0.13) 6.35(0.25) 0 . 8 ( 0 . 0 3 ) terminal t2 3.4(0.13) 6 . 3 5 ( 0 . 2 5 ) 7.85(0.31) 0 . 8 ( 0 . 0 3 ) laboratory equipment toy-cars power packs fishing lights (5.94 0.06) (3.86 0.06) (3.70 0.06) (3.86 0.08) 1.80v 1.75v 1.70v 1.65v 1.60v 1.80v 1.75v 1.70v 1.65v 1.60v


▲Up To Search▲   

 
Price & Availability of BPL12-12FR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X