Part Number Hot Search : 
BU4538B LT551 74LS07 KDP623UL P7831113 70750 AM2942 MCSO1HV
Product Description
Full Text Search
 

To Download BAV16WS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fast switching speed:trr=4ns(typ). surface mount package ideally suited for automatic insertion. for general purpose switching applications. high conductance. available in lead free version. surface mount fast switching diode. type no. marking package code BAV16WS t6 sod-323 maximum rating @ ta=25 unless otherwise specified characteristic symbol value unit non-repetitive peak reverse voltage v rm 100 v peak repetitive reverse voltage working peak reverse voltage dc reverse voltage v rrm v rwm v r 75 v rms reverse voltage v r(rms) 53 v forward continuous current i fm 300 ma average rectified output current i o 150 ma non-repetitive peak forward surge current @t=1.0 s @t=1.0 s i fsm 2.0 1.0 a power dissipation p d 200 mw thermal resistance junction to ambient air r ja 625 /w operating and storage temperature rage t j ,t stg -65 to+150 BAV16WS silicon epitaxial planar diodes sod-323 dimensions in inches and (millimeters) features applications ordering information ? ? ? ? ? ? http://www.luguang.cn mail:lge@luguang.cn
electrical characteristics @ ta=25 unless otherwise specified characteristic symbol mi n max unit test condition reverse breakdown voltage v (br)r 75 - v i r =1.0 a forward voltage v f - 0.715 0.855 1.0 1.25 v i f =1.0ma i f =10ma i f =50ma i f =150ma reverse current i r - 1.0 25 a na v r =75v v r =20v capacitance between terminals c t - 2.0 pf v r =0,f=1.0mhz reverse recovery time t rr - 4.0 ns i f =i r =10ma, i rr =0.1i r ,r l =100 ? typical characteristics @ ta=25 unless otherwise specified BAV16WS silicon epitaxial planar diodes http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of BAV16WS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X