Part Number Hot Search : 
PUMD15 S8085 2SA1738 1812B 20153 FQI44N10 74ACT161 26000
Product Description
Full Text Search
 

To Download B41852A6224M00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  391 10/02 general-purpose grade capacitors ultra-miniaturized dimensions applications general-purpose applications, mainly used in compact electronic equipments features ultra-miniaturized dimensions low profile construction dimension 4 5 mm charge-discharge proof, polar aluminum case with insulating sleeve minus pole marking on the insulation sleeve stand off rubber seal delivery mode bulk taped, ammo pack refer to page 503 for further details and ordering example. kal0707-f b41852 single-ended gp capacitors low profile ? 105 c b41852
392 10/02 b41852 low profile ? 105 c specifications and characteristics in brief dimensional drawing dimensions and weight rated voltage u r 10 50 vdc surge voltage u s 1,15 u r rated capacitance c r 0,1 15 f capacitance tolerance 20 % m useful life requirements: 105 c; u r ; i ~ r > 1 000 h ? c / c 50 % of initial value tan ? 3 times initial specified limit i l initial specified limit failure percentage: 3 % failure rate: 100 fit ( 100 10 9 /h) (for definiton fit , refer to chapter quality , page 62) voltage endurance test post test requirements: 105 c; u r 1 000 h ? c/c 25 % of initial value tan ? 2 times initial specified limit i l initial specified limit vibration resistance to iec 60068-2-6, test fc: displacement amplitude 0,75 mm, frequency range 10 2000 hz, acceleration max.10 g , duration 3 2 h iec climatic category to iec 60068-1: 40/105/56 ( 40 c/+ 105 c/56 days damp heat test) sectional specification iec 60384-4 dimensions (mm) approx. weight g d ld max l max a 0,5 b 4 5 4,5 6 1,5 0,45 0,05 0,3 kal0812-m-e d d max. a 15 min. max. 5 min. b minus pole marking + - stand-off rubber seal
393 10/02 b41852 low profile ? 105 c overview of available types other capacitance and voltage ratings are available upon request. technical data and ordering codes 1) * = "0" for bulk version. for taping versions, other lead configurations and packing information see page 503 u r (vdc) 10 16 25 35 50 c r ( f) case dimensions d l (mm) 0,1 4 5 0,22 4 5 0,33 4 5 0,47 4 5 1 4 5 2,2 4 5 3,3 4 54 5 4,7 4 54 5 10 4 5 15 4 5 u r vdc c r 120 hz 20 c f case dimensions d l mm i l, max 5 min 20 c a tan max 120 hz 20 c esr max 120 hz 20 c ? i ~ r 120 hz 105 c ma ordering code 1) 10 15 4 5 3,0 0,20 18 20 b41852a3156m00* 16 10 4 5 3,0 0,17 23 18 b41852a4106m00* 25 4,7 4 5 3,0 0,15 42 13 b41852a5475m00* 35 3,3 4 5 3,0 0,12 48 11 b41852a7335m00* 4,7 4 5 3,0 0,12 34 14 b41852a7475m00* 50 0,10 4 5 3,0 0,10 1 326 1,0 b41852a6104m00* 0,22 4 5 3,0 0,10 603 2,0 B41852A6224M00* 0,33 4 5 3,0 0,10 402 3,0 b41852a6334m00* 0,47 4 5 3,0 0,10 282 3,8 b41852a6474m00* 1,0 4 5 3,0 0,10 133 6,0 b41852a6105m00* 2,2 4 5 3,0 0,10 60 11 b41852a6225m00* 3,3 4 5 3,0 0,10 40 13 b41852a6335m00*
394 10/02 b41852 low profile ? 105 c equivalent series resistance esr at f = 120 hz versus temperature t typical behavior impedance z at f = 10 khz versus temperature t typical behavior impedance z versus frequency f and temperature t for 0,47 f/50 vdc typical behavior impedance z versus frequency f and temperature t for 10 f/16 vdc typical behavior 40 40 0 _ 2 4 0 16 v 50 v 20 _ 20 esr 6 25 ? c 8 esr 12 t b41852 120 80 60 ? c t kal0745-s 40 0,47 f/50 v 10 f/16 v 40 10 _ _ 1 10 0 0 20 _ 20 z 10 1 10 ? 2 b41852 120 80 60 ? c t kal0746-1 10 10 0 10 1 2 1 10 10 3 z 10 2 10 3 10 ? 4 10 105 ? c 10 4 10 5 hz f 20 ? c 0 ? c 6 kal0747-9 40 ? c 25 ? c _ _ b41852 10 10 _ 1 10 0 2 1 10 10 3 z 10 1 10 2 10 ? 3 10 105 ? c 10 4 10 5 hz f 6 kal0748-h 40 ? c 25 ? c 20 ? c _ _ 0 ? c b41852
395 10/02 b41852 low profile ? 105 c impedance z versus frequency f typical behavior at 20 c 10 10 _ 1 10 0 2 1 10 10 3 z 10 1 10 2 10 ? 3 10 10 4 10 5 hz f 6 kal0749-q 10 f/16 v 0,47 f/50 v b41852
herausgegeben von epcos ag unternehmenskommunikation, postfach 80 17 09, 81617 mnchen, deutschland  ++49 89 636 09, fax (0 89) 636-2 26 89 ? epcos ag 2002. vervielf?ltigung, ver?ffentlichung, verbreitung und verwertung dieser broschre und ihres inhalts ohne aus- drckliche genehmigung der epcos ag nicht gestattet. bestellungen unterliegen den vom zvei empfohlenen allgemeinen lieferbedingungen fr erzeugnisse und leistungen der elek- troindustrie, soweit nichts anderes vereinbart wird. diese broschre ersetzt die vorige ausgabe. fragen ber technik, preise und lieferm?glichkeiten rich ten sie bitte an den ihnen n?chstgelegenen vertrieb der epcos ag oder an unsere vertriebsgesellschaften im ausland. bauelemente k?nnen aufgrund technischer erfordernisse gefahrstoffe ent- halten. ausknfte darber bitten wir unter angabe des betreffenden typs ebenfalls ber die zust?ndige vertriebsgesellschaft ein - zuholen. published by epcos ag corporate communications, p.o. box 80 17 09, 81617 munich, germany  ++49 89 636 09, fax (0 89) 636-2 26 89 ? epcos ag 2002. reproduction, publication and dissemination of this brochure and the information contained therein without epcos? prior express consent is prohibited. purchase orders are subject to the general conditions for the s upply of products and services of the electrical and electronics industry recommended by the zvei (german electrical and el ectronic manufacturers? associ ation), unless otherwise agreed. this brochure replaces the previous edition. for questions on technology, prices and delivery please contact the sales offices of epcos ag or the international representa- tives. due to technical requirements components may contain dangerous substances. for information on the type in question please also contact one of our sales offices.


▲Up To Search▲   

 
Price & Availability of B41852A6224M00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X