Part Number Hot Search : 
MAX38 M100D ATS01 ATS01 4ACT24 ATS01 2SJ281FA EDZ27
Product Description
Full Text Search
 

To Download AM29LV010B-90EF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  publication number 22140 revision d amendment 7 issue date february 24, 2009 am29lv010b am29lv010b cover sheet data sheet (retired product) this product has been retired and is not recommended for designs . please contact a spansion representative for alternates. availability of this document is retained for reference and historical purposes only. the following document contains info rmation on spansion memory products. continuity of specifications there is no change to this data sheet as a result of offering the device as a spansi on product. any changes that have been made are the result of normal data sheet improvem ent and are noted in the document revision summary. for more information please contact your local sales office for additional information about spansion memory solutions.
2 am29lv010b 22140_d7 february 24, 2009 data sheet (retired product) this page left intentionally blank.
data sheet this data sheet states amd?s current technical specifications regarding the products described herein. this data sheet may be revised by subsequent versions or modifications due to changes in technical specifications. publication# 22140 rev: d amendment: 7 issue date: february 24, 2009 am29lv010b 1 megabit (128 k x 8-bit) cmos 3.0 volt-only uniform sector flash memory distinctive characteristics ? single power supply operation ? full voltage range: 2.7 to 3.6 volt read and write operations for battery-powered applications ? regulated voltage range: 3.0 to 3.6 volt read and write operations and for compatibility with high performance 3.3 volt microprocessors ? manufactured on 0.32 m process technology ? high performance ? full voltage range: access times as fast as 55 ns ? ultra low power consumption (typical values at 5 mhz) ? 200 na automatic sleep mode current ? 200 na standby mode current ? 7 ma read current ? 15 ma program/erase current ? flexible sector architecture ? eight 16 kbyte ? supports full chip erase ? sector protection features: hardware method of locking a sector to prevent any program or erase operations within that sector sectors can be locked in-system or via programming equipment temporary sector unprotect feature allows code changes in previously locked sectors ? unlock bypass mode program command ? reduces overall programming time when issuing multiple program command sequences ? embedded algorithms ? embedded erase algorithm automatically preprograms and erases the entire chip or any combination of designated sectors ? embedded program algorithm automatically writes and verifies data at specified addresses ? minimum 1,000,000 write cycle guarantee per sector ? 20 year data retention at 125 c ? reliable operation for the life of the system ? package option ? 32-pin tsop ? 32-pin plcc ? compatibility with jedec standards ? pinout and software compatible with single- power supply flash ? superior inadvertent write protection ? data# polling and toggle bits ? provides a software method of detecting program or erase operation completion ? erase suspend/erase resume ? supports reading data from or programming data to a sector that is not being erased this product has been retired and is not recommended for design s. please contact a spansion representative for alternates. avai lability of this document is retained for reference and historical purposes only.
4 am29lv010b 22140d7 february 24, 2009 data sheet general description the am29lv010b is a 1 mbit, 3.0 volt-only flash memory device organized as 131,072 bytes. the am29lv010b has a uniform sector architecture. the device is offered in 32-pin plcc and 32-pin tsop packages. the byte-wide (x8) data appears on dq7-dq0. all read, erase, and program operations are accomplished using only a single power supply. the device can also be programmed in standard eprom programmers. the standard am29lv010b offers access times of 55, 70, and 90 ns (100 ns part is also available), allowing high speed microprocessors to operate without wait states. to eliminate bus contention, the device has sep - arate chip enable (ce#), write enable (we#) and output enable (oe#) controls. the device requires only a single power supply (2.7v-3.6v) for both read and write functions. internally generated and regulated voltages are provided for the program and erase operations. the device is entirely command set compatible with the jedec single-power-supply flash standard . com - mands are written to the command register using standard microprocessor write timings. register con - tents serve as input to an internal state-machine that controls the erase and programming circuitry. write cycles also internally latch addresses and data needed for the programming and erase operations. reading data out of the device is similar to reading from other flash or eprom devices. device programming occurs by executing the program command sequence. this initiates the embedded program algorithm?an internal algorithm that auto - matically times the program pulse widths and verifies proper cell margin. the unlock bypass mode facili - tates faster programming times by requiring only two write cycles to program data instead of four. device erasure occurs by executing the erase command sequence. this initiates the embedded erase algorithm?an internal algorithm that automati - cally preprograms the array (if it is not already programmed) before executing the erase operation. during erase, the device automatically times the erase pulse widths and verifies proper cell margin. the host system can detect whether a program or erase operation is complete by reading the dq7 (data# polling) and dq6 (toggle) status bits . after a program or erase cycle has been completed, the device is ready to read array data or accept another command. the sector erase architecture allows memory sectors to be erased and reprogrammed without affecting the data contents of other sectors. the device is fully erased when shipped from the factory. hardware data protection measures include a low v cc detector that automatically inhibits write opera - tions during power transitions. the hardware sector protection feature disables both program and erase operations in any combination of the sectors of memory. this can be achi eved in-system or via pro - gramming equipment. the erase suspend feature enables the user to put erase on hold for any period of time to read data from, or program data to, any sector that is not selected for erasure. true background erase can thus be achieved. the device offers two power-saving features. when addresses have been stable for a specified amount of time, the device enters the automatic sleep mode . the system can also place the device into the standby mode . power consumption is greatly reduced in both these modes. amd?s flash technology combines years of flash memory manufacturing experience to produce the highest levels of quality, reliability and cost effectiveness. the device electrically erases all bits within a sector simultaneously via fowler- nordheim tunneling. the data is programmed using hot electron injection.
february 24, 2009 22140d7 am29lv010b 5 data sheet table of contents distinctive characteristics . . . . . . . . . . . . . . . . . . 3 general description . . . . . . . . . . . . . . . . . . . . . . . . 4 product selector guide . . . . . . . . . . . . . . . . . . . . . 6 block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 connection diagrams . . . . . . . . . . . . . . . . . . . . . . . 7 pin configuration . . . . . . . . . . . . . . . . . . . . . . . . . . 8 logic symbol . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 ordering information . . . . . . . . . . . . . . . . . . . . . . . 9 device bus operations . . . . . . . . . . . . . . . . . . . . . 10 table 1. am29lv010b device bus operations .............................. 10 requirements for reading array data ................................... 10 writing commands/command sequences ............................ 10 program and erase operation status .................................... 11 standby mode ........................................................................ 11 automatic sleep mode ........................................................... 11 output disable mode .............................................................. 11 table 2. am29lv010b uniform sector address table................... 11 autoselect mode ..................................................................... 12 table 3. am29lv010b autoselect codes....................................... 12 sector protection/unprotection ............................................... 12 hardware data protection ...................................................... 12 command definitions . . . . . . . . . . . . . . . . . . . . . 13 reading array data ................................................................ 13 reset command ..................................................................... 13 autoselect command sequence ............................................ 13 byte program command sequence ....................................... 13 figure 1. program operation ..........................................................14 chip erase command sequence ........................................... 14 sector erase command sequence ........................................ 15 erase suspend/erase resume commands ........................... 15 figure 2. erase operation ...............................................................16 command definitions ............................................................. 17 table 4. am29lv010b command definitions ................................ 17 write operation status . . . . . . . . . . . . . . . . . . . . . 18 dq7: data# polling ................................................................. 18 figure 3. data# polling algorithm ...................................................18 dq6: toggle bit i .................................................................... 19 dq2: toggle bit ii ................................................................... 19 reading toggle bits dq6/dq2 ............................................... 19 figure 4. toggle bit algorithm ........................................................ 20 dq5: exceeded timing limits ................................................ 20 dq3: sector erase timer ....................................................... 20 table 5. write operation status..................................................... 21 absolute maximum ratings . . . . . . . . . . . . . . . . 22 figure 5. maximum negative overshoot waveform ...................... 22 figure 6. maximum positive overshoot waveform ........................ 22 operating ranges . . . . . . . . . . . . . . . . . . . . . . . . . 22 dc characteristics . . . . . . . . . . . . . . . . . . . . . . . . 23 figure 7. i cc1 current vs. time (showing active and automatic sleep currents) .............................................................................. 24 figure 8. i cc1 vs. frequency .......................................................... 24 test conditions . . . . . . . . . . . . . . . . . . . . . . . . . . 25 figure 9. test setup ....................................................................... 25 table 6. test specifications ........................................................... 25 key to switching waveforms. . . . . . . . . . . . . . . . 25 figure 10. input waveforms and measurement levels ................. 25 ac characteristics . . . . . . . . . . . . . . . . . . . . . . . . 26 read operations .................................................................... 26 figure 11. read operations timings ............................................. 26 erase/program operations ..................................................... 27 figure 12. program operation timings .......................................... 28 figure 13. chip/sector erase operation timings .......................... 29 figure 14. data# polling timings (during embedded algorithms) . 30 figure 15. toggle bit timings (during embedded algorithms) ...... 30 figure 16. dq2 vs. dq6 ................................................................. 31 figure 17. alternate ce# controlled write operation timings ...... 32 erase and programming performance . . . . . . . . 32 latchup characteristics . . . . . . . . . . . . . . . . . . . . 33 tsop pin package capacitance . . . . . . . . . . . . . 33 plcc pin capacitance . . . . . . . . . . . . . . . . . . . . . 33 data retention. . . . . . . . . . . . . . . . . . . . . . . . . . . . 33 physical dimensions . . . . . . . . . . . . . . . . . . . . . . 34 pl 032?32-pin plastic leaded chip carrier ......................... 34 ts 032?32-pin standard thin small outline package ......... 35 revision summary . . . . . . . . . . . . . . . . . . . . . . . . 36
6 am29lv010b 22140d7 february 24, 2009 data sheet product selector guide note: see ?ac characteristics? for full specifications. block diagram family part number am29lv010b speed options full voltage range: v cc = 2.7?3.6 v -55 -70 -90 max access time, ns (t acc ) 55 70 90 max ce# access time, ns (t ce ) 55 70 90 max oe# access time, ns (t oe ) 30 30 35 input/output buffers x-decoder y-decoder chip enable output enable logic erase voltage generator pgm voltage generator timer v cc detector state control command register v cc v ss we# ce# oe# stb stb dq0 ? dq7 sector switches data latch y-gating cell matrix address latch a0?a16
february 24, 2009 22140d7 am29lv010b 7 data sheet connection diagrams 1 16 2 3 4 5 6 7 8 9 10 11 12 13 14 15 32 17 31 30 29 28 27 26 25 24 23 22 21 20 19 18 a11 a9 a8 a13 a14 nc we# v cc nc a16 a15 a12 a7 a6 a5 a4 oe# a10 ce# dq7 dq6 dq5 dq4 dq3 v ss dq2 dq1 dq0 a0 a1 a2 a3 32-pin standard tsop dq6 nc dq5 dq4 dq3 13130 2 3 4 5 6 7 8 9 10 11 12 13 17 18 19 20 16 15 14 29 28 27 26 25 24 23 22 21 32 a7 a6 a5 a4 a3 a2 a1 a0 dq0 a14 a13 a8 a9 a11 oe# a10 ce# dq7 a12 a15 a16 v cc we# nc dq1 dq2 v ss plcc
8 am29lv010b 22140d7 february 24, 2009 data sheet pin configuration a0?a16=17 addresses dq0?dq7=8 data inputs/outputs ce# = chip enable oe# = output enable we# = write enable v cc = 3.0 volt-only single power supply (see product selector guide for speed options and voltage supply tolerances) v ss = device ground nc = pin not conn ected internally logic symbol 17 8 dq0?dq7 a0?a16 ce# oe# we#
february 24, 2009 22140d7 am29lv010b 9 data sheet ordering information standard products amd standard products are available in several packages and operating ranges. the order number (valid combi - nation) is formed by a combination of the elements below. valid combinations valid combinations list configurations planned to be sup - ported in volume for this device. consult the local amd sales office to confirm availability of specific valid combinations and to check on newly released combinations. am29lv010b -55 e c temperature range c= commercial (0c to +70c) d= commercial (0c to +70c) with pb-free package i = industrial (?40 c to +85 c) f = industrial (?40 c to +85 c) with pb-free package e = extended (?55 c to +125 c) k= extended (?55 c to +125 c) with pb-free package package type e= 32-pin thin small outline package (tsop) standard pinout (ts 032) j = 32-pin rectangular plastic leaded chip carrier (pl 032) speed option see product selector guide and valid combinations device number/description am29lv010b 1 megabit (128 k x 8-bit) cmos flash memory 3.0 volt-only read, program and erase valid combinations am29lv010b-55 ec, ed, ei, ef, ee, ek jc, jd, ji, jf, je, jk am29lv010b-70 am29lv010b-90
10 am29lv010b 22140d7 february 24, 2009 data sheet device bus operations this section describes the requirements and use of the device bus operations, which are initiated through the internal command register. the command register itself does not occupy any addressable memory loca - tion. the register is composed of latches that store the commands, along with the address and data informa - tion needed to execute the command. the contents of the register serve as inputs to the internal state machine. the state machine outputs dictate the func - tion of the device. ta bl e 1 lists the device bus operations, the inputs and control levels they require, and the resulting output. the following subsections describe each of these operations in further detail. table 1. am29lv010b device bus operations legend: l = logic low = v il , h = logic high = v ih , v id = 12.0 0.5 v, x = don?t care, a in = address in, d in = data in, d out = data out notes: 1. addresses are a16?a0. 2. sector protection/unprotection can be implemented by usin g programming equipment. see the ?sector protection/unprotec - tion? section. requirements for reading array data to read array data from the outputs, the system must drive the ce# and oe# pins to v il . ce# is the power control and selects the device. oe# is the output control and gates array data to the output pins. we# should remain at v ih . the internal state machine is set for reading array data upon device power-up. this ensures that no spurious alteration of the memory content occurs during the power transition. no command is necessary in this mode to obtain array data. standard microprocessor read cycles that assert valid addresses on the device address inputs produce valid data on the device data outputs. the device remains enabled for read access until the command register contents are altered. see ?reading array data? fo r more information. refer to the ac read operations table for timing specifica - tions and to figure 11 for the timing diagram. i cc1 in the dc characteristics table represents the active current specification for reading array data. writing commands/command sequences to write a command or command sequence (which includes programming data to the device and erasing sectors of memory), the system must drive we# and ce# to v il , and oe# to v ih . the device features an unlock bypass mode to facili - tate faster programming. once the device enters the unlock bypass mode, only two write cycles are required to program a byte, instead of four. the ?byte program command sequence? section has details on programming data to the device using both standard and unlock bypass command sequences. an erase operation can erase one sector, multiple sec - tors, or the entire device. table 2 indicates the address space that each sector occupies. a ?sector address? consists of the address bits required to uniquely select a sector. the ?command definitions? section has details on erasing a sector or the entire chip, or sus - pending/resuming the erase operation. after the system writes the autoselect command sequence, the device enters the autoselect mode. the operation ce# oe# we# addresses (note 1) dq0?dq7 read l l h a in d out write l h l a in d in standby v cc 0.3 v x x x high-z output disable l h h x high-z reset x x x x high-z sector protect (note 2) l h l sector address, a6 = l, a1 = h, a0 = l d in , d out sector unprotect (note 2) l h l sector address, a6 = h, a1 = h, a0 = l d in , d out temporary sector unprotect x x x a in d in
february 24, 2009 22140d7 am29lv010b 11 data sheet system can then read autoselect codes from the internal register (which is separate from the memory array) on dq7?dq0. standard read cycle timings apply in this mode. refer to the autoselect mode and autose - lect command sequence sections for more information. i cc2 in the dc characteristics table represents the active current specification for the write mode. the ?ac characteristics? section contains timing specification tables and timing diagrams for write operations. program and erase operation status during an erase or program operation, the system may check the status of the operation by reading the status bits on dq7?dq0. standard read cycle timings and i cc read specifications apply. refer to ?write operation status? for more information, and to ?ac characteris - tics? for timing diagrams. standby mode when the system is not reading or writing to the device, it can place the device in the standby mode. in this mode, current consumption is greatly reduced, and the outputs are placed in the high impedance state, inde - pendent of the oe# input. the device enters the cmos standby mode when the ce# pin is held at v cc 0.3 v. (note that this is a more restricted voltage range than v ih .) if ce# is held at v ih , but not within v cc 0.3 v, the device will be in the standby mode, but the standby current will be greater. the device requires standard access time (t ce ) for read access when the device is in either of these standby modes, before it is ready to read data. if the device is deselected during erasure or program - ming, the device draws active current until the operation is completed. i cc3 in the dc characteristics table represents the standby current specification. automatic sleep mode the automatic sleep mode minimizes flash device energy consumption. the device automatically enables this mode when addresses remain stable for t acc + 30 ns. the automatic sleep mode is independent of the ce#, we#, and oe# control signals. standard address access timings provide new data when addresses are changed. while in sleep mode, output data is latched and always available to the system. i cc4 in the dc characteristics table represents the automatic sleep mode current specification. output disable mode when the oe# input is at v ih , output from the device is disabled. the output pins are placed in the high imped - ance state. table 2. am29lv010b uniform sector address table sector a16 a15 a14 address range sa0 0 0 0 00000h-03fffh sa1 0 0 1 04000h-07fffh sa2 0 1 0 08000h-0bfffh sa3 0 1 1 0c000h-0ffffh sa4 1 0 0 10000h-13fffh sa5 1 0 1 14000h-17fffh sa6 1 1 0 18000h-1bfffh sa7 1 1 1 1c000h-1ffffh
12 am29lv010b 22140d7 february 24, 2009 data sheet autoselect mode the autoselect mode provides manufacturer and device identification, and sector protection verification, through identifier codes output on dq7?dq0. this mode is primarily intended for programming equipment to automatically match a device to be programmed with its corresponding programming algorithm. however, the autoselect codes can also be accessed in-system through the command register. when using programming equipment, the autoselect mode requires v id (11.5 v to 12.5 v) on address pin a9. address pins a6 , a1, and a0 must be as shown in ta bl e 3 . in addition, when verifying sector protection, the sector address must appear on the appropriate highest order address bits (see table 2 ). when all nec - essary bits have been set as required, the programming equipment may then read the corre - sponding identifier code on dq7-dq0. to access the autoselect codes in-system, the host system can issue the autoselect command via the command register, as shown in ta b l e 4 . this method does not require v id . see ?command definitions? for details on using the autoselect mode. table 3. am29lv010b autoselect codes l = logic low = v il , h = logic high = v ih , sa = sector address, x = don?t care. sector protection/unprotection the hardware sector protection feature disables both program and erase operations in any sector. the hard - ware sector unprotection feature re-enables both program and erase operations in previously protected sectors. the method intended only for programming equipment requires v id on address pin a9, and oe#. this method is compatible with programmer routines written for earlier 3.0 volt-only amd flash devices. publication number 22134 contains further details; contact an amd representative to request a copy. the device is shipped with all sectors unprotected. amd offers the option of programming and protecting sectors at its factory prio r to shipping the device through amd?s expressflash? service. contact an amd representative for details. it is possible to determine whether a sector is protected or unprotected. see ?autoselect mode? for details. hardware data protection the command sequence requirement of unlock cycles for programming or erasing provides data protection against inadvertent writes (refer to ta b l e 4 for command definitions). in addition, the following hard - ware data protection measures prevent accidental erasure or programming, which might otherwise be caused by spurious system level signals during v cc power-up and power-down transitions, or from system noise. low v cc write inhibit when v cc is less than v lko , the device does not accept any write cycles. this protects data during v cc power-up and power-down. the command register and all internal program/erase circuits are disabled, and the device resets. subsequent writes are ignored until v cc is greater than v lko . the system must provide the proper signals to the control pins to prevent uninten - tional writes when v cc is greater than v lko . write pulse ?glitch? protection noise pulses of less than 5 ns (typical) on oe#, ce# or we# do not initiate a write cycle. logical inhibit write cycles are inhibited by holding any one of oe# = v il , ce# = v ih or we# = v ih . to initiate a write cycle, ce# and we# must be a logical zero while oe# is a logical one. description ce# oe# we# a16 to a14 a13 to a10 a9 a8 to a7 a6 a5 to a2 a1 a0 dq7 to dq0 manufacturer id : amd l l h x x v id x l x l l 01h device id: am29lv010b l l h x x v id x l x l h 6eh sector protection verification l l h sa x v id x l x h l 01h (protected) 00h (unprotected)
february 24, 2009 22140d7 am29lv010b 13 data sheet power-up write inhibit if we# = ce# = v il and oe# = v ih during power up, the device does not accept commands on the rising edge of we#. the internal state machine is automatically reset to reading array data on power-up. command definitions writing specific address and data commands or sequences into the command register initiates device operations. ta bl e 4 defines the valid register command sequences. writing incorrect address and data values or writing them in the improper sequence resets the device to reading array data. all addresses are latched on the falling edge of we# or ce#, whichever happens later. all data is latched on the rising edge of we# or ce#, whichever happens first. refer to the appropriate timing diagrams in the ?ac characteristics? section. reading array data the device is automatically set to reading array data after device power-up. no commands are required to retrieve data. the device is also ready to read array data after completing an embedded program or embedded erase algorithm. after the device accepts an erase suspend command, the device enters the erase suspend mode. the system can read array data using the standard read timings, except that if it reads at an address within erase-suspended sectors, the device outputs status data. after completing a programming operation in the erase suspend mode, the system may once again read array data with the same exception. see ?erase suspend/erase resume commands? for more infor - mation on this mode. the system must issue the reset command to re- enable the device for reading array data if dq5 goes high, or while in the autoselect mode. see the ?reset command? section, next. see also ?requirements for reading array data? in the ?device bus operations? section for more information. the read operations table provides the read parame - ters, and figure 11 shows the timing diagram. reset command writing the reset command to the device resets the device to reading array data. address bits are don?t care for this command. the reset command may be written between the sequence cycles in an erase command sequence before erasing begins. this resets the device to reading array data. once erasure begins, however, the device ignores reset commands until the operation is complete. the reset command may be written between the sequence cycles in a program command sequence before programming begins. this resets the device to reading array data (also applies to programming in erase suspend mode). once programming begins, however, the device ignores reset commands until the operation is complete. the reset command may be written between the sequence cycles in an autoselect command sequence. once in the autoselect mode, the reset command must be written to return to reading array data (also applies to autoselect during erase suspend). if dq5 goes high during a program or erase operation, writing the reset command returns the device to reading array data (also applies during erase suspend). autoselect command sequence the autoselect command sequence allows the host system to access the manufa cturer and devices codes, and determine whether or not a sector is protected. ta b l e 4 shows the address and data requirements. this method is an alternative to that shown in ta bl e 3 , which is intended for prom programmers and requires v id on address bit a9. the autoselect command sequence is initiated by writing two unlock cycles, followed by the autoselect command. the device then enters the autoselect mode, and the system may read at any address any number of times, without initiating another command sequence. a read cycle at address xx00h retrieves the manufacturer code. a read cycle at address xx01h returns the device code. a read cycle containing a sector address (sa) and the address 02h returns 01h if that sector is protected, or 00h if it is unprotected. refer to table 2 for the valid sector addresses. the system must write the reset command to exit the autoselect mode and return to reading array data. byte program command sequence the device programs one byte of data for each program operation. the command sequence requires four bus cycles, and is initiated by writing two unlock write cycles, followed by the program set-up command. the program address and data are written next, which in turn initiate the embedded program algorithm. the system is not required to provide further controls or tim - ings. the device automatically provides internally
14 am29lv010b 22140d7 february 24, 2009 data sheet generated program pulses and verify the programmed cell margin. ta b l e 4 shows the address and data requirements for the byte program command sequence. when the embedded program algorithm is complete, the device then returns to reading array data and addresses are no longer latched. the system can determine the status of the program operation by using dq7 or dq6. see ?write operation status? for informa - tion on these status bits. any commands written to the device during the embedded program algorithm are ignored. the byte program command sequence should be reinitiated once the device has reset to reading array data, to ensure data integrity. programming is allowed in any sequence and across sector boundaries. a bit cannot be programmed from a ?0? back to a ?1?. attempting to do so may halt the operation and set dq5 to ?1,? or cause the data# polling algorithm to indicate the operation was suc - cessful. however, a succeedin g read will show that the data is still ?0?. only erase operations can convert a ?0? to a ?1?. unlock bypass command sequence the unlock bypass feature allows the system to program bytes to the device faster than using the stan - dard program command sequence. the unlock bypass command sequence is initiated by first writing two unlock cycles. this is followed by a third write cycle containing the unlock bypass command, 20h. the device then enters the unlock bypass mode. a two- cycle unlock bypass program command sequence is all that is required to program in this mode. the first cycle in this sequence contains the unlock bypass program command, a0h; the second cycle contains the program address and data. additional data is programmed in the same manner. this mode dispenses with the initial two unlock cycles required in the standard program command sequence, resulting in faster total program - ming time. ta bl e 4 shows the requirements for the command sequence. during the unlock bypass mode, only the unlock bypass program and unlock bypass reset commands are valid. to exit the unlock bypass mode, the system must issue the two-cycl e unlock bypass reset command sequence. the first cycle must contain the data 90h; the second cycle the data 00h. addresses are don?t cares for both cycle s. the device then returns to reading array data. figure 1 illustrates the algorithm for the program oper - ation. see the erase/program operations table in ?ac characteristics? for parameters, and to figure 12 for timing diagrams. note: see table 4 for program command sequence. figure 1. program operation chip erase command sequence chip erase is a six bus cycle operation. the chip erase command sequence is initiated by writing two unlock cycles, followed by a set-up command. two additional unlock write cycles are then followed by the chip erase command, which in turn invokes the embedded erase algorithm. the device does not require the system to preprogram prior to erase. the embedded erase algo - rithm automatically preprograms and verifies the entire memory for an all zero data pattern prior to electrical erase. the system is not required to provide any con - trols or timings during these operations. ta bl e 4 shows the address and data requirements for the chip erase command sequence. any commands written to the chip during the embedded erase algorithm are ignored. the chip erase command sequence should be reinitiated once the device has returned to reading array data, to ensure data integrity. start write program command sequence data poll from system verify data? no yes last address? no yes programming completed increment address embedded program algorithm in progress
february 24, 2009 22140d7 am29lv010b 15 data sheet the system can determine the status of the erase oper - ation by using dq7, dq6, or dq2. see ?write operation status? for information on these status bits. when the embedded erase algorithm is complete, the device returns to reading array data and addresses are no longer latched. figure 2 illustrates the algorithm for the erase opera - tion. see the erase/program operations tables in ?ac characteristics? for parameters, and to figure 13 for timing diagrams. sector erase co mmand sequence sector erase is a six bus cycle operation. the sector erase command sequence is initiated by writing two unlock cycles, followed by a set-up command. two additional unlock write cycles are then followed by the address of the sector to be erased, and the sector erase command. ta b l e 4 shows the address and data requirements for the sector erase command sequence. the device does not require the system to preprogram the memory prior to erase. the embedded erase algo - rithm automatically programs and verifies the sector for an all zero data pattern prior to electrical erase. the system is not required to provide any controls or timings during these operations. after the command sequence is written, a sector erase time-out of 50 s begins. during the time-out period, additional sector addresses and sector erase com - mands may be written. loading the sector erase buffer may be done in any sequence, and the number of sectors may be from one sector to all sectors. the time between these additional cycles must be less than 50 s, otherwise the last address and command might not be accepted, and erasure may begin. it is recom - mended that processor interrupts be disabled during this time to ensure all commands are accepted. the interrupts can be re-enabled after the last sector erase command is written. if the time between additional sector erase commands can be assumed to be less than 50 s, the system need not monitor dq3. any command other than sector erase or erase suspend during the time-out period resets the device to reading array data. the system must rewrite the command sequence and any additional sector addresses and commands. the system can monitor dq3 to determine if the sector erase timer has timed out. (see the ?dq3: sector erase timer? section.) the time-out begins from the rising edge of the final we# pulse in the command sequence. once the sector erase operation has begun, only the erase suspend command is valid. all other commands are ignored. the sector erase command sequence should be reinitiated once the device has returned to reading array data, to ensure data integrity. when the embedded erase algorithm is complete, the device returns to reading array data and addresses are no longer latched. the system can determine the status of the erase operation by using dq7, dq6, or dq2. (refer to ?write operation status? for information on these status bits.) figure 2 illustrates the algorithm for the erase opera - tion. refer to the erase/program operations tables in the ?ac characteristics? section for parameters, and to figure 13 for timing diagrams. erase suspend/erase resume commands the erase suspend comma nd allows the system to interrupt a sector erase operation and then read data from, or program data to, any sector not selected for erasure. this command is valid only during the sector erase operation, including the 50 s time-out period during the sector erase command sequence. the erase suspend command is ignored if written during the chip erase operation or embedded program algo - rithm. writing the erase suspend command during the sector erase time-out immediately terminates the time-out period and suspends the erase operation. addresses are ?don?t-cares? when writing the erase suspend command. when the erase suspend command is written during a sector erase operation, the device requires a maximum of 20 s to suspend the erase operation. however, when the erase suspend command is written during the sector erase time-out, the device immediately ter - minates the time-out period and suspends the erase operation. after the erase operation has been suspended, the system can read array data from or program data to any sector not selected for erasure. (the device ?erase suspends? all sectors selected for erasure.) normal read and write timings and command definitions apply. reading at any address within erase-suspended sectors produces status data on dq7?dq0. the system can use dq7, or dq6 and dq2 together, to determine if a sector is actively erasing or is erase-sus - pended. see ?write operation status? for information on these status bits. after an erase-suspended program operation is com - plete, the system can once again read array data within non-suspended sectors. the system can determine the status of the program operation using the dq7 or dq6 status bits, just as in the standard program oper - ation. see ?write operation status? for more information. the system may also write the autoselect command sequence when the device is in the erase suspend mode. the device allows reading autoselect codes even at addresses within erasing sectors, since the codes are not stored in the memory array. when the
16 am29lv010b 22140d7 february 24, 2009 data sheet device exits the autoselect mode, the device reverts to the erase suspend mode, and is ready for another valid operation. see ?autoselect command sequence? for more information. the system must write the erase resume command (address bits are ?don?t care?) to exit the erase suspend mode and continue the sector erase operation. further writes of the resume command are ignored. another erase suspend command can be written after the device has resumed erasing. notes: 1. see ta bl e 4 for erase command sequence. 2. see ?dq3: sector erase timer? for more information. figure 2. erase operation start write erase command sequence data poll from system data = ffh? no yes erasure completed embedded erase algorithm in progress
february 24, 2009 22140d7 am29lv010b 17 data sheet command definitions table 4. am29lv010b command definitions legend: x = don?t care ra = address of the memory location to be read. rd = data read from location ra during read operation. pa = address of the memory location to be programmed. addresses are latched on the fa lling edge of the we# or ce# pulse. pd = data to be programmed at location pa. data is latched on the rising edge of we# or ce# pulse. sa = address of the sector to be erased or verified. address bits a16?a14 uniquely select any sector. notes: 1. see ta b l e 1 for descriptions of bus operations. 2. all values are in hexadecimal. 3. except when reading array or autoselect data, all bus cycles are write operations. 4. address bits a16?a11 are don?t care for unlock and command cycles, unless sa or pa required. 5. no unlock or command cycles required when device is in read mode. 6. the reset command is required to return to the read mode when the device is in the autoselect mode or if dq5 goes high. 7. the fourth cycle of the auto select command sequence is a read cycle. 8. the data is 00h for an unpr otected sector and 01h for a protected sector. the complete bus address in the fourth cycle is composed of the sector address (a16?a14), a1 = 1, and a0 = 0. 9. the unlock bypass command is required prior to the unlock bypass program command. 10. the unlock bypass reset command is required to return to reading array data when the device is in the unlock bypass mode. 11. the system may read and program functions in non- erasing sectors, or enter the autoselect mode, when in the erase suspend mode. the erase suspend command is valid only during a sector erase operation. 12. the erase resume command is valid only during the erase suspend mode. command sequence (note 1) cycles bus cycles (notes 2?4) first second third fourth fifth sixth addr data addr data addr data addr data addr data addr data read (note 5) 1 ra rd reset (note 6) 1 xxx f0 autoselect (note 7) manufacturer id 4 555 aa 2aa 55 555 90 x00 01 device id, am29lv010b 4 555 aa 2aa 55 555 90 x01 6e sector protect verify (note 8) 4 555 aa 2aa 55 555 90 sa x02 00 01 byte program 4 555 aa 2aa 55 555 a0 pa pd unlock bypass 3 555 aa 2aa 55 555 20 unlock bypass program (note 9) 2 xxx a0 pa pd unlock bypass reset (note 10) 2 xxx 90 xxx 00 chip erase 6 555 aa 2aa 55 555 80 555 aa 2aa 55 555 10 sector erase 6 555 aa 2aa 55 555 80 555 aa 2aa 55 sa 30 erase suspend (note 11) 1 xxx b0 erase resume (note 12) 1 xxx 30
18 am29lv010b 22140d7 february 24, 2009 data sheet write operation status the device provides several bits to determine the status of a write operation: dq2, dq3, dq5, dq6, and dq7. ta b l e 5 and the following subsections describe the functions of these bits. dq7, and dq6 each offer a method for determining whether a program or erase operation is complete or in progress. these three bits are discussed first. dq7: data# polling the data# polling bit, dq7, indicates to the host system whether an embedded algorithm is in progress or completed, or whether the device is in erase sus - pend. data# polling is valid af ter the rising edge of the final we# pulse in the program or erase command sequence. during the embedded program algorithm, the device outputs on dq7 the complement of the datum pro - grammed to dq7. this dq7 status also applies to programming during erase suspend. when the embedded program algorithm is complete, the device outputs the datum programmed to dq7. the system must provide the program address to read valid status information on dq7. if a program address falls within a protected sector, data# polling on dq7 is active for approximately 1 s, then the device returns to reading array data. during the embedded erase algorithm, data# polling produces a ?0? on dq7. when the embedded erase algorithm is complete, or if the device enters the erase suspend mode, data# polling produces a ?1? on dq7. this is analogous to the complement/true datum output described for the embedded program algorithm: the erase function changes all the bits in a sector to ?1?; prior to this, the device outputs the ?complement,? or ?0.? the system must provide an address within any of the sectors selected for erasure to read valid status information on dq7. after an erase command sequence is written, if all sectors selected for erasing are protected, data# polling on dq7 is active for approximately 100 s, then the device returns to reading array data. if not all selected sectors are protected, the embedded erase algorithm erases the unprotected sectors, and ignores the selected sectors that are protected. when the system detects dq7 has changed from the complement to true data, it can read valid data at dq7? dq0 on the following read cycles. this is because dq7 may change asynchronously with dq0?dq6 while output enable (oe#) is asserted low. figure 14 , data# polling timings (during embedded algorithms) , in the ?ac characteristics? section illustrates this. table 5 shows the outputs for data# polling on dq7. figure 3 shows the data# polling algorithm. dq7 = data? yes no no dq5 = 1? no yes yes fail pass read dq7?dq0 addr = va read dq7?dq0 addr = va dq7 = data? start notes: 1. va = valid address for programming. during a sector erase operation, a valid address is an address within any sector selected for erasure. during chip erase, a valid address is any non-protected sector address. 2. dq7 should be rechecked even if dq5 = ?1? because dq7 may change simultaneously with dq5. figure 3. data# polling algorithm
february 24, 2009 22140d7 am29lv010b 19 data sheet dq6: toggle bit i toggle bit i on dq6 indicates whether an embedded program or erase algorithm is in progress or complete, or whether the device has entered the erase suspend mode. toggle bit i may be read at any address, and is valid after the rising edge of the final we# pulse in the command sequence (prior to the program or erase operation), and during the sector erase time-out. during an embedded program or erase algorithm operation, successive read cycles to any address cause dq6 to toggle (the system may use either oe# or ce# to control the read cycles). when the operation is complete, dq6 stops toggling. after an erase command sequence is written, if all sectors selected for erasing are protected, dq6 toggles for approximately 100 s, then returns to reading array data. if not all selected sectors are protected, the embedded erase algorithm erases the unprotected sectors, and ignores the selected sectors that are protected. the system can use dq6 and dq2 together to deter - mine whether a sector is acti vely erasing or is erase- suspended. when the device is actively erasing (that is, the embedded erase algorithm is in progress), dq6 toggles. when the device enters the erase suspend mode, dq6 stops toggling. however, the system must also use dq2 to determine which sectors are erasing or erase-suspended. alternatively, the system can use dq7 (see the subsection on dq7: data# polling ). if a program address falls within a protected sector, dq6 toggles for approximately 1 s after the program command sequence is written, then returns to reading array data. dq6 also toggles during the erase-suspend-program mode, and stops toggling once the embedded program algorithm is complete. table 5 shows the outputs for toggle bit i on dq6. figure 4 shows the toggle bit algorithm in flowchart form, and the section ?reading toggle bits dq6/dq2? explains the algorithm. figure 15 in the ?ac character - istics? section shows the toggle bit timing diagrams. figure 16 shows the differences between dq2 and dq6 in graphical form. see also the subsection on dq2: toggle bit ii . dq2: toggle bit ii the ?toggle bit ii? on dq2, when used with dq6, indi - cates whether a particular sector is actively erasing (that is, the embedded erase algorithm is in progress), or whether that sector is erase-suspended. toggle bit ii is valid after the rising edge of the final we# pulse in the command sequence. dq2 toggles when the system reads at addresses within those sectors that have been selected for era - sure. (the system may use either oe# or ce# to control the read cycles.) but dq2 cannot distinguish whether the sector is actively erasing or is erase-sus - pended. dq6, by comparison, indicates whether the device is actively erasing, or is in erase suspend, but cannot distinguish which sectors are selected for era - sure. thus, both status bits are required for sector and mode information. refer to ta b l e 5 to compare outputs for dq2 and dq6. figure 4 shows the toggle bit algorithm in flowchart form, and the section ?reading toggle bits dq6/dq2? explains the algorithm. see also the dq6: toggle bit i subsection. figure 15 shows the toggle bit timing dia - gram. figure 16 shows the differences between dq2 and dq6 in graphical form. reading toggle bits dq6/dq2 refer to figure 4 for the following discussion. when - ever the system initially be gins reading toggle bit status, it must read dq7?dq0 at least twice in a row to determine whether a toggle bit is toggling. typically, the system would note and store the value of the toggle bit after the first read. after the second read, the system would compare the new value of the toggle bit with the first. if the toggle bit is not toggling, the device has com - pleted the program or erase operation. the system can read array data on dq7?dq0 on the following read cycle. however, if after the initia l two read cycles, the system determines that the toggle bit is still toggling, the system also should note whether the value of dq5 is high (see the section on dq5). if it is, the system should then determine again whether the toggle bit is toggling, since the toggle bit may have stopped tog - gling just as dq5 went high. if the toggle bit is no longer toggling, the device has successfully completed the program or erase operation. if it is still toggling, the device did not completed the operation successfully, and the system must write the reset command to return to reading array data. the remaining scenario is that the system initially determines that the toggle bit is toggling and dq5 has not gone high. the system may continue to monitor the toggle bit and dq5 through successive read cycles, determining the status as described in the previous paragraph. alternatively, it may choose to perform other system tasks. in this case, the system must start at the beginning of the algorithm when it returns to determine the status of the operation (top of figure 4 ). table 5 shows the outputs for toggle bit i on dq6. figure 4 shows the toggle bit algorithm. figure 15 in the ?ac characteristics? section shows the toggle bit timing diagrams. figure 16 shows the differences between dq2 and dq6 in graphical form. see also the subsec - tion on dq2: toggle bit ii .
20 am29lv010b 22140d7 february 24, 2009 data sheet dq5: exceeded ti ming limits dq5 indicates whether the program or erase time has exceeded a specified intern al pulse count limit. under these conditions dq5 produces a ?1.? this is a failure condition that indicates the program or erase cycle was not successfully completed. the dq5 failure condition may appear if the system tries to program a ?1? to a location that is previously pro - grammed to ?0.? only an erase operation can change a ?0? back to a ?1.? under this condition, the device halts the operation, and when the operation has exceeded the timing limits, dq5 produces a ?1.? under both these conditions, the system must issue the reset command to return the device to reading array data. dq3: sector erase timer after writing a sector erase command sequence, the system may read dq3 to determine whether or not an erase operation has begun. (the sector erase timer does not apply to the chip erase command.) if addi - tional sectors are selected for erasure, the entire time- out also applies after each additional sector erase com - mand. when the time-out is complete, dq3 switches from ?0? to ?1.? if the time between additional sector erase commands from the system can be assumed to be less than 50 s, the system need not monitor dq3. see also the ?sector erase command sequence? section. after the sector erase command sequence is written, the system should read the status on dq7 (data# polling) or dq6 (toggle bit i) to ensure the device has accepted the command sequence, and then read dq3. if dq3 is ?1?, the internally controlled erase cycle has begun; all further commands (other than erase sus - pend) are ignored until the erase operation is complete. if dq3 is ?0?, the device will accept additional sector erase commands. to ensure the command has been accepted, the system software should check the status of dq3 prior to and following each subsequent sector erase command. if dq3 is high on the second status check, the last command might not have been accepted. ta b l e 5 shows the outputs for dq3. start no yes yes dq5 = 1? no yes toggle bit = toggle? no program/erase operation not complete, write reset command program/erase operation complete read dq7?dq0 toggle bit = toggle? read dq7?dq0 twice read dq7?dq0 notes: 1. read toggle bit twice to determine whether or not it is toggling. see text. 2. recheck toggle bit because it may stop toggling as dq5 changes to ?1?. see text. figure 4. toggle bit algorithm (note 1) (notes 1, 2)
february 24, 2009 22140d7 am29lv010b 21 data sheet table 5. write operation status notes: 1. dq5 switches to ?1? when an embedded program or embedde d erase operation has exceeded the maximum timing limits. see ?dq5: exceeded timing limits? for more information. 2. dq7 and dq2 require a valid address when reading status inform ation. refer to the appropriate subsection for further details. operation dq7 (note 2) dq6 dq5 (note 1) dq3 dq2 (note 2) standard mode embedded program algorithm dq7# to g g l e 0 n/a no toggle embedded erase algorithm 0 to g g l e 0 1 to g g l e erase suspend mode reading within erase suspended sector 1 no toggle 0 n/a to g g l e reading within non-erase suspended sector data data data data data erase-suspend-program dq7# to g g l e 0 n/a n/a
22 am29lv010b 22140d7 february 24, 2009 data sheet absolute maximum ratings storage temperature plastic packages . . . . . . . . . . . . . . . ?65 c to +150 c ambient temperature with power applied. . . . . . . . . . . . . . ?65 c to +125 c voltage with respect to ground all pins except a9 and oe# (note 1) . . . . . . . . . . . . . . . . . . . ?0.5 v to v cc +0.5 v v cc (note 1). . . . . . . . . . . . . . . . . . . . ?0.5 v to +4.0 v a9 and oe# (note 2) . . . . . . . . . . . .?0.5 v to +12.5 v output short circuit current (note 3) . . . . . . 200 ma notes: 1. minimum dc voltage on input or i/o pins is ?0.5 v. during voltage transitions, input or i/o pins may overshoot v ss to ?2.0 v for periods of up to 20 ns. see figure 5 . maximum dc voltage on input or i/o pins is v cc +0.5 v. during voltage transitions, input or i/o pins may overshoot to v cc +2.0 v for periods up to 20 ns. see figure 6 . 2. minimum dc input voltage on pins a9 and oe# is ?0.5 v. during voltage transitions, a9 and oe# may overshoot v ss to ?2.0 v for periods of up to 20 ns. see figure 5 . maximum dc input voltage on pin a9 is +12.5 v which may overshoot to 14.0 v for periods up to 20 ns. 3. no more than one output may be shorted to ground at a time. duration of the short ci rcuit should not be greater than one second. 4. stresses above those listed under ?absolute maximum ratings? may cause permanent damage to the device. this is a stress rating only; functional operation of the device at these or any other conditions abo ve those indicated in the op - erational sections of this data sheet is not implied. exposure of the device to absolute maximum rating conditions for ex - tended periods may affect device reliability. operating ranges commercial (c) devices ambient temperature (t a ) . . . . . . . . . . . 0c to +70c industrial (i) devices ambient temperature (t a ) . . . . . . . . . ?40c to +85c extended (e) devices ambient temperature (t a ) . . . . . . . . ?55c to +125c v cc supply voltages v cc for regulated voltage range. . . . . . +3.0 v to 3.6 v v cc for full voltage range . . . . . . . . . . . +2.7 v to 3.6 v operating ranges define those limits between which the func - tionality of the device is guaranteed. 20 ns 20 ns +0.8 v ?0.5 v 20 ns ?2.0 v figure 5. maximum negative overshoot waveform 20 ns 20 ns v cc +2.0 v v cc +0.5 v 20 ns 2.0 v figure 6. maximum positive overshoot waveform
february 24, 2009 22140d7 am29lv010b 23 data sheet dc characteristics cmos compatible notes: 1. the i cc current listed is typically le ss than 2 ma/mhz, with oe# at v ih . 2. maximum i cc currents listed are tested with v cc =v cc max. 3. i cc active while embedded erase or embedded program is in progress. 4. automatic sleep mode enables the low power mode when addresses remain stable for t acc + 30 ns. typical sleep mode current is 200 na. 5. not 100% tested. parameter description test conditions min typ max unit i li input load current v in = v ss to v cc , v cc = v cc max 1.0 a i lit a9 input load current v cc = v cc max ; a9 = 12.5 v 35 a i lo output leakage current v out = v ss to v cc , v cc = v cc max 1.0 a i cc1 v cc active read current (notes 1 , 2 ) ce# = v il, oe# = v ih 5 mhz 7 12 ma 1 mhz 2 4 i cc2 v cc active write current (notes 2 , 3 , 5 ) ce# = v il, oe# = v ih 15 30 ma i cc3 v cc standby current (note 2) ce# = v cc 0.3 v 0.2 5 a i cc4 automatic sleep mode current (notes 2 , 4 ) v ih = v cc 0.3 v; v il = v ss 0.3 v 0.2 5 a v il input low voltage ?0.5 0.8 v v ih input high voltage 0.7 x v cc v cc + 0.3 v v id voltage for autoselect and temporary sector unprotect v cc = 3.3 v 11.5 12.5 v v ol output low voltage i ol = 4.0 ma, v cc = v cc min 0.45 v v oh1 output high voltage i oh = ?2.0 ma, v cc = v cc min 0.85 v cc v v oh2 i oh = ?100 a, v cc = v cc min v cc ? 0.4 v lko low v cc lock-out voltage (note 5) 2.3 2.5 v
24 am29lv010b 22140d7 february 24, 2009 data sheet dc characteristics (continued) zero power flash note: addresses are switching at 1 mhz figure 7. i cc1 current vs. time (showing active and automatic sleep currents) 20 15 10 5 0 0 500 1000 1500 2000 2500 3000 3500 4000 supply current in ma time in ns note: t = 25 c figure 8. i cc1 vs. frequency 10 8 2 0 1 2345 frequency in mhz supply current in ma 2.7 v 3.6 v 4 6
february 24, 2009 22140d7 am29lv010b 25 data sheet test conditions table 6. test specifications key to switching waveforms 2.7 k c l 6.2 k 3.3 v device under te s t figure 9. test setup note: diodes are in3064 or equivalent test condition -55 -70, -90 unit output load 1 ttl gate output load capacitance, c l (including jig capacitance) 30 100 pf input rise and fall times 5 ns input pulse levels 0.0?3.0 v input timing measurement reference levels 1.5 v output timing measurement reference levels 1.5 v waveform inputs outputs steady changing from h to l changing from l to h don?t care, any change permitted changing, state unknown does not apply center line is high impedance state (high z) 3.0 v 0.0 v 1.5 v 1.5 v output measurement level input figure 10. input waveforms and measurement levels
26 am29lv010b 22140d7 february 24, 2009 data sheet ac characteristics read operations notes: 1. not 100% tested. 2. see figure 9 and ta b l e 6 for test specifications. parameter description speed options jedec std test setup -55 -70 -90 unit t avav t rc read cycle time (note 1) min 55 70 90 ns t avqv t acc address to output delay ce# = v il oe# = v il max 55 70 90 ns t elqv t ce chip enable to output delay oe# = v il max 55 70 90 ns t glqv t oe output enable to output delay max 30 30 35 ns t ehqz t df chip enable to output high z (note 1) max 15 25 30 ns t ghqz t df output enable to output high z (note 1) max 15 25 30 ns t oeh output enable hold time (note 1) read min 0 ns toggle and data# polling min 10 ns t axqx t oh output hold time from addresses, ce# or oe#, whichever occurs first (note 1) min 0 ns t ce outputs we# addresses ce# oe# high z output valid high z addresses stable t rc t acc t oeh t oe t df t oh figure 11. read operations timings
february 24, 2009 22140d7 am29lv010b 27 data sheet ac characteristics erase/program operations notes: 1. not 100% tested. 2. see the ?erase and programming performance? section for more information. parameter speed options jedec std description -55 -70 -90 unit t avav t wc write cycle time (note 1) min 55 70 90 ns t avwl t as address setup time min 0 ns t wlax t ah address hold time min 45 45 45 ns t dvwh t ds data setup time min 20 35 45 ns t whdx t dh data hold time min 0 ns t oes output enable setup time (note 1) min 0 ns t ghwl t ghwl read recovery time before write (oe# high to we# low) min 0 ns t elwl t cs ce# setup time min 0 ns t wheh t ch ce# hold time min 0 ns t wlwh t wp write pulse width min 30 35 35 ns t whwl t wph write pulse width high min 30 30 30 ns t whwh1 t whwh1 programming operation (note 2) ty p 9 s t whwh2 t whwh2 sector erase operation (note 2) ty p 0.7 sec t vcs v cc setup time (note 1) min 50 s
28 am29lv010b 22140d7 february 24, 2009 data sheet ac characteristics oe# we# ce# v cc data addresses t ds t ah t dh t wp pd t whwh1 t wc t as t wph t vcs 555h pa pa read status data (last two cycles) a0h t cs status d out program command sequence (last two cycles) t ch pa note: pa = program address, pd = program data, d out is the true data at the program address. figure 12. program operation timings
february 24, 2009 22140d7 am29lv010b 29 data sheet ac characteristics oe# ce# addresses v cc we# data 2aah sa t ah t wp t wc t as t wph 555h for chip erase 10 for chip erase 30h t ds t vcs t cs t dh 55h t ch in progress complete t whwh2 va va erase command sequence (last two cycles) read status data note: sa = sector address (for sector erase), va = valid addre ss for reading status data (see ?write operation status?). figure 13. chip/sector erase operation timings
30 am29lv010b 22140d7 february 24, 2009 data sheet ac characteristics we# ce# oe# high z t oe high z dq7 dq0?dq6 complement true addresses va t oeh t ce t ch t oh t df va va status data complement status data true valid data valid data t acc t rc note: va = valid address. illustration shows firs t status cycle after command se quence, last status read cy cle, and array data read c ycle. figure 14. data# polling timings (during embedded algorithms) we# ce# oe# high z t oe dq6/dq2 addresses va t oeh t ce t ch t oh t df va va t acc t rc valid data valid status valid status (first read) (second read) (stops toggling) valid status va note: va = valid address; not required for dq6. illustration shows firs t two status cycle after command sequence, last status read cy cle, and array data read cycle. figure 15. toggle bit timings (during embedded algorithms)
february 24, 2009 22140d7 am29lv010b 31 data sheet ac characteristics ac characteristics alternate ce# cont rolled erase/pr ogram operations notes: 1. not 100% tested. 2. see the ?erase and programming performance? section for more information. parameter speed options jedec std description -55 -70 -90 unit t avav t wc write cycle time (note 1) min 55 70 90 ns t avel t as address setup time min 0 ns t elax t ah address hold time min 45 45 45 ns t dveh t ds data setup time min 20 35 45 ns t ehdx t dh data hold time min 0 ns t oes output enable setup time (note 1) min 0 ns t ghel t ghel read recovery time before write (oe# high to we# low) min 0 ns t wlel t ws we# setup time min 0 ns t ehwh t wh we# hold time min 0 ns t eleh t cp ce# pulse width min 30 35 35 ns t ehel t cph ce# pulse width high min 30 ns t whwh1 t whwh1 programming operation (note 2) ty p 9 s t whwh2 t whwh2 sector erase operation (note 2) ty p 0.7 sec note: the system can use oe# or ce# to toggl e dq2/dq6. dq2 toggles only when read at an address within an erase-suspended sector. figure 16. dq2 vs. dq6 enter erase erase erase enter erase suspend program erase suspend read erase suspend read erase we# dq6 dq2 erase complete erase suspend suspend program resume embedded erasing
32 am29lv010b 22140d7 february 24, 2009 data sheet ac characteristics erase and programming performance notes: 1. typical program and erase times assume the following conditions: 25 c, 3.0 v v cc , 1,000,000 cycles. additionally, programming typicals assume checkerboard pattern. 2. under worst case conditions of 90c, v cc = 2.7 v, 1,000,000 cycles. 3. the typical chip programming time is considerably less than the maximum chip programming time listed, since most bytes program faster than the maxi mum program times listed. 4. in the pre-programming step of the embedded erase algorithm, all bytes are programmed to 00h before erasure. 5. system-level overhead is the time required to execute the two- or four-bus-cycle sequence for the program command. see ta b l e 4 for further information on command definitions. 6. the device has a minimum erase and pr ogram cycle endurance of 1,000,000 cycles. parameter typ (note 1) max (note 3) unit comments sector erase time 0.7 15 s excludes 00h programming prior to erasure (note 4) chip erase time (note 2) 6 s byte programming time 9 300 s excludes system level overhead (note 5) chip programming time (note 2) 1.1 3.3 s t ghel t ws oe# ce# we# t ds data t ah addresses t dh t cp dq7# d out t wc t as t cph pa data# polling a0 for program 55 for erase t whwh1 or 2 t wh pd for program 30 for sector erase 10 for chip erase 555 for program 2aa for erase pa for program sa for sector erase 555 for chip erase notes: 1. pa is the address of the memory location to be programmed. 2. pd is the data to be programmed at address pa. 3. dq7 is the complement of t he data written to the device. 4. d out is the data written to the device. 5. figure indicates the last two bus cycles of the command sequence. figure 17. alternate ce# controlled write operation timings
february 24, 2009 22140d7 am29lv010b 33 data sheet latchup characteristics includes all pins except v cc . test conditions: v cc = 3.0 v, one pin at a time. tsop pin package capacitance notes: 1. sampled, not 100% tested. 2. test conditions t a = 25c, f = 1.0 mhz. plcc pin capacitance notes: 1. sampled, not 100% tested. 2. test conditions t a = 25c, f = 1.0 mhz. data retention description min max input voltage with respect to v ss on all pins except i/o pins (including a9 and oe#) ?1.0 v 13.0 v input voltage with respect to v ss on all i/o pins ?1.0 v v cc + 1.0 v v cc current ?100 ma +100 ma parameter symbol parameter description test setup typ max unit c in input capacitance v in = 0 6 7.5 pf c out output capacitance v out = 0 8.5 12 pf c in2 control pin capacitance v in = 0 7.5 9 pf parameter symbol parameter description test setup typ max unit c in input capacitance v in = 0 4 6 pf c out output capacitance v out = 0 8 12 pf c in2 control pin capacitance v pp = 0 8 12 pf parameter test conditions min unit minimum pattern data retention time 150 c 10 ye a r s 125 c 20 ye a r s
34 am29lv010b 22140d7 february 24, 2009 data sheet physical dimensions pl 032?32-pin plastic leaded chip carrier dwg rev ah; 10/99
february 24, 2009 22140d7 am29lv010b 35 data sheet physical dimensions * ts 032?32-pin standard thin small outline package * for reference only. bsc is an ansi standard for basic space centering dwg rev aa; 10/99
36 am29lv010b 22140d7 february 24, 2009 data sheet revision summary revision a (april 1998) split the am29lv001b/am29lv010b data sheet into separate documents. the am29lv001b data sheet retains publication number 21557b and later; the am29lv010b data sheet has been reassigned publica - tion number 22140. valid combinations changes since publication number 21557a was released: deleted the ?r? designation from the 55 ns option. corrected the part numbers. revision b (september 1998) expanded data sheet from advanced information to preliminary version. distinctive characteristics changed ?manufactured on 0.35 m process technology? to ?manufactured on 0.32 m process technology?. revision c (january 1999) data retention added new table. revision c+1 (march 22, 1999) product selector guide the parameter t ce should be 25 ns for the -45r device and 30 ns for the -70 device. revision summary deleted draft revision items. revision c+2 (o ctober 5, 1999) dc characteristics cmos compatible table: deleted i cc4 , v cc reset cur - rent. this device does not have the reset# pin. changed i cc5 , automatic sleep mode current, to i cc4 , amd corresponding reference in automatic sleep mode section. requirements for reading array data deleted reference to hardware reset. this device does not have the reset# pin. revision d (december 2, 1999) ac characteristics?figure 12. program operations timing and figure 13 . chip/sector erase operations deleted t ghwl and changed oe# waveform to start at high. physical dimensions replaced figures with more detailed illustrations. revision d+1 (november 13, 2000) added table of contents. deleted burn-in option from ordering information section. revision d+2 (june 11, 2004) ordering information added pb-free opns. revision d+3 (june 16, 2005) removed -45 ns speed option added colophon and update trademark revision d+4 (august 19, 2005) added pb-free for pdip or plcc package revision d+5 (january 4, 2006) removed 32-pin reverse pinout tsop option. revision d6 (october 11, 2006) global added notice on pr oduct availability to cover page and first page of data sheet. revision d7 (february 24, 2009) global added obsolescence information.
37 am29lv010b 22140d7 february 24, 2009 data sheet colophon the products described in this document are designed, developed and manufactured as contemplated for general use, including wit hout limita - tion, ordinary industrial use, general o ffice use, personal use, and household use, but are not designed, developed and manufac tured as con - templated (1) for any use that includes fatal risks or dangers th at, unless extremely high safety is secured, could have a seri ous effect to the public, and could lead directly to death, personal injury, severe physical damage or other loss (i.e., nuclear reaction control in nuclear facility, aircraft flight control, air traffic contro l, mass transport control, medical life support system, missile launch control in we apon system), or (2) for any use where chance of failure is intolerable ( i.e., submersi ble repeater and artificial satel lite). please note that spansio n will not be liable to you and/or any third party for any claims or damages arising in connection with abo ve-mentioned uses of the products. any semic onductor de - vices have an inherent chance of failure. y ou must protect against injury, damage or loss from such failures by incorporating s afety design mea - sures into your facility and equipment such as redundancy, fire protection, and prevention of ov er-current levels and other abn ormal operating conditions. if any products described in this document represent goods or technologies subject to certain restrictions on expor t under the foreign exchange and foreign trade law of japan, the us export administra tion regulations or the applicable laws of any other country, the prior au - thorization by the respective government entit y will be required for export of those products. trademarks copyright ? 1998?2005 advanced micro devices, inc. all rights reserv ed. amd, the amd logo, and combinations thereof are registe red trade - marks of advanced micro devices, inc. expressflash is a trademar k of advanced micro devices, inc. product names used in this pu blication are for identification purposes only and may be tr ademarks of their respective companies. copyright ? 2006-2009 spansion inc. all rights reserved. spansion ? , the spansion logo, mirrorbit ? , mirrorbit ? eclipse ? , ornand ? , ornand2 ? , hd-sim ? , ecoram ? and combinations thereof, are trademarks of spansi on llc in the us and other countries. other names used are for informational purposes only and ma y be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of AM29LV010B-90EF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X