Part Number Hot Search : 
13N60 HA1221 HN1A02F 1N4254 VW2X30 TP3A684 XXX3B 1N1830
Product Description
Full Text Search
 

To Download 712S12PW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  the 700pw series is a family of high density, compact 7.5w dc/dc converter that combine economy with high performance. eighteen models operate over 2:1 input voltage ranges of 9 to 18, 18 to 36 or 36 to 72vdc; providing single and dual outputs of 5, 12, 15, 5, 12 or 15vdc. standard features include 1000vdc input/output isolation, efficiency as high as 82%, tight line/load regulation and low output ripple and noise. continuous short circuit protection and internal filter to reduce reflected ripple current are standard. all models are packaged in compact, low profile 1 x 2 x 0.4 inch metal cases. d d e e s s c c r r i i p p t t i i o o n n s s 700pw series ? ? 6 6 s s i i d d e e d d c c o o n n t t i i n n u u o o u u s s s s h h i i e e l l d d i i n n g g ? ? 1 1 0 0 w w / / i i n n 3 3 p p o o w w e e r r d d e e n n s s i i t t y y ? ? w w i i d d e e 2 2 : : 1 1 i i n n p p u u t t v v o o l l t t a a g g e e r r a a n n g g e e ? ? u u l l 1 1 9 9 5 5 0 0 a a p p p p r r o o v v e e d d ? ? c c s s a a 2 2 2 2 . . 9 9 - - 9 9 5 5 0 0 a a p p p p r r o o v v e e d d ? ? v v d d e e / / e e n n 6 6 0 0 9 9 5 5 0 0 a a p p p p r r o o v v e e d d ? ? > > 1 1 , , 1 1 0 0 0 0 , , 0 0 0 0 0 0 h h o o u u r r s s m m t t b b f f f f e e a a t t u u r r e e s s i i n n p p u u t t c c h h a a r r a a c c t t e e r r i i s s t t i i c c s s o o u u t t p p u u t t c c h h a a r r a a c c t t e e r r i i s s t t i i c c s s unit/comments input voltage range 12 vdc input models vdc 24 vdc input models vdc 48 vdc input models vdc input fuse requirements 12 vdc input models ma, slow blow type 24 vdc input models ma, slow blow type 48 vdc input models ma, slow blow type reflected ripple current see model selection guide input filter lc filter unit/comments %; output voltage at nominal line & fl %; equal output loads % 1 % 1 % 2 % 2 mv p-p, nom.line fl, 20mhz b.w .using 1 f bypass capacitor % vout continuous, auto- matic recovery s to within1% error band for 25% step load change % per o c see model selection guide min typ 0.5 0.5 max 1.0 2.0 0.5 1.0 0.2 1.0 75 1 200 0.02 single and dual output dc/dc converter min 9 18 36 typ 12 24 48 1500 750 500 max 18 36 72 g g e e n n e e r r a a l l c c h h a a r r a a c c t t e e r r i i s s t t i i c c s s unit/comments switching frequency khz isolation voltage vdc, 1 minute isolation resistance mohm, 500vdc isolation capacitance pf, 100khz, 1volt mtbf (mil-hbk-217f) million hours, +25 o c, ground benign min 100 1000 1000 1.1 typ 80 max output voltage accuracy output voltage balance dual outputs line regulation single outputs dual outputs load regulation single outputs dual outputs ripple/noise 5v outputs 12v and 15v outputs short circuit protection transient recovery time temperature coefficient over voltage protection 1 = % output voltage measured from min. input line to maximum 2 = output voltage measured from fl to 10% load >> b-82 www.make-ps.com e-mail:info@make-ps.com
e e n n v v i i r r o o n n m m e e n n t t a a l l s s p p e e c c i i f f i i c c a a t t i i o o n n s s o o u u t t l l i i n n e e d d r r a a w w i i n n g g all specifications are typical at nominal input, nominal load and 25 c unless otherwise specified. external, low esr, 10 microfarad (minimum) capacitor across output is recommended for operation. p p h h y y s s i i c c a a l l c c h h a a r r a a c c t t e e r r i i s s t t i i c c s s unit/comments 1.0 x 2.0 x 0.4 inches (25.5 x 51.0 x 10.2 mm) coated metal with non- conductive base negative input, pin 2 positive input, pin 3 ul94v-0 42.5 grams case size case material shield connection 12v and 24v input models 48v input models flammability weight unit/comments o c; ambient o c % humidity; non- condensing free-air convection operating temp. range storage temp. range relative humidity cooling min -40 -40 typ max +75 +125 95 1.00 (25.4) 0.40 (10.2) 0.40 (10.2) 0.60 (15.2) 0.80 (20.3) 0.40 (10.2) 0.40 (10.2) 0.10 (2.54) +vin - vin + vout common - vout or nc 3 4 5 1 2 bottom side 2.00 (50.8) 0.30 min. (7.5) .040 .005 (1.01) dia. 0.40 (10.2) p p i i n n o o u u t t c c h h a a r r t t pins 1 2 3 4 5 single +vin - vin + vout nc - vout dual + vin -vin + vout common - vout notes: 1. unless otherwise specified dimensions are in inches (mm). tolerances inches mm x.xx = 0.02 x.x = 0.5 x.xxx= 0.010 x.xx = 0.25 nc = no connection >> b-83 www.make-ps.com e-mail:info@make-ps.com
h h o o w w t t o o o o r r d d e e r r 7 xx d xx pw output voltage h h o o w w t t o o o o r r d d e e r r m m o o d d e e l l s s e e l l e e c c t t i i o o n n c c h h a a r r t t model nominal input voltage (vdc) output voltage (vdc) full load output current (ma) no load input current (ma) full load input current (ma) reflected ripple current (ma) output over voltage (vdc) efficiency @fl (%) output configuration (s=single, d=dual) wattage nominal input voltage 705s12pw 712S12PW 715s12pw 705d12pw 712d12pw 715d12pw 705s24pw 712s24pw 715s24pw 705d24pw 712d24pw 715d24pw 705s48pw 712s48pw 715s48pw 705d48pw 712d48pw 715d48pw 12 12 12 12 12 12 24 24 24 24 24 24 48 48 48 48 48 48 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 1500 625 500 750 313 250 1500 625 500 750 313 250 1500 625 500 750 313 250 46 46 46 46 46 46 50 50 50 50 50 50 40 40 40 40 40 40 791 791 791 791 783 783 386 386 386 382 382 382 198 198 198 204 198 198 120 120 120 120 120 120 60 60 60 60 60 60 30 30 30 30 30 30 6.8 15 18 6.8 15 18 6.8 15 18 6.8 15 18 6.8 15 18 6.8 15 18 79 79 79 79 80 80 81 81 81 82 82 82 79 79 79 78 79 79 series >> b-84 www.make-ps.com e-mail:info@make-ps.com


▲Up To Search▲   

 
Price & Availability of 712S12PW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X