Part Number Hot Search : 
A12F40 ON1718 LCE30AT 1N1344A W78L32 SB1245TL SMCJ100A 1N1344A
Product Description
Full Text Search
 

To Download 10-10-1093 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mx07 d-29 d 3.00 to 7.92mm (.118 to .312") pitch pcb and wire connectors www.molex.com/customer.html?seriesnumber=276 7 5.08mm (.200") pitch kk ? pc board connector 3002 top entry mount style c features and benefts sizes 2 to 20 circuits reference information product specification: psx10-39 packaging: tray ul file no.: e29179 csa file no.: lr19980 mates with: 2599, 3003 and 3008 headers designed in: inches electrical voltage: 250v current: 7.0a contact resistance: 20 milliohms max. dielectric withstanding voltage: 1500v insulation resistance: 500k megohms min. mechanical mating force: 24 oz max. unmating force: 4 oz min. normal force: 350g durability: 25 cycles tin physical housing: nylon, ul 94v-2 contact: phosphor bronze plating: 1 m m tin and 0.5 m m gold operating temperature: 0 to +75?c circuits order no. lead-free tin gold 2 10-10-102 3 10-10-102 8 yes 3 10-10-103 3 10-10-103 8 4 10-10-104 3 10-10-104 8 5 10-10-105 3 10-10-105 8 6 10-10-106 3 10-10-106 8 7 10-10-107 3 10-10-107 8 8 10-10-108 3 10-10-108 8 9 10-10-109 3 10-10-109 8 10 10-10-110 3 10-10-110 8 11 10-10-111 3 10-10-111 8 plating: 1.00 microns tin /2.00 microns copper min. (.000040" tin /.000080" copper min.) or 0.50 microns gold/0.75 microns nickel min. (.000020" gold/.000030" nickel min.) circuits order no. lead-free tin gold 12 10-10-112 3 10-10-112 8 yes 13 10-10-113 3 10-10-113 8 14 10-10-114 3 10-10-114 8 15 10-10-115 3 10-10-115 8 16 10-10-116 3 10-10-116 8 17 10-10-117 3 10-10-117 8 18 10-10-118 3 10-10-118 8 19 10-10-119 3 10-10-119 8 20 10-10-120 3 10-10-120 8 www.molex.com/product/kk/kk.htm l 5.08mm (.200") pitch kk ? pc board connector 2767-nbh bottom entry features and benefts sizes 4 to 6 circuits reference information packaging: bag ul file no.: e29179 csa file no.: lr19980 mates with: 5077-nc designed in: millimeters electrical voltage: 250v current: 7.0a contact resistance: 10 milliohms max. dielectric withstanding voltage: 1500v ac/1 min. insulation resistance: 1000 megohms min. physical housing: 6/6 nylon, ul 94v-2 contact: brass plating: tin over copper operating temperature: -40 to +105?c circuits order no. lead-free 4 10-05-104 5 yes 5 10-05-105 5 6 10-05-106 5


▲Up To Search▲   

 
Price & Availability of 10-10-1093

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X