this document was generated on 05/13/2010 please check www.molex.com for latest part information part number: 0399300309 status: active description: 3.81mm (.150") pitch beau? euromate? pluggable pcb terminal block, dual level, 270 wire entry, 9 circuits documents: drawing (pdf) rohs certificate of compliance (pdf) agency certification ul e48521 general product family terminal blocks series 39930 application wire-to-board component type plug product literature order no usa-264 product name euromate?pluggable type euro block physical circuits (loaded) 9 color - resin black entry angle horizontal flammability 94v-0 lock to mating part none material - plating mating tin material - plating termination tin material - resin nylon number of rows 2 orientation vertical panel mount no pitch - mating interface (in) 0.150 in pitch - mating interface (mm) 3.81 mm polarized to mating part yes stackable no temperature range - operating 130c termination interface: style screw or lug wire size awg 14, 16, 18, 20, 22 wire size mm2 0.50 - 1.50 electrical current - maximum per contact 12a voltage - maximum 300v material info old part number 930909 reference - drawing numbers sales drawing sd-39930-004 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 39930 series mates with 39511-1009 , 39512-1009 this document was generated on 05/13/2010 please check www.molex.com for latest part information
|