Part Number Hot Search : 
SMBG15A BC847DS THI0512 MB91103 0TFI023 MIC2586 BLF88 C68HC11
Product Description
Full Text Search
 

To Download WR-ZD-6W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  wra wra wra wra wra wra wra wra - - - - - - - - zd-6w zd-6w zd-6w zd-6w zd-6w zd-6w zd-6w zd-6w wrb wrb wrb wrb wrb wrb wrb wrb - - - - - - - - zd zd zd zd zd zd zd zd -6w -6w -6w -6w -6w -6w -6w -6w series series model model model model model model model model selection selection selection selection selection selection selection selection wrb wrb wrb wrb wrb wrb wrb wrb 24 24 24 24 24 24 24 24 12 12 12 12 12 12 12 12 z z z z z z z z d d d d d d d d - - - - - - - - 6w 6w 6w 6w 6w 6w 6w 6w product series input voltage output voltage wide ( 4 :1) input range dip package style rated power order code input output efficiency (%.typ.) voltage(vdc) voltage (vdc) current(ma) nominal range max* max. min. wra2405zd-6w 24 9-36 40 5 600 60 76 wra2412zd-6w 24 9-36 40 12 250 25 81 wra2415zd-6w 24 9-36 40 15 200 20 83 wrb2403zd-6w 24 9-36 40 3.3 1500 150 74 wrb2405zd-6w 24 9-36 40 5 1200 120 76 wrb2412zd-6w 24 9-36 40 12 500 50 81 wrb2415zd-6w 24 9-36 40 15 400 40 81 wra4805zd-6w 48 18-72 80 5 600 60 85 wra4812zd-6w 48 18-72 80 12 250 25 83 wra4815zd-6w 48 18-72 80 15 200 20 85 wrb4803zd-6w 48 18-72 80 3.3 1500 150 74 wrb4805zd-6w 48 18-72 80 5 1200 120 78 wrb4812zd-6w 48 18-72 80 12 500 50 80 wrb4815zd-6w 48 18-72 80 15 400 40 80 *input voltage can t exceed this value,or will cause the permanent damage. 6 6 6 6 w, w, w, w, wide wide wide wide input, input, input, input, isolated isolated isolated isolated & & & & regulated regulated regulated regulated dual/single dual/single dual/single dual/single output output output output dc dc dc dc - - - - dc dc dc dc converter converter converter converter features features features features features features features features wide ( 4 :1) input range s hort circuit protection (automatic recovery) 1500vdc isolation operating temperature: -40 85 five sided metal shielding no external component required internal smd construction rohs compliance mtbf>1000khours applications applications applications applications applications applications applications applications the wra_ z d- 6 w&wrb_ z d- 6 w series are specially designed for applications where a wide range input voltage power supplies are isolated from the input power supply in a distributed power supply system on a circuit board . these products apply to: 1) where the voltage of the input p ower supply is wide range (voltage range 4:1); 2) where isolation is necessary between input and output (isolation voltage 1500vdc); 3) where the regulation of the output voltage and the output ripple noise are demanded. microdc reserves the copyright http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 1/3 selection selection selection selection selection selection selection selection guide guide guide guide guide guide guide guide common common common common common common common common specifications specifications specifications specifications specifications specifications specifications specifications parameter conditions min. typ. max. units storage humidity 95 % operating temperature -40 85 storage temperature -55 125 temp. rise at full load 40 lead temperature 1.5mm from case for 10 seconds 300 cooling free air convection short circuit protection continuous,automatic recovery case material steel,nickel plated, plastic isolation voltage tested for1 minute and 1ma max 1500 vdc isolation resistance test at 500vdc 1000 m isolation capacitance 1000 pf mtbf 1000 k hours weight 17 g
wra wra wra wra wra wra wra wra - - - - - - - - zd-6w zd-6w zd-6w zd-6w zd-6w zd-6w zd-6w zd-6w wrb wrb wrb wrb wrb wrb wrb wrb - - - - - - - - zd zd zd zd zd zd zd zd -6w -6w -6w -6w -6w -6w -6w -6w series series typical typical typical typical typical typical typical typical characteristics characteristics characteristics characteristics characteristics characteristics characteristics characteristics temperature derating graph recommended recommended recommended recommended recommended recommended recommended recommended circuit circuit circuit circuit circuit circuit circuit circuit output graph output external capacitor table(table 1) single vout cout dual vout cout (vdc) ( f) (vdc) ( f) 3.3 2200 5 680 5 1000 12 330 12 470 15 220 15 330 -- -- parameter conditions min. typ. max. units output power see below products program 0.6 6 w positive voltage accuracy refer to recommended circuit 1 3 % negative voltage accuracy refer to recommended circuit 3 5 % load regulation form 10% to 100% load 0.5 2* % line regulation input voltage from low to high 0.2 0.5 % temperature drift (vout) refer to recommended circuit 0.02 %/ ripple** 20mhz bandwidth 20 50 mvp-p noise** 20mhz bandwidth 50 100 mvp-p switching frequency 100% load, input voltage range 300 khz * dual output models unbalanced load: 5%. ** test ripple and noise by parallel cable method. see detailed operation instructions at testing of power converter section, application notes. temperature temperature temperature temperature temperature temperature temperature temperature characteristics characteristics characteristics characteristics characteristics characteristics characteristics characteristics http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 2/3 application application application application application application application application note note note note note note note note requirement requirement requirement requirement on on on on output output output output load load load load in order to ensure the product operate efficiently and reliably,in addition to a max load(namely full load), a minimum load is specified for this kind of dc/dc converter.make sure the specified range of input voltage is not exceeded,the minimum output load no no no no less less less less than than than than 10% 10% 10% 10% load load load load .if the actual load is less than the specified minimum load, the output ripple may increase sharply while its efficiency and reliability will reduce greatly.if the actual output power is very small,please add an appropriate resistor as extra loading,or contact our company for other lower output power products. recommended recommended recommended recommended circuit circuit circuit circuit all the wra_ z d- 6 w&wrb_ z d- 6 w series have been tested a ccording to the following recommended testing circuit before leaving factory.this series should be tested under load(see figure 1). if you want to further decrease the input/output ripple,you can increase capacitance properly or choose capacitors with low esr. however, the capacitance should not be too high, or may cause start-up problem. general: cin: 24v 48v 10 f-47 f c out : 10 f/100ma input input input input current current current current while using unstable power source,please ensure the output voltage and ripple voltage do not exceed indexes of the converter.the preceding power source must be able to provide for converter sufficient starting current ip(figure 2). general:ip 1. 6 *iin-max no no no no parallel parallel parallel parallel connection connection connection connection or or or or plug plug plug plug and and and and play play play play
wra wra wra wra wra wra wra wra - - - - - - - - zd-6w zd-6w zd-6w zd-6w zd-6w zd-6w zd-6w zd-6w wrb wrb wrb wrb wrb wrb wrb wrb - - - - - - - - zd zd zd zd zd zd zd zd -6w -6w -6w -6w -6w -6w -6w -6w series series note: unit:mm[inch] pin section toleranc e s: 0.10mm[ 0.004inch] general tolerances: 0.25mm[ 0.010inch] outline outline outline outline outline outline outline outline dimensions dimensions dimensions dimensions dimensions dimensions dimensions dimensions footprint footprint footprint footprint footprint footprint footprint footprint details details details details details details details details mechanical mechanical mechanical mechanical mechanical mechanical mechanical mechanical dimensions dimensions dimensions dimensions dimensions dimensions dimensions dimensions recommended recommended recommended recommended recommended recommended recommended recommended footprint footprint footprint footprint footprint footprint footprint footprint recommended footprint top view grid:2.54mm(0.1inch) diameter:1.00mm(0.039inch) http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 3/3 pin single dual 2 3 gnd gnd 9 nc 0v 11 nc -vo 14 +vo +vo 16 0v 0v 22 23 vin vin nc:no connection footprint footprint footprint footprint footprint footprint footprint footprint details details details details details details details details note: 1. the load shouldn't be less than 10%, otherwise ripple will increase dramatically. 2. operation under 10% load will not damage the converter; however, they may not meet all specification listed. 3. all specifications measured at ta=25 c, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 4. in this datasheet, all the test methods of indications are based on corporate standards. 5. only typical models listed, other models may be different, please contact our technical person for more details. tube tube tube tube tube tube tube tube outline outline outline outline outline outline outline outline dimensions dimensions dimensions dimensions dimensions dimensions dimensions dimensions note: unit :mm[inch] general tolerances: 0.50mm[ 0.020inch] l=530mm[20.866inch] tube quantity: 15pcs l=220mm[8.661inch] tube quantity: 6pcs when when when when the the the the environment environment environment environment temperature temperature temperature temperature is is is is higher higher higher higher than than than than 71 71 71 71 , , , , the the the the product product product product output output output output power power power power should should should should be be be be less less less less then then then then 60% 60% 60% 60% of of of of the the the the rated rated rated rated power. power. power. power. no no no no parallel parallel parallel parallel connection connection connection connection or or or or plug plug plug plug and and and and play. play. play. play. use use use use dual dual dual dual output output output output simultaneously,forbid simultaneously,forbid simultaneously,forbid simultaneously,forbid pening pening pening pening output output output output pin pin pin pin (0v) (0v) (0v) (0v) to to to to use use use use as as as as single single single single output. output. output. output.


▲Up To Search▲   

 
Price & Availability of WR-ZD-6W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X