Part Number Hot Search : 
2SC4986 824L8Y5 LTC2970 UCY7403N VVJ80 C2024 NCT214 85230
Product Description
Full Text Search
 

To Download WP7113ID Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsaf0012 rev no: v.4 date: may/21/2007 page: 1 of 6 approved: wynec checked: allen liu drawn: y.l.li er p: 1101005042 t-1 3/4 (5mm) solid state lamp part number: WP7113ID high efficiency red features z low power consumption. z popular t-1 3/4 diameter package. z general purpose leads. z reliable and rugged. z long life - solid state reliability. z available on tape and reel. z rohs compliant. description the high efficiency red source color devices are made with gallium arsenide phosphide on gallium phosphide orange light emitting diode. package dimensions notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.25(0.01") unless otherwise noted. 3. lead spacing is measured where the leads emerge from the package. 4. specifications are subject to change without notice.
spec no: dsaf0012 rev no: v.4 date: may/21/2007 page: 2 of 6 approved: wynec checked: allen liu drawn: y.l.li er p: 1101005042 selection guide notes: 1. 1/2 is the angle from optical centerline where the lumi nous intensity is 1/2 the optical centerline value. 2. luminous intensity/ luminous flux: +/-15%. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1.wavelength: +/-1nm. 2. forward voltage: +/-0.1v. notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. 2mm below package base. 3. 5mm below package base. part no. dice lens type v iewing angle [1] min. typ. 2 1/2 WP7113ID high efficiency red (gaasp/gap) red diffused 8 45 30 iv (mcd) [2] @ 10ma symbol parameter device typ. max. units test conditions peak peak wavelength high efficiency red 627 nm i f =20ma d [1] dominant wavelength high efficiency red 625 nm i f =20ma ? 1/2 spectral line half-width high efficiency red 45 nm i f =20ma c capacitance high efficiency red 15 pf v f =0v;f=1mhz v f [2] forward voltage high efficiency red 2 2.5 v i f =20ma i r reverse current high efficiency red 10 ua v r = 5v parameter high efficiency red units power dissipation 75 mw dc forward current 30 ma peak forward current [1] 160 ma reverse voltage 5 v operating/storage temperature -40c to +85c lead solder temperature [2] 260c for 3 seconds lead solder temperature [3] 260c for 5 seconds
spec no: dsaf0012 rev no: v.4 date: may/21/2007 page: 3 of 6 approved: wynec checked: allen liu drawn: y.l.li er p: 1101005042 high efficiency red WP7113ID
spec no: dsaf0012 rev no: v.4 date: may/21/2007 page: 4 of 6 approved: wynec checked: allen liu drawn: y.l.li er p: 1101005042 packing & label specifications WP7113ID
spec no: dsaf0012 rev no: v.4 date: may/21/2007 page: 5 of 6 approved: wynec checked: allen liu drawn: y.l.li er p: 1101005042
spec no: dsaf0012 rev no: v.4 date: may/21/2007 page: 6 of 6 approved: wynec checked: allen liu drawn: y.l.li er p: 1101005042


▲Up To Search▲   

 
Price & Availability of WP7113ID

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X