Part Number Hot Search : 
WRA2415 LA7566 LC83010 DF151 AON6780 DTS6504 UPD168 TIP107
Product Description
Full Text Search
 

To Download TS25P03G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - 690 - 1.193(30.3) 1.169(29.7) c .118(3.0) 0 x45 .402(10.2) .386(9.8) .106(2.7) .091(2.3) .094(2.4) .079(2.0) .043(1.1) .035(0.9) .709(18.0) .669(17.0) .165(4.2) .150(3.8) .303 (7.7) .303 (7.7) .287 (7.3) .287 (7.3) .031(0.7) .024(0.6) .114(2.9) .098(2.5) .134(3.4) .122(3.1) .150(3.8) .134(3.4) .189(4.8) .173(4.4) .441(11.2) .425(10.8) .189(4.8) .799(20.3) .776(19.7) ts25p01g thru ts25p07g single phase 25.0 amps. glass passivated bridge rectifiers voltage range 50 to 1000 volts current 25.0 amperes features ul recognized file # e-96005 glass passivated junction ideal for printed circuit board reliable low cost construction plastic material has underwriters laboratory flammability classification 94v-0 surge overload rating to 300 amperes peak high case dielectric strength of 2000 v rms mechanical data case: molded plastic terminals: leads solderable per mil-std-750, method 2026 weight: 0.3 ounce, 8 grams mounting torque: 8.17 in. lbs. max. ts-6p dimensions in inches and (millimeters) maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol ts25p 01g ts25p 02g ts25p 03g ts25p 04g ts25p 05g ts25p 06g ts25p 07g units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum avera g e forward rectified current see fig. 1 i (av) 25.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 300 a maximum instantaneous forward voltage @25a v f 1.1 v maximum dc reverse current @ t a =25 at rated dc blocking voltage @ t a =125 i r 10.0 500 ua ua typical thermal resistance (note) r jc 0.6 /w operating temperature range t j -55 to +150 storage temperature range t stg -55 to + 150 note: thermal resistance from junction to case with device mounted on 5? x 7? x 0.25? al-plate heatsink.
- 691 - ratings and characteristic curves (ts25p01g thru ts25p07g) fig.3- typical reverse characteristics per bridge element instantaneous reverse current .( a) 0 20 40 60 80 100 120 140 0.01 0.1 1 10 percent of rated peak reverse voltage. (%) tj=25 c 0 tj=125 c 0 fig.4- typical forward characteristics per bridge element instantaneous for ward current . (a) .6 .8 1.0 1.2 1.4 1.6 1.8 2.0 0.1 1.0 10 100 1000 forward voltage. (v) fig.2- maximum non-repetitive forward surge current per bridge element peak for ward surge current . (a) 1 234 1.5 5 6 9 8 710 25 20 15 30 100 60 40 80 20 100 300 400 200 number of cycles at 60hz fig.1- maximum forward current derating curve case temperature. ( c) o average for ward current . (a) 20 100 120 140 160 80 60 40 180 0 5 10 15 20 25 30


▲Up To Search▲   

 
Price & Availability of TS25P03G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X