Part Number Hot Search : 
3LC76BT ST7530 CD4072 1066NX 2SC46 PBU601 MGFTTX MAX951
Product Description
Full Text Search
 

To Download TLE4270 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p-to220-5-11 p-to220-5-12 p-to263-5-1 p-to252-5-1 5-v low-drop fixed voltage regulator tle 4270 data sheet version 1.3 1 2002-01-07 features ? output voltage tolerance   2 %  650 ma output current capability  low-drop voltage  reset functionality  adjustable reset time  suitable for use in automotive electronics  integrated overtemperature protection  reverse polarity protection  input voltage up to 42 v  overvoltage protection up to 65 v (  400 ms)  short-circuit proof  wide temperature range  esd protection  4000 v functional description this device is a 5-v low-drop fixed-voltage regulator. the maximum input voltage is 42 v (65 v,  400 ms). up to an input voltage of 26 v and for an output current up to 650 ma it regulates the output voltage within a 2 % accuracy. the short circuit protection limits the output current of more than 650 ma. the device incorporates overvoltage protection and a temperature protection which turns off the device at high temperatures. type ordering code package tle 4270 q67000-a9209 p-to220-5-11 tle 4270 s q67000-a9243 p-to220-5-12 tle 4270 g q67006-a9201 p-to263-5-1 tle 4270 d q67006-a9360 p-to252-5-1
tle 4270 data sheet version 1.3 2 2002-01-07 figure 1 pin configuration (top view) pin definitions and functions pin symbol function 1 i input ; block to ground directly at the ic with a ceramic capacitor 2ro reset output ; the open collector output is connected to the 5 v output via an integrated resistor of 30 k  3gnd ground ; internally connected to heatsink. 4d reset delay ; connect a capacitor to ground for delay time adjustment. 5q 5-v output ; block to ground with 22  f capacitor, esr  3  . aep01922 ro gnd d q 15 p-to263-5-1 (p-to220-5-8) aep01923 ro gnd d q 5 1 p-to220-5-11 (p-to220-5-1) p-to220-5-12 (p-to220-5-2) aep02172 ro gnd d q 5 1 p-to252-5-1 (d-pak) aep02580 15 ro dq gnd
tle 4270 data sheet version 1.3 3 2002-01-07 circuit description the control amplifier compares a reference voltage, which is kept highly accurate by resistance adjustment, to a voltage that is proportional to the output voltage and drives the base of a series transistor via a buffer. saturation control as a function of the load current prevents any over-saturation of the power element. the ic also incorporates a number of internal circuits for protection against:  overload  overvoltage  overtemperature  reverse polarity application description the ic regulates an input voltage in the range of 5.5 v  v i  36 v to v q,nom = 5.0 v. up to 26 v it produces a regulated output current of more than 650 ma. above 26 v the save-operating-area protection allows operation up to 36 v with a regulated output current of more than 300 ma. overvoltage protection limits operation at 42 v. the overvoltage protection hysteresis restores operation if the input voltage has dropped below 36 v. a reset signal is generated for an output voltage of v q  4.5 v. the delay for power-on reset can be set externally with a capacitor.
tle 4270 data sheet version 1.3 4 2002-01-07 figure 2 block diagram aeb01924 control amplifier buffer reference bandgap adjustment protection circuit control and saturation temperature sensor reset generator i q ro d gnd 5 2 4 1 3
tle 4270 data sheet version 1.3 5 2002-01-07 absolute maximum ratings t j = ? 40 to 150 c parameter symbol limit values unit notes min. max. input i voltage voltage current v i v i i i ? 42 ? ? 42 65 ? v v ? t  400 ms internally limited reset output ro voltage current v ro i ro ? 0.3 ? 7 ? v ? internally limited reset delay d voltage current v d i d ? 0.3 ? 7 ? v ? internally limited output q voltage current v q i q ? 1.0 ? 16 ? v ? internally limited ground gnd current i gnd ? 0.5 ? a ? temperatures junction temperature storage temperature t j t stg ? 50 150 150 c c ?
tle 4270 data sheet version 1.3 6 2002-01-07 operating range parameter symbol limit values unit notes min. max. input voltage v i 642v ? junction temperature t j ? 40 150 c ? thermal resistance junction ambient r thj-a ? 65 79 k/w k/w to263, to252 1) 1) mounted on pcb, 80  80  1.5 mm 3 ; 35  cu; 5  sn; footprint only; zero airflow. junction case r thj-c ? 3 k/w to-220/263 packages characteristics v i = 13.5 v; ? 40 c  t j =  125 c (unless otherwise specified) parameter symbol limit values unit test condition min. typ. max. output voltage v q 4.90 5.00 5.10 v 5 ma  i q  550 ma; 6 v  v i  26 v output voltage v q 4.90 5.00 5.10 v 26 v  v i  36 v; i q  300 ma output current limiting i qmax 650 850 ? ma v q = 0 v current consumption i q = i i
i q i q ? 11.5ma i q = 5 ma current consumption i q = i i ? i q i q ? 55 75 ma i q = 550 ma current consumption i q = i i ? i q i q ? 70 90 ma i q = 550 ma; v i = 5 v drop voltage v dr ? 350 700 mv i q = 550 ma 1)
tle 4270 data sheet version 1.3 7 2002-01-07 load regulation  v q,lo ? 25 50 mv i q = 5 to 550 ma; v i = 6 v line regulation  v q,li ? 12 25 mv v i = 6 to 26 v i q = 5 ma power supply ripple rejection psrr ? 54 ? db f r =100hz; v r =0.5 v ss reset generator switching threshold v rt 4.5 4.65 4.8 v ? reset high voltage v roh 4.5 ?? v ? reset low voltage v rol ? 60 ? mv r int =30 k  2) ; 1.0 v  v q  4.5 v reset low voltage v rol ? 200 400 mv i r = 3 ma, v q = 4.4 v reset pull-up r int 18 30 46 k  internally connected to q charge current i d,c 81425  a v d = 1.0 v upper reset timing threshold v du 1.41.82.3v ? lower reset timing threshold v dl 0.2 0.45 0.8 v v q  v rt delay time t rd ? 13 ? ms c d = 100 nf reset reaction time t rr ?? 3  s c d = 100 nf overvoltage protection turn-off voltage v i , ov 42 44 46 v ? 1) drop voltage = v i ? v q (measured when the output voltage has dropped 100 mv from the nominal value obtained at 13.5 v input) 2) reset peak is always lower than 1.0 v. characteristics (cont ? d) v i = 13.5 v; ? 40 c  t j =  125 c (unless otherwise specified) parameter symbol limit values unit test condition min. typ. max.
tle 4270 data sheet version 1.3 8 2002-01-07 figure 3 test circuit figure 4 application circuit aes01925 v i d c gnd ro v q v r d v 470 nf 1000 ? q 22 ? tle 4270g i d i q r i gnd i i i d i 1 3 2 5 4 aes01926 ro gnd d q i 5 v - output input tle 4270 reset 470 nf to ? 22 ? 100 nf 2 15 4 3
tle 4270 data sheet version 1.3 9 2002-01-07 design notes for external components an input capacitor c i is necessary for compensation of line influences. the resonant circuit consisting of lead inductance and input capacitance can be damped by a resistor of approx. 1  in series with c i . an output capacitor c q is necessary for the stability of the regulating circuit. stability is guaranteed at values of c q 22  f and an esr of  3  . reset circuitry if the output voltage decreases below 4.5 v, an external capacitor c d on pin 4 (d) will be discharged by the reset generator. if the voltage on this capacitor drops below v dl , a reset signal is generated on pin 2 (ro), i.e. reset output is set low. if the output voltage rises above the reset threshold, c d will be charged with constant current. after the power-on-reset time the voltage on the capacitor reaches v du and the reset output will be set high again. the value of the power-on-reset time can be set within a wide range depending of the capacitance of c d . reset timing the power-on reset delay time is defined by the charging time of an external capacitor c d which can be calculated as follows: c d =( t i d,c )/ v definitions: c d = delay capacitors t = reset delay time t rd i d,c = charge current, typical 14 ? v = v du , typical 1.8 v v du = upper reset timing threshold at c d for reset delay time t rd = v c d / i d,c the reset reaction time t rr is the time it takes the voltage regulator to set the reset out low after the output voltage has dropped below the reset threshold. it is typically 1  s for delay capacitor of 47 nf. for other values for c d the reaction time can be estimated using the following equation: t rr  20 s/f c d
tle 4270 data sheet version 1.3 10 2002-01-07 figure 5 reset time response aes01927 i v v q rt v v d du v v dl ro v rd t t rr < rr t v d t d = d, c i d c under- voltage power-on reset shutdown thermal at input voltage drop secondary spike bounce load
tle 4270 data sheet version 1.3 11 2002-01-07 output voltage v q versus temperature t j output current i q versus temperature t j output voltage v q versus input voltage v i output current i q versus input voltage v i aed01928 -40 04080 120 ?c 160 4.6 j t q v v i = 13.5 v 4.7 4.8 4.9 5.0 5.1 v 5.2 aed01930 -40 04080 120 ? c 160 0 j t 200 400 600 800 1000 ma 1200 q max i r 6 4 2 0 4 0 2 8 12 10 q v v 10 v 68 v aed01929 = 25 l ? aed03038 0 10 20 30 40 v50 0 0.4 0.8 1.2 a 1.0 0.6 0.2 i v i q = 125 ? c t j 25 ? c
tle 4270 data sheet version 1.3 12 2002-01-07 current consumption i q versus output current i q current consumption i q versus input voltage v i current consumption i q versus output current i q drop voltage v dr versus output current i q 0 0 aed03092 q 1 2 ma 3 = 13.5 v ma v 20 40 60 80 120 q aed01934 0 10 20 30 40 v50 0 40 80 120 ma 100 60 20 i v i q 20 ? l r = 10 ? 50 ? r l = 0 0 aed03093 q ma = 13.5 v ma v 100 200 300 400 600 q 10 20 30 40 50 60 70 80 aed01935 0 0 q i 100 200 300 400 500 600 700 800 mv v dr j t = 125 ? c 25 ? c 200 400 600 1000 ma
tle 4270 data sheet version 1.3 13 2002-01-07 charge current i d,c versus temperature t j upper reset timing threshold v du versus temperature t j aed03047 -40 4 i v = 13.5 v 6 8 10 12 14 16 18 20 a 04080 120 160 ? c i t j = 1 v d v d, c i 0 -40 aed03094 v du ma = 13.5 v ? c v j t 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 040 80 120 160 v du
tle 4270 data sheet version 1.3 14 2002-01-07 package outlines dimensions in mm sorts of packing package outlines for tubes, trays etc. are contained in our data book package information . gpt09064 a a 0.25 m typical 9.8 0.15 2.8 1) 15.65 0.3 13.4 0...0.15 1.7 0.8 0.1 0.1 1.27 4.4 9.25 0.2 0.05 1) all metal surfaces tin plated, except area of cut. c 0.2 17 0.3 8.5 1) 10 0.2 3.7 -0.15 c 2.4 0.5 0.1 0.3 8.6 10.2 0.3 0.4 3.9 0.4 8.4 3.7 0.3 p-to220-5-11 (plastic transistor single outline)
tle 4270 data sheet version 1.3 15 2002-01-07 gpt09065 a b a 0.25 m typical 9.8 0.15 2.8 1) 15.65 0.3 13.4 0...0.15 1.7 0.8 0.1 0.1 1.27 4.4 b 9.25 0.2 0.05 1) all metal surfaces tin plated, except area of cut. c 0.2 17 0.3 8.5 1) 10 0.2 3.7 -0.15 c 2.4 0.5 0.1 13 0.5 0.5 11 6x p-to220-5-12 (plastic transistor single outline) dimensions in mm sorts of packing package outlines for tubes, trays etc. are contained in our data book package information .
tle 4270 data sheet version 1.3 16 2002-01-07 a 8 ? max. b a 0.25 m 0.1 typical 9.8 0.15 0.2 10 8.5 1) 8 1) (15) 0.2 9.25 0.3 1 0...0.15 5x0.8 0.1 0.1 1.27 4.4 b 0.5 0.1 0.3 2.7 4.7 0.5 0.05 1) 0.1 all metal surfaces tin plated, except area of cut. 2.4 4x1.7 p-to263-5-1 (plastic transistor single outline) gpt09113 dimensions in mm smd = surface mounted device sorts of packing package outlines for tubes, trays etc. are contained in our data book package information .
tle 4270 data sheet version 1.3 17 2002-01-07 dimensions in mm smd = surface mounted device sorts of packing package outlines for tubes, trays etc. are contained in our data book package information . gpt09161 5.4 0.1 -0.10 6.5 +0.15 a 0.5 9.9 6.22 -0.2 1 0.1 0.15 0.8 0.15 max 0.1 per side 5x0.6 1.14 4.56 +0.08 -0.04 0.9 2.3 -0.10 +0.05 b 0.51 min 0.1 1 +0.08 -0.04 0.5 0...0.15 b a 0.25 m 0.1 all metal surfaces tin plated, except area of cut. (4.17) p-to252-5-1 (plastic transistor single outline) gpt09161
data sheet version 1.3 18 2002-01-07 tle 4270 edition 2002-01-07 published by infineon technologies ag, st.-martin-strasse 53, d-81541 mnchen ? infineon technologies ag 2002. all rights reserved. attention please! the information herein is given to describe certain components and shall not be consid- ered as warranted characteristics. terms of delivery and rights to technical change reserved. we hereby disclaim any and all warranties, including but not limited to warranties of non- infringement, regarding circuits, descriptions and charts stated herein. infineon technologies is an approved cecc manufacturer. information for further information on technology, deliv- ery terms and conditions and prices please contact your nearest infineon technologies office in germany or our infineon technolo- gies representatives worldwide (see ad- dress list). warnings due to technical requirements components may contain dangerous substances. for in- formation on the types in question please contact your nearest infineon technologies office. infineon technologies components may only be used in life-support devices or systems with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the fail- ure of that life-support device or system, or to affect the safety or effectiveness of that de- vice or system. life support devices or sys- tems are intended to be implanted in the hu- man body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered.


▲Up To Search▲   

 
Price & Availability of TLE4270

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X