spec no: dsad2427 rev no: v.12 date: jan/30/2008 page: 1 of 4 approved: wynec checked: joe lee drawn: k.xia erp: 1332000023 18mm (0.7 inch) single color dot matrix display part number: TA07-11GWA green features z 0.7 inch matrix height. z dot size 2mm. z low current operation. z compatible with ascii and ebcdic codes. z stackable vertically and horizontally. z easy mounting on p.c. boards or sockets. z mechanically rugged. z standard: gray face, white dot. z rohs compliant. description the green source color devices are made with gallium phosphide green light emitting diode. package dimensions& internal circuit diagram notes: 1. all dimensions are in millimeters (inches), tolerance is 0.25(0.01")unless otherwise noted. 2. specifications are subject to change without notice.
spec no: dsad2427 rev no: v.12 date: jan/30/2008 page: 2 of 4 approved: wynec checked: joe lee drawn: k.xia erp: 1332000023 selection guide note: 1. luminous intensity/ luminous flux: +/-15%. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1.wavelength: +/-1nm. 2. forward voltage: +/-0.1v. notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. 2mm below package base. part no. dice lens type iv (ucd) [1] @ 10ma min. typ. TA07-11GWA green (gap) white diffused 4700 18000 column anode description symbol parameter device typ. max. units test conditions peak peak wavelength green 565 nm i f =20ma d [1] dominant wavelength green 568 nm i f =20ma ? 1/2 spectral line half-width green 30 nm i f =20ma c capacitance green 15 pf v f =0v;f=1mhz v f [2] forward voltage green 2.2 2.5 v i f =20ma i r reverse current green 10 ua v r =5v parameter green units power dissipation 62.5 mw dc forward current 25 ma peak forward current [1] 140 ma reverse voltage 5 v operating / storage temperature -40c to +85c lead solder temperature[2] 260c for 3-5 seconds
spec no: dsad2427 rev no: v.12 date: jan/30/2008 page: 3 of 4 approved: wynec checked: joe lee drawn: k.xia erp: 1332000023 green TA07-11GWA
spec no: dsad2427 rev no: v.12 date: jan/30/2008 page: 4 of 4 approved: wynec checked: joe lee drawn: k.xia erp: 1332000023 packing & label specifications TA07-11GWA
|