Part Number Hot Search : 
SD148 BAS21 ES100 LB1213 HC528 3289CU 1ZC43A M0365
Product Description
Full Text Search
 

To Download STD38NH02LT4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/12 september 2003 std38nh02l n-channel 24v - 0.011 w - 38a dpak/ipak stripfet? iii power mosfet n typical r ds (on) = 0.011 w @ 10 v n typical r ds (on) = 0.015 w @ 5 v n r ds(on) * qg industrys benchmark n conduction losses reduced n switching losses reduced n low threshold device n through-hole ipak (to-251) power package in tube (suffix -1") n surface-mounting dpak (to-252) power package in tape & reel (suffix t4") description the std38nh02l utilizes the latest advanced design rules of sts proprietary stripfet? technology. this is suitable fot the most demanding dc-dc converter application where high efficiency is to be achieved. applications n specifically designed and optimised for high efficiency dc/dc convertes ordering information type v dss r ds(on) i d std38nh02l 24 v < 0.0135 w 38 a sales type marking package packaging STD38NH02LT4 d38nh02l to-252 tape & reel std38nh02l-1 d38nh02l to-251 tube 3 2 1 1 3 ipak to-251 (suffix -1) dpak to-252 (suffix t4) absolute maximum ratings symbol parameter value unit v spike(1) drain-source voltage rating 30 v v ds drain-source voltage (v gs = 0) 24 v v dgr drain-gate voltage (r gs = 20 k w ) 24 v v gs gate- source voltage 20 v i d drain current (continuous) at t c = 25c 38 a i d drain current (continuous) at t c = 100c 27 a i dm (2) drain current (pulsed) 152 a p tot total dissipation at t c = 25c 40 w derating factor 0.27 w/c e as (3) single pulse avalanche energy 250 mj t stg storage temperature -55 to 175 c t j max. operating junction temperature internal schematic diagram
std38nh02l 2/12 thermal data electrical characteristics (t case = 25 c unless otherwise specified) off on (4 ) dynamic rthj-case rthj-amb t l thermal resistance junction-case thermal resistance junction-ambient maximum lead temperature for soldering purpose max max 3.75 100 275 c/w c/w c symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 25 ma, v gs = 0 24 v i dss zero gate voltage drain current (v gs = 0) v ds = 20 v v ds = 20 v t c = 125c 1 10 a a i gss gate-body leakage current (v ds = 0) v gs = 20v 100 na symbol parameter test conditions min. typ. max. unit v gs(th) gate threshold voltage v ds = v gs i d = 250 a 1 1.8 2.5 v r ds(on) static drain-source on resistance v gs = 10 v i d = 19 a v gs = 5 v i d = 9.5 a 0.011 0.015 0.0135 0.025 w w symbol parameter test conditions min. typ. max. unit g fs (4) forward transconductance v ds = 10 v i d = 19 a 19 s c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds = 15v f = 1 mhz v gs = 0 1070 305 45 pf pf pf r g gate input resistance f = 1 mhz gate dc bias = 0 test signal level = 20 mv open drain 1 w
3/12 std38nh02l switching on switching off source drain diode (1) garanted when external rg=4.7 w and t f < t fmax . (4) pulsed: pulse duration = 300 s, duty cycle 1.5 %. (2) pulse width limited by safe operating area (5) q oss = c oss * d v in , c oss = c gd + c ds . see appendix a ( 3 ) starting t j = 25 o c, i d = 19a, v dd = 18v . . symbol parameter test conditions min. typ. max. unit t d(on) t r turn-on delay time rise time v dd = 10 v i d = 19 a r g = 4.7 w v gs = 10 v (resistive load, figure 3) 7 62 ns ns q g q gs q gd total gate charge gate-source charge gate-drain charge 0.44 v v dd 10v, i d = 38 a v gs = 10 v 18 4 2.5 24 nc nc nc q oss (5) output charge v ds = 16 v v gs = 0 v 6.5 nc symbol parameter test conditions min. typ. max. unit t d(off) t f turn-off delay time fall time v dd = 10 v i d = 19 a r g = 4.7 w, v gs = 10 v (resistive load, figure 3) 25 12 16 ns ns symbol parameter test conditions min. typ. max. unit i sd i sdm source-drain current source-drain current (pulsed) 38 152 a a v sd (4) forward on voltage i sd = 19 a v gs = 0 1.3 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 38 a di/dt = 100a/s v dd = 18 v t j = 150c (see test circuit, figure 5) 27 22 1.6 36 29 ns nc a electrical characteristics (continued) safe operating area thermal impedance
std38nh02l 4/12 output characteristics transfer characteristics transconductance static drain-source on resistance gate charge vs gate-source voltage capacitance variations
5/12 std38nh02l normalized gate threshold voltage vs temperature normalized on resistance vs temperature source-drain diode forward characteristics normalized breakdown voltage vs temperature . .
std38nh02l 6/12 fig. 1: unclamped inductive load test circuit fig. 1: unclamped inductive load test circuit fig. 2: unclamped inductive waveform fig. 3: switching times test circuits for resistive load fig. 4: gate charge test circuit fig. 5: test circuit for inductive load switching and diode recovery times
7/12 std38nh02l dim. mm inch min. typ. max. min. typ. max. a 2.2 2.4 0.086 0.094 a1 0.9 1.1 0.035 0.043 a3 0.7 1.3 0.027 0.051 b 0.64 0.9 0.025 0.031 b2 5.2 5.4 0.204 0.212 b3 0.85 0.033 b5 0.3 0.012 b6 0.95 0.037 c 0.45 0.6 0.017 0.023 c2 0.48 0.6 0.019 0.023 d 6 6.2 0.236 0.244 e 6.4 6.6 0.252 0.260 g 4.4 4.6 0.173 0.181 h 15.9 16.3 0.626 0.641 l 9 9.4 0.354 0.370 l1 0.8 1.2 0.031 0.047 l2 0.8 1 0.031 0.039 a c2 c a3 h a1 d l l2 l1 1 3 = = b3 b b6 b2 e g = = = = b5 2 to-251 (ipak) mechanical data 0068771-e
std38nh02l 8/12 dim. mm inch min. typ. max. min. typ. max. a 2.2 2.4 0.086 0.094 a1 0.9 1.1 0.035 0.043 a2 0.03 0.23 0.001 0.009 b 0.64 0.9 0.025 0.035 b2 5.2 5.4 0.204 0.212 c 0.45 0.6 0.017 0.023 c2 0.48 0.6 0.019 0.023 d 6 6.2 0.236 0.244 e 6.4 6.6 0.252 0.260 g 4.4 4.6 0.173 0.181 h 9.35 10.1 0.368 0.397 l2 0.8 0.031 l4 0.6 1 0.023 0.039 == d l2 l4 1 3 == b e == b2 g 2 a c2 c h a1 detail "a" a2 detail "a" to-252 (dpak) mechanical data 0068772-b
9/12 std38nh02l
std38nh02l 10/12 sw1 sw2 appendix a buck converter: power losses estimation the power losses associated with the fets in a synchronous buck converter can be estimated using the equations shown in the table below. the formulas give a good approximation, for the sake of performan ce comparison, of how different pairs of devices affect the converter efficiency. however a very important parameter, the working temperature, is not considered. the real device behavior is really dependent on how the heat generated inside the devices is r emoved to allow for a safer working junction temperature. the low side ( sw2 ) device requires: very low r ds(on) to reduce conduction losses small q gls to reduce the gate charge losses small c oss to reduce losses due to output capacitance small q rr to reduce losses on sw 1 during its turn-on the c gd /c gs ratio lower than v th /v gg ratio especially with low drain to source voltage to avoid the cross conduction phenomenon; the high side ( sw1) device requires: small r g and l s to allow higher gate current peak an d to limit the voltage feedback on the gate small q g to have a faster commutation and to reduce gate charge losses low r ds(on) to reduce the conduction losses.
11/12 std38nh02l high side switch (sw1) low side switch (sw2) conduction p d * i * r 2 l ds(on)sw1 ) 1 ( * i * r 2 l ds(on)sw2 d - switching p g l i i * f * ) q (q * v gd(sw1) gsth(sw1) in + zero voltage switching recovery not applicable 1 f * q * v rr(sw2) in diode p conduction not applicable f * t * i * v deadtime l f(sw2) ) gate(q g p f * v * q gg g(sw1) f * v * q gg gls(sw2) qoss p 2 f * q * v oss(sw1) in 2 f * q * v oss(sw2) in parameter meaning d duty- cycle q gsth post threshold gate charge q gls third quadrant gate charge pconduction on state losses pswitching on-off transition losses pdiode conduction and reverse recovery diode losses pgate gate drive losses qoss p output capacitance losses 1 dissipated by sw1 during turn-on
std38nh02l 12/12 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the co nsequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specifications mentioned in this publicati on are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics prod ucts are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectro nics. the st logo is registered trademark of stmicroelectronics all other names are the property of their respective owners. a 2003 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco -singapore - spain - sweden - switzerland - united kingdom - united states. www.st.com


▲Up To Search▲   

 
Price & Availability of STD38NH02LT4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X