Part Number Hot Search : 
FR105 LC821 2SA1980U MAX3232E AAT3194 2SA1980U D120D MM1662H
Product Description
Full Text Search
 

To Download SRR7045-150M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  *rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. srr7045 series - shielded smd power inductors features available in e6 values current rating to 3.50 amps lead free rohs compliant* applications input/output of dc/dc converters power supplies for: portable communication equipment camcorders lcd tvs car radios 470 *rohs compliant inductance 100 khz q test srf rdc i rms i sat bourns part no. (h) tol. % typ. frequency typ. max. max. typ. (mhz) (mhz) ( ? ) (a) (a) srr7045-1r0m 1.0 20 10 7.96 60 0.020 3.50 3.20 srr7045-2r2m 2.2 20 10 7.96 60 0.022 2.80 2.50 srr7045-2r7m 2.7 20 10 7.96 60 0.027 2.78 3.10 srr7045-3r3m 3.3 20 10 7.96 43 0.027 2.50 2.20 srr7045-3r9m 3.9 20 10 7.96 40 0.028 2.71 2.43 srr7045-4r7m 4.7 20 10 7.96 35 0.030 2.64 2.20 srr7045-5r6m 5.6 20 10 7.96 33 0.036 2.38 2.00 srr7045-6r3m 6.3 20 10 7.96 30 0.038 2.33 1.85 srr7045-6r8m 6.8 20 10 7.96 28 0.036 2.20 2.00 srr7045-100m 10 20 30 2.52 25 0.042 2.00 1.70 srr7045-120m 12 ?0 27 2.52 23 0.050 1.85 1.40 SRR7045-150M 15 20 31 2.52 24 0.062 1.60 1.35 srr7045-180m 18 ?0 29 2.52 21 0.070 1.50 1.15 srr7045-220m 22 20 26 2.52 18 0.082 1.35 1.10 srr7045-270m 27 ?0 25 2.52 18 0.110 1.25 1.00 srr7045-330m 33 20 25 2.52 12 0.115 1.15 0.90 srr7045-390m 39 ?0 26 2.52 13 0.130 1.10 0.80 srr7045-470m 47 20 29 2.52 11 0.150 0.95 0.78 srr7045-560m 56 ?0 21 2.52 11 0.200 0.85 0.65 srr7045-680m 68 20 22 2.52 10 0.210 0.77 0.60 srr7045-820m 82 20 22 2.52 9 0.280 0.70 0.60 srr7045-101m 100 20 40 0.796 8 0.300 0.65 0.50 srr7045-121m 120 ?0 30 0.796 7 0.420 0.60 0.45 srr7045-151m 150 20 51 0.796 7 0.480 0.53 0.41 srr7045-181m 180 ?0 52 0.796 5 0.660 0.475 0.375 srr7045-221m 220 20 44 0.796 5 0.700 0.45 0.36 srr7045-271m 270 ?0 30 0.796 5 0.840 0.40 0.275 srr7045-331m 330 20 65 0.796 4 0.730 0.40 0.25 srr7045-391m 390 ?0 27 0.796 5 1.200 0.35 0.225 srr7045-471m 470 20 80 0.796 3 1.100 0.32 0.22 srr7045-561m 560 ?0 27 0.796 4 1.600 0.30 0.20 srr7045-681m 680 20 65 0.796 3 1.600 0.27 0.20 srr7045-821m 820 ?0 26 0.796 3 2.200 0.25 0.175 srr7045-102m 1000 20 90 0.252 3 2.400 0.25 0.15 electrical specifications product dimensions recommended layout 220 2.0 (.079) typ. 4.50 0.3 (.177 .012) 7.0 0.3 (.276 .012) 7.0 0.3 (.276 .012) 1.5 (.059) typ. 4.0 (.157) typ. general specifications test voltage.....................................0.5 v reflow soldering ...230 ?, 50 sec. max. operating temperature ..-40 ? to +125 ? (temperature rise included) storage temperature..-40 ? to +125 ? resistance to soldering heat ................................260 ? for 10 sec. materials core ............................ferrite dr and ri wire .............enameled copper wire 130 terminal.....................................cu/ni/sn rated current ....................ind. drop 10 % typ. at isat (-1r0m through -221m) ....................ind. drop 25 % typ. at isat (-271m through -102m) temperature rise ..................30 ? max. at rated irms packaging ..................1000 pcs. per reel electrical schematic dimensions: mm (inches) 2.4 (.094) ref. 7.80 (.307) 1.8 (.071) ref. 1.8 (.071) ref. 4.2 (.165) ref. ref.
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. srr7045 series - shielded smd power inductors rev. 07/10 18 (.709) 22.4 (.882) 2.0 0.5 (.079 .020) 50.0 (1.969) 330 (13.00) dia. 13.0 0.5 (.512 .020) dia. 13.0 0.5 (.512 .020) dia. 21.0 0.8 (.827 .031) embossed carrier embossed cavity 0.10 (.004) thickness max. packaging specifications 220 220 2 user direction of feed 160 (6.299) no component no component components 390 (15.354) start 4 (.157) 12.0 (.472) 5.3 (.209) 16 (.630) end qty: 1000 pcs. per reel dimensions: mm (inches)


▲Up To Search▲   

 
Price & Availability of SRR7045-150M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X