Part Number Hot Search : 
MGH2812D 00M16 CH9344 1100S C3310 TEA2018A MMJT9435 A3121EUA
Product Description
Full Text Search
 

To Download SL1212101-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet ametherm, inc . 3111 n. deer run road #4 carson city, nv 89701 telephone: (800) 808-2434 (775) 884-2434 fax: (775) 884-0670 www.ametherm.com part number: sl12 1r008 ordering different lead types: for example: to order an inside kinked lead use part number sl12 1r008- a electrical specifications: mechanical specifications: csa file number: #ca118061 revision date: march 19, 2003 inside kinked leads use -a after ametherm?s part # outside kinked leads use -b after ametherm?s part # resistance @ 25c 1.0 ? 20% max steady state current up to 65 c 8.0 a max recommended energy rating (joules) 40.0 j actual failure point of instantaneous energy (joules) 80.0 j resistance @ 100% of max current 0.043 ? resistance @ 50% of max current 0.094 ? body temperature @ 100% current rating 176 c dissipation constant 13.22mw/c thermal time constant 40 seconds max power up to 65 c ambient 3.90 watts material type ?a? d 12.0 1.0 mm t 4.0 0.2 mm lead diameter 0.8 0.05 mm s 7.8 2.0 mm l 38.0 9.0 mm straight leads coating run down 5.1 0.5 mm b 5.65 0.75 mm c 2.15 0.30 mm l outside kinked leads s straight leads b inside kinked leads s s d d d c t


▲Up To Search▲   

 
Price & Availability of SL1212101-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X