Part Number Hot Search : 
MC74H MC74H MC74H MC74H 2EZ18D5 MC74H MC74H MC74H
Product Description
Full Text Search
 

To Download SBR13003A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  absolute maximum ratings symbol parameter value units v ces collector-emitter voltage ( v be = 0 ) 700 v v ceo collector-emitter voltage ( i b = 0 ) 400 v v ebo emitter-base voltage ( i c = 0 ) 9.0 v i c collector current 1.5 a i cm collector peak current ( t p # 5 ms ) 3.0 a i b base current 0.75 a i bm base peak current ( t p # 5 ms ) 1.5 a p c total dissipation at t c = 25 c 40 w t stg storage temperature - 65 ~ 150 c t j max. operating junction temperature 150 c thermal characteristics symbol parameter value units r jc thermal resistance, junction-to-case 3.12 c/w r ja thermal resistance, junction-to-ambient 89 c/w SBR13003A mar, 2006. rev. 0 1/5 c c features very high switching speed (typical 120ns@1.0a) minimum lot-to-lot h fe variation low v ce(sat) (typical 200mv@1.0a/0.25a) wide reverse bias s.o.a general description this devices is designed for high voltage, high speed switch- ing characteristic required such as lighting system, switching regulator, inverter and deflection circuit. high voltage fast-switching npn power transistor 2.collector 3.emitter 1.base symbol ? ? ? to-126 1 2 3 semiwell semiconductor
electrical characteristics ( t c = 25 c unless otherwise noted ) symbol parameter condition min typ max units i cev collector cut-off current ( v be = - 1.5v ) v ce = 700v v ce = 700v t c = 100 c - - 1.0 5.0 ma v ceo(sus) collector-emitter sustaining voltage ( i b = 0 ) i c = 10 ma 400 -- v v ce(sat) collector-emitter saturation voltage i c = 0.5a i b = 0.1a i c = 1.0a i b = 0.25a i c = 1.5a i b = 0.5a - - 0.3 0.5 1.0 v v be(sat) base-emitter saturation voltage i c = 0.5a i b = 0.1a i c = 1.0a i b = 0.25a -- 1.0 1.2 v h fe dc current gain i c = 0.5a v ce = 2v i c = 1.0a v ce = 2v 10 5 - 30 25 t on t s t f resistive load turn-on time storage time fall time i c = 1.0a v cc = 125v i b1 = 0.2a i b2 = - 0.2a t p = 25 k - 0.2 1.5 0.15 1.0 3.0 0.4 k t s t f inductive load storage time fall time v cc = 15v i c = 1.0a i b1 = 0.2a i b2 = -0.5a l = 0.35mh v clamp = 300v - 2.0 0.12 4.0 0.3 k t s t f inductive load storage time fall time v cc = 15v i c = 1.0a i b1 = 0.2a i b2 = -0.5a l = 0.35mh v clamp = 300v t c = 100 c - 2.4 0.15 5.0 0.4 k SBR13003A 2/5 ? notes : pulse test : pulse width ? 300 k , duty cycle ? 2% SBR13003A-1 hfe 13-20(ic = 0.5a v ce = 2v) SBR13003A-2 hfe 18-26(ic = 0.5a v ce = 2v)
0 .01 0.1 1 10 0. 1 1 10 10 0 v ce =2v 'jh%$$633&/5("*/ *d<"> $0--&$503$633&/5 i '& %$$633&/5("*/ 0 .01 0.1 1 10 0.01 0.1 1 10 v ce (sat) v be (sat) ic=4i b 'jh4"563 "5*0/70-5"(& *d<"> $0--&$503$633&/5 7 #& 4
7 $& 4
<7> 4"563"5*0/70-5"(& 0.1 1 0.01 0.1 1 10 vcc=125v ic=5i b tf tstg 'jh48*$)*/(5*.& *d<"> $0--&$503$633&/5 u t u g < k > 5*.& 1 10 100 1000 0.0 1 0. 1 1 10 1 0 u s 1 0 0 u s 1 m s icmax(pulse) icmax(dc) 'jh4"'&01&3"5*/("3&" 7 $& <7> $0--&$503&.*55&370-5"(& *d<"> $0--&$503$633& / 0 50 100 150 200 0 10 20 30 40 50 'jh108&3%&3"5*/( SBR13003A 3/5
i b1  v be (o ff)  r bb  i b  i c  v clamp  v cc  v ce  d.u.t  l c  f  i b1  v be (o ff)  r bb  i b  i c  v cc  v ce  d.u.t  r c  SBR13003A 4/5 inductive load switching & rbsoa test circuit resistive load switching test circuit
dim. mm inch min. typ. max. min. typ. max. a 7.5 7.9 0.295 0.311 b 10.8 11.2 0.425 0.441 c 14.2 14.7 0.559 0.579 d 2.7 2.9 0.106 0.114 e 3.8 0.150 f 2.5 0.098 g 1.2 1.5 0.047 0.059 h 2.3 0.091 i 4.6 0.181 j 0.48 0.62 0.019 0.024 k 0.7 0.86 0.028 0.034 l 1.4 0.055  3.2 0.126 SBR13003A to-126 package dimension 5/5 1. base 2. collector 3. emitter a b c d e f g 3 2 1 h i j k l 


▲Up To Search▲   

 
Price & Availability of SBR13003A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X