Part Number Hot Search : 
55C6V BD533 JBT6N81S MBR101 NE587 D1005 212BC CS5521
Product Description
Full Text Search
 

To Download S7505-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  photodiode si photodiode rgb color sensor integrated in small and thin package s10170 s10170 is a color sensor molded into a plastic package having a 3-channel (rgb) photodiode sensitive to the red ( =590 nm min.), green ( =480 to 600 nm) and blue ( =400 to 540 nm) regions of the spectrum. when compared to the previous model (s9702), s10170 is significantly miniaturized the package size by 80 % in cubic volume and pc board mount space by 77 % in area. s10170 is ideal f or rgb- lcd backlight monitors installed in such as mobile phones. features l 3-channel (r, g, b) si photodiode l small, thin package: 3.0 1.6 10 t mm l active area: 1 1 mm/3-segment (rgb) l rohs-compatible l surface mount type applications l portable or mobile equipment l rgb-lcd backlight monitors l detectors for various light sources l color detection 1  absolute maximum ratings parameter symbol value unit reverse voltage v r max 10 v operating temperature topr -25 to +85 c storage temperature tstg -40 to +100 c     electrical and optical characteristics (ta=25 c, per element) parameter symbol condition min. typ. max. unit blue - 400 to 540 800 to 1000 - green - 480 to 600 760 to 1000 - spectral response range red - 590 to 1000 - nm blue ( =460 nm) 0.16 0.21 - green ( =540 nm) 0.23 0.28 - photo sensitivity s red ( =640 nm) 0.40 0.45 - a/w dark current i d v r =1 v, all elements - 1 50 pa temperature coefficient of i d t cid - 1.12 - times/c rise time tr v r =0 v, r l =1 k ? , 10 to 90 % - 0.1 - s terminal capacitance ct v r =0 v, f=10 khz - 12 25 pf wavelength (nm) photo sensitivity (a/w) 0 200 300 400 500 600 700 800 900 1000 1100 0.1 0.2 0.3 1200 (typ. ta=25 ?c) 0.4 0.5 red green blue  spectral response kspdb0287ea reverse voltage (v) dark current 10 fa 100 pa 10 pa 1 pa 100 fa 1 0.1 0.01 100 10 (typ. ta=25 ? c)  dark current vs. reverse voltage kspdb0252ea reverse voltage (v) terminal capacitance 100 ff 100 pf 10 pf 1 pf 1 0.1 100 10 (typ. ta=25 ? c)  terminal capacitance vs . reverse voltage kspdb0253ea since this photodiode has sensitivity in the infrared region, infrared light must be filtered out as needed.
si photodiode s10170 hamamatsu photonics k.k., solid state division 1126-1 ichino-cho, higashi-ku, hamamatsu city, 435-8558 japan, telephone: (81) 53-434-3311, fax: (81) 53-434-5184, www.hamamats u.com u.s.a.: hamamatsu corporation: 360 foothill road, p.o.box 6910, bridgewater, n.j. 08807-0910, u.s.a., telephone: (1) 908-231-0 960, fax: (1) 908-231-1218 germany: hamamatsu photonics deutschland gmbh: arzbergerstr. 10, d-82211 herrsching am ammersee, germany, telephone: (49) 08152 -3750, fax: (49) 08152-2658 france: hamamatsu photonics france s.a.r.l.: 19, rue du saule trapu, parc du moulin de massy, 91882 massy cedex, france, teleph one: 33-(1) 69 53 71 00, fax: 33-(1) 69 53 71 10 united kingdom: hamamatsu photonics uk limited: 2 howard court, 10 tewin road, welwyn garden city, hertfordshire al7 1bw, unit ed kingdom, telephone: (44) 1707-294888, fax: (44) 1707-325777 north europe: hamamatsu photonics norden ab: smidesv ? gen 12, se-171 41 solna, sweden, telephone: (46) 8-509-031-00, fax: (46) 8-509-031-01 italy: hamamatsu photonics italia s.r.l.: strada della moia, 1/e, 20020 arese, (milano), italy, telephone: (39) 02-935-81-733, fax: (39) 02-935-81-741 information furnished by hamamatsu is believed to be reliable. however, no responsibility is assumed for possible inaccuracies or omissions. specifications are subject to change without notice. no patent rights are granted to any of the circuits described herein. ?200 7 hamamatsu photonics k.k. cat. no. kspd1074e01 jul. 2007 dn g b r anode (green) anode (blue) cathode common anode (red) tolerance unless otherwise noted: 0.2 chip position accuracy with respect to the package dimensions marked * 1 x, y  0.3 values in parentheses indicate reference value *2: do not allow metal/conductive objects to contact the part where the wiring is exposed. doing so may cause short circuits. electrode (3 ) anode index 1.6 * 1 3.0 * 1 photosensitive surface * 2 recommended land pattern 0.3 (0.29) 1.0 active area b g r 1.0 0.03 0.03 1.0 1.5 0.62 0.62 0.6 0.6 0.4 0.65 0.65 1.5 0.9 0.9 0.4 2  dimensional outline (unit: mm) kspda0174ea 480 to 600 g  2/3-element 1 1/3-element 1 1 1 1 540 400 to 540 b 460 590 to 720 1.5 1.5 1.5 1.5 ( 2) 1.5 1.5 r g b r 620 480 to 600 g 540 400 to 540 b 460 590 to 720 r 620 480 to 600 g 540 400 to 540 b 460 590 to 720 r 620 480 to 600 g 540 400 to 540 b 460 590 to 720 r 660 400 to 540 b 460 590 to 720 0.23 0.18 0.16 0.23 0.18 0.16 0.23 0.18 0.16 0.25 0.21 0.42 0.21 0.42 r g b r g b r g b r g b r b r 660 S7505-01 n line-up of rgb color sensors s9032-02 s8751 s8752 type no. surface-mount type plastic 200 100 50 100 surface-mount type plastic surface-mount type, miniature plastic surface-mount type plastic plastic package active area (mm) dark current v r =1 v all elements max. (pa) spectral response range (nm) peak sensitivity wavelength (nm) photo sensitivity  =  p (a/w) s9702  application example optical feedback of backlight for tft-lcd using a color sensor module c9303-04 (integrated with s9032-02) c9303-04 mixing light guide & lcd panel led light source color controller luminance/ light coordinate setting red driver green driver blue driver led: made by lumileds (luxeon), http://www.lumileds.com/ k a c c c 0 2 8 9 e a


▲Up To Search▲   

 
Price & Availability of S7505-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X