Part Number Hot Search : 
60R125 MUR860E WB201 1N3957 C226M 201148B GB304N 250903B
Product Description
Full Text Search
 

To Download PACVGA201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2000 california micro devices corp. all rights reserved. 4/00 215 topaz street, milpitas, california 95035 tel: (408) 263-3214 fax: (408) 263-7846 www.calmicro.com 1 california micro devices PACVGA201 vga port companion circuit features ? 7 channels of esd protection for all vga port connector pins meeting iec-61000-4-2 level-4 esd requirements (8kv contact discharge) ? very low loading capacitance from esd protection diodes on video lines, 4pf typical ? ttl to cmos level-translating buffers with power down mode for hsync and vsync lines ? three power supplies for design flexibility ? compact 16-pin qsop package c0651299 pac vga201? is a trademark of california micro devices corp. pin diagram schematic diagram product description the PACVGA201 incorporates 7 channels of esd protection for all signal lines commonly found in a vga port. esd protection is implemented with current steering diodes designed to safely handle the high surge currents encountered with iec-61000-4- 2 level-4 esd protection (8kv contact discharge). when a channel is subjected to an electrostatic discharge, the esd current pulse is diverted via the protection diodes into the positive supply rail or ground where it may be safely dissipated. separate positive supply rails are provided for the video, ddc_out and sync channels to facilitate interfacing with low voltage video controller ics and provide design flexibility in multiple-supply-voltage environments. an internal diode (d1, in schematic below) is provided such that v cc2 is derived from v cc3 . (v cc2 does not require an external power supply input.) in applications where v cc3 may be powered down, diode d1 blocks any dc current path from the ddc_out pins back to the powered down v cc3 rail via the upper esd protection diodes. two non-inverting drivers provide buffering for the hsync and vsync signals from the video controller ic (sync1, sync2). these buffers accept ttl input levels and convert them to cmos output levels that swing between ground and v cc3 . when the pwr_up input is driven low the sync inputs can be floated without causing the sync buffers to draw any current from the v cc3 supply. when the pwr_up input is low the sync outputs are driven low. 16-pin qsop package
?2000 california micro devices corp. all rights reserved. 4/00 215 topaz street, milpitas, california 95035 tel: (408) 263-3214 fax: (408) 263-7846 www.calmicro.com 2 california micro devices PACVGA201 s g n i t a r m u m i x a m e t u l o s b a r e t e m a r a pg n i t a rt i n u v 1 c c v , 3 c c e g a t l o v y l p p u s0 . 6 + , 5 . 0 - d n gv : s t u p n i t a e g a t l o v c d v 3 _ o e d i v , 2 _ o e d i v , 1 _ o e d i vv , 5 . 0 - d n g 1 c c 5 . 0 +v 2 t u o _ c d d , 1 t u o _ c d dv , 5 . 0 - d n g 2 c c 5 . 0 +v 2 n i _ c n y s , 1 n i _ c n y sv , 5 . 0 - d n g 3 c c 5 . 0 +v : e r u t a r e p m e t e g a r o t s0 5 1 + o t 0 4 - o c t n e i b m a g n i t a r e p o0 7 + o t 0 o c n o i t a p i s s i d r e w o p e g a k c a p5 7 . 0w s c i t s i r e t c a r a h c g n i t a r e p o l a c i r t c e l e ) e s i w r e h t o d e i f i c e p s s s e l n u s n o i t i d n o c g n i t a r e p o r e v o ( l o b m y sr e t e m a r a ps n o i t i d n o cn i mp y tx a mt i n u i 1 c c v 1 c c t n e r r u c y l p p u sv 1 c c v 5 =0 1a u i 3 c c v 3 c c t n e r r u c y l p p u sv 3 c c v r o d n g t a s t u p n i c n y s ; v 5 = 3 c c ;0 1a u v t a n i p p u _ r w p ; 3 c c d e d a o l n u s t u p t u o c n y s v 3 c c p u _ r w p ; v 0 . 3 t a s t u p n i c n y s ; v 5 =0 0 2a u v t a n i p 3 c c d e d a o l n u s t u p t u o c n y s ; v 3 c c c n y s ; d n g t a t u p n i p u _ r w p ; v 5 =0 1a u d e d a o l n u s t u p t u o v 2 c c v 2 c c e g a t l o v t i u c r i c n e p o n i pv 2 c c v m o r f d e v i r e d y l l a n r e t n i e g a t l o v 3 c c a i vv 3 c c 8 . 0 -v ; n w a r d t n e r r u c l a n r e t x e o n ; 1 d e d o i d v h i e g a t l o v t u p n i h g i h c i g o l 1 v 3 c c v 0 . 5 =0 . 2v v l i e g a t l o v t u p n i w o l c i g o l 1 v 3 c c v 0 . 5 =8 . 0v v h o e g a t l o v t u p t u o h g i h c i g o l 2 i h o v , a m 4 - = 3 c c v 0 . 5 =4 . 4v v l o e g a t l o v t u p t u o w o l c i g o l 2 i l o v , a m 4 = 3 c c v 0 . 5 =4 . 0v r b r , p e u l a v r o t s i s e rv , p u _ r w p 3 c c v 0 . 5 =5 . 012m w i n t n e r r u c t u p n i s t u p n i o e d i vv 1 c c v ; v 5 = n i v = 1 c c d n g r o1 m a s t u p n i c n y s v , c n y s hv 3 c c v ; v 5 = n i v = 3 c c d n g r o1 m a c n i e c n a t i c a p a c t u p n i 4 3 _ o e d i v , 2 _ o e d i v , 1 _ o e d i vv 1 c c v ; v 0 . 5 = n i z h m 1 t a d e r u s a e m ; v 5 . 2 =0 . 4f p v 1 c c v ; v 5 . 2 = n i z h m 1 t a d e r u s a e m ; v 5 2 . 1 =5 . 4 t h l p y a l e d n o i t a g a p o r p h - l s r e v i r d c n y sc l v ; f p 0 5 = 3 c c t t u p n i ; v 5 = r t d n a f < s n 582 1s n t l h p y a l e d n o i t a g a p o r p l - h s r e v i r d c n y sc l v ; f p 0 5 = 3 c c t t u p n i ; v 5 = r t d n a f < s n 582 1s n t r t , f s e m i t l l a f & e s i r t u p t u o s r e v i r d c n y sc l v ; f p 0 5 = 3 c c t t u p n i ; v 5 = r t d n a f < s n 57s n v d s e e g a t l o v d n a t s h t i w d s e 4 , 3 v 1 c c v = 2 c c v = 3 c c v 5 =8 v k note 1: these parameters apply only to sync_in1, sync_in2 and pwr_up. note 2: these parameters apply only to sync_out1 and sync_out2. note 3: per the iec-61000-4-2 international esd standard, level 4 contact discharge method. v cc1 , v cc2 and v cc3 must be bypassed to gnd via a low impedance ground plane with a 0.2uf or greater, low inductance, chip ceramic capacitor at each supply pin. esd pulse is applied between the applicable pins and gnd. esd pulse can be positive or negative with respect to gnd. applicable pins are: video_1, video_2, video_3, sync_out1, sd1, sync_out2, sd2, ddc_out1 and ddc_out2. all other pins are esd protected to the industry standard 2kv per the human body model (mil-std-883, method 3015). note 4: this parameter is guaranteed by design and characterization.
? 2000 california micro devices corp. all rights reserved. 4/00 215 topaz street, milpitas, california 95035 tel: (408) 263-3214 fax: (408) 263-7846 www.calmicro.com 3 california micro devices PACVGA201 typical connection diagram a resistor may be necessary between the v cc2 pin and ground if protection against a stream of esd pulses is required while the PACVGA201 is in the power-down state. the value of this resistor should be chosen such that the extra charge deposited into the v cc2 bypass capacitor by each esd pulse will be discharged before the next esd pulse occurs. the maximum esd repetition rate specified by the iec-61000-4-2 standard is one pulse per second. when the PACVGA201 is in the power-up state, an internal discharge resistor is connected to ground via a fet switch for this purpose. for the same reason, v cc1 and v cc3 may also require bypass capacitor discharging resistors to ground if there are no other components in the system to provide a discharge path to ground. when placing an order please specify desired shipping: tubes or tape & reel. t s r a d n a n o i t a m r o f n i g n i r e d r o t r a p d e g a k c a pr e b m u n t r a p g n i r e d r o s n i pe l y t sg n i k r a m t r a p 6 1p o s qq 1 0 2 a g v c a p


▲Up To Search▲   

 
Price & Availability of PACVGA201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X