Part Number Hot Search : 
MAX2385 68HC70 00568 1N5406GP ACT25 FTSO2369 APT50M BT101
Product Description
Full Text Search
 

To Download MP7720DP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mp7720 20w class d mono single ended audio amplifer mp7720 rev. 2.1 www.monolithicpower.com 1 1/22/2010 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2010 mps. all rights reserved. the future of analog ic technology description the mp7720 is a mono 20w class d audio amplifier. it is one of mps? second generation of fully integrated audio amplifiers which dramatically reduces solution size by integrating the following: 180m ? power mosfets startup / shutdown pop elimination short circuit protection circuits mute / standby the mp7720 utilizes a single ended output structure capable of delivering 20w into 4 ? speakers. mps class d audio amplifiers exhibit the high fidelity of a class a/b amplifier at efficiencies greater than 90%. the circuit is based on the mps? proprietary variable frequency topology that delivers excellent psrr, fast response time and operates on a single power supply. evaluation board reference board number dimensions ev0030 2.4?x x 3.5?y x 1.2?z features ? 20w output at v dd = 24v into a 4 ? load ? thd+n = 0.04% at 1w, 8 ? ? 93% efficiency at 20w ? low noise (190v typical) ? switching frequency up to 1mhz ? 9.5v to 24v operation from a single supply ? integrated startup and shutdown pop elimination circuit ? thermal protection ? integrated 180m ? switches ? mute/standby modes (sleep) ? available in tiny 8-pin soic and pdip packages applications ? surround sound dvd systems ? televisions ? flat panel monitors ? multimedia computers ? home stereo systems ?mps? and ?the future of analog ic technology? are registered trademarks of monolithic power systems, inc. aam (analog adaptive modulation) is a trademark of monolithic power systems, inc. typical application + audio input off on v dd mp7720 sw bs pgnd vdd pin en nin agnd 8 6 5 7 1 4 2 3 20 10 1 0.1 0.01 thd+n (%) 0.1 1 10 30 power (w) thd+n vs power (24v, 1khz)
mp7720 ? 20w class d mono single ended audio amplifier mp7720 rev. 2.1 www.monolithicpower.com 2 1/22/2010 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2010 mps. all rights reserved. package reference pin nin agnd en pgnd sw vdd bs 1 2 3 4 8 7 6 5 top view part number* package temperature mp7720ds soic8 ?40 c to +85 c MP7720DP pdip8 ?40 c to +85 c * for tape & reel, add suffix ?z (eg. mp7720ds?z) for lead free, add suffix ?lf (eg. mp7720ds?lf?z) absolute maxi mum ratings (1) supply voltage v dd ...................................... 26v bs voltage.................. v sw ? 0.3v to v sw + 6.5v enable voltage v en ........................ ?0.3v to +6v v sw , v pin , v nin ........................... ?1v to v dd + 1v agnd to pgnd .......................... ?0.3v to +0.3v junction temperature............................... 150 c lead temperature ....................................260 c storage temperature ..............?65 c to +150 c recommended operating conditions (2) supply voltage v dd .......................... 9.5v to 24v operating temperature t a .........?40 c to +85 c thermal resistance (3) ja jc soic8.................................... 105 ..... 40... c/w pdip8 ..................................... 95 ...... 55... c/w notes: 1) exceeding these ratings may damage the device. 2) the device is not guaranteed to function outside of its operating conditions. 3) measured on approximately 1? square of 1 oz copper. electrical characteristics v dd = 24v, v en = 5v, t a = +25 c, unless otherwise noted. parameters symbol condition min typ max units supply current standby current v en = 0v 1 5 a quiescent current 1.5 3.0 ma output drivers sw on resistance sourcing and sinking 0.18 ? short circuit current sourcing and sinking 5.0 a inputs pin, nin input common mode voltage range 0 v dd 2 v dd ? 1.5 v pin, nin input current v pin = v nin = 12v 1 5 a v en rising 1.4 2.0 v en enable threshold voltage v en falling 0.4 1.2 v en enable input current v en = 5v 1 a thermal shutdown thermal shutdown trip point t j rising 150 c thermal shutdown hysteresis 30 c
mp7720 ? 20w class d mono single ended audio amplifier mp7720 rev. 2.1 www.monolithicpower.com 3 1/22/2010 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2010 mps. all rights reserved. operating specifications circuit of figure 1, v dd = 24v, v en = 5v, t a = +25 c, unless otherwise noted. parameters symbol condition min typ max units standby current v en = 0v 130 a quiescent current 13 ma f = 1khz, thd+n = 10%, 4 ? load 20 w power output f = 1khz, thd+n = 10%, 8 ? load 10 w p out = 1w, f = 1khz, 4 ? load 0.08 % thd+ noise p out = 1w, f = 1khz, 8 ? load 0.04 % f = 1khz, p out = 1w, 4 ? load 90 % efficiency f = 1khz, p out = 1w, 8 ? load 95 % maximum power bandwidth 20 khz dynamic range 93 db noise floor a-weighted 190 v power supply rejection f = 1khz 60 db pin functions pin # name description 1 pin amplifier positive input. pin is the positive side of the differential input to the amplifier. use a resistive voltage divider to set the voltage at pin to v dd /2. see figure 1. 2 nin amplifier negative input. nin is the negative side of the differential input to the amplifier. drive the input signal and close the feedbac k loop at nin. see figure 1. 3 agnd analog ground. connect agnd to pgnd at a single point. 4 en enable input. drive en high to turn on the amplifier, low to turn it off. 5 bs high-side mosfet bootstrap input. a capaci tor from bs to sw supplies the gate drive current to the internal high-side mosfet. conne ct a 0.1f capacitor from sw to bs. place a 6.2v zener diode from bs to sw to prevent overstressing of the internal circuitry. 6 vdd power supply input. vdd is the drain of t he high-side mosfet switch, and supplies the power to the output stage and the mp7720 internal control circuitry. in addition to the main bulk capacitor, bypass vdd to pgnd with a 1f x7r capacitor placed close to pins 6 and 8. 7 sw switched power output. sw is the output of the mp7720. connect the lc filter between sw and the output coupling capacitor. see figure 1. 8 pgnd power ground. connect pgnd to agnd at a single point.
mp7720 ? 20w class d mono single ended audio amplifier mp7720 rev. 2.1 www.monolithicpower.com 4 1/22/2010 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2010 mps. all rights reserved. typical performanc e characteristics 25 20 15 10 5 0 p out (w) 5 101520253035 v dd ( v ) p out vs v dd 100 90 80 70 60 50 40 30 20 10 0 efficiency (%) 0 5 10 15 20 25 30 output power (w) efficiency vs p out +4 +2 0 -2 -4 -6 -8 -10 amplitude (dbr) 20 10k 40k 1k 100 frequency (hz) frequency response (ref=2vrms, a v =8.2) 0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 amplitude (dbr) 100 1k 10k frequency (hz) 0 -20 -40 -60 -80 -100 -120 -140 amplitude (dbv) 20 100 1k 10k frequency (hz) thd+n (%) frequency (hz) 100 10 1 0.1 0.01 thd+n (%) 20 100 1k 10k frequency (hz) thd+n (%) p out (w) 20 10 1 0.1 0.01 20 10 1 0.1 0.01 thd+n (%) 0.1 1 10 30 0.1 1 10 30 p out (w) f=1khz f=10khz f=10khz f=100hz f=100hz f=1khz 100 10 1 0.1 0.01 20 100 1k 10k
mp7720 ? 20w class d mono single ended audio amplifier mp7720 rev. 2.1 www.monolithicpower.com 5 1/22/2010 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2010 mps. all rights reserved. operation the mp7720 is a single-ended class d audio amplifier. it uses the monolithic power systems patented analog adaptive modulation tm to convert the audio input signal into pulses. these pulses drive an internal high-current output stage and, when filtered through an external inductor-capacitor filter, reproduce the input signal across the load. because of the switching class d output stage, power dissipation in the amplifier is drastically reduced when compared to class a, b or a/b amplifiers while maintaining high fidelity and low distortion. the amplifier uses a differential input to the modulator. pin is the positive input and nin is the negative input. the common mode voltage of the input is set to half the dc power supply input voltage (v dd /2) through the resistive voltage divider formed by r2 and r3. the input capacitor c1 couples the ac signal at the input. the amplifier voltage gain is set by the combination of r1 and r4 and is calculated by the equation: 1 r 4 r av ? = the output driver stage uses two 180m ? n-channel mosfets to deliver the pulses to the lc output filter which in turn drives the load. to fully enhance the high-side mosfet, the gate is driven to a voltage higher than the source by the bootstrap capacitor between sw and bs. while the output is driven low, the bootstrap capacitor is charged from v dd through an internal circuit on the mp7720. the gate of the high-side mosfet is driven high from the voltage at bs, forcing the mosfet gate to a voltage higher than v dd and allowing the mosfet to fully turn on, reducing power loss in the amplifier. pop elimination the capacitor c9 passes only ac currents to the load. to insure that the amplifier passes low frequency signals, the time constant of c9*r load needs to be long. however, when en is asserted, the capacitor charges over a long period and in a normal amplifier can result in a turn on and/or turn off ?pop.? the mp7720 includes integrated circuitry that eliminates the turn on and turn off pop associated with the charging of the ac coupling capacitor. short circuit/overload protection the mp7720 has internal overload and short circuit protection. the currents in both the high- side and low-side mosfets are measured and if the current exceeds the 5.0a short circuit current limit, both mosfets are turned off. the mp7720 then restarts with the same power up sequence that is used for normal starting to prevent a pop from occurring after a short circuit condition is removed. mute/enable function the mp7720 en input is an active high enable control. to enable the mp7720, drive en with a 2.0v or greater voltage. to disable the amplifier, drive it below 0.4v. while the mp7720 is disabled, the vdd operating current is less than 5a and the output driver mosfets are turned off. the mp7720 requires approximately 500ms from the time that en is asserted (driven high) to when the amplifier begins normal operation.
mp7720 ? 20w class d mono single ended audio amplifier mp7720 rev. 2.1 www.monolithicpower.com 6 1/22/2010 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2010 mps. all rights reserved. application information component selection the mp7720 uses a minimum number of external components to complete a class d audio amplifier. the circuit of figure 1 is optimized for a 24v power supply and a 1.5v rms maximum input signal. this circuit should be suitable for most applications. however, if this circuit is not suitable, use the following sections to determine how to customize the amplifier for a particular application. setting the voltage gain the maximum output voltage swing is limited by the power supply. to achieve the maximum power out of the mp7720 amplifier, set the gain such that the maximum input signal results in the maximum output voltage swing. the maximum output voltage swing is v dd /2. for a given input signal voltage, where v in (pk) is the peak input voltage, the maximum voltage gain is: ) pk ( v 2 v ) max ( a in dd v = this voltage gain setting results in the peak output voltage approaching it?s maximum for the maximum input signal. in some cases the amplifier is allowed to overdrive slightly, allowing the thd to increase at high power levels, and so a higher gain than a v (max) is required. setting the switching frequency the idle switching frequency is a function of v dd , the capacitor c3 and the feedback resistor r4. lower switching frequencies result in more inductor ripple, causing more quiescent output voltage ripple and increasing the output noise and distortion. higher switching frequencies result in more power loss. the optimum quiescent switching frequency is approximately 600khz to 700khz. refer to the operating specifications for recommended values. table 1?switching frequency vs. integrating capacitor and feedback resistor (see figure 1) gain (v/v) gain (db) r 4 (k ? ) r 1 (k ? ) c 3 f sw v dd (v) 3.9 11.8 39 10 6.8nf 660khz 12 8.2 18.3 82 10 3.3nf 660khz 12 8.3 18.4 39 4.7 6.8nf 660khz 12 12.0 21.6 120 10 2.2nf 610khz 12 17.4 24.8 82 4.7 3.3nf 660khz 12 25.5 28.1 120 4.7 2.2nf 610khz 12 5.6 15.0 56 10 8.2nf 670khz 24 8.2 18.3 82 10 5.6nf 720khz 24 11.9 21.5 56 4.7 8.2nf 670khz 24 12.0 21.6 120 10 4.7nf 620khz 24 17.4 24.8 82 4.7 5.6nf 720khz 24 25.5 28.1 120 4.7 4.7nf 620khz 24 33.0 30.4 330 10 1.8nf 700khz 24 choosing the lc filter the inductor-capacitor (lc) filter converts the pulse train at sw to the output voltage that drives the speaker. typical values for the lc filter are shown in figure 1, 10h inductor and 0.47f capacitor. the characteristic frequency of the lc filter needs to be high enough to allow high frequency audio to the output, yet needs to be low enough to filter out high frequency products of the pulses from sw. the characteristic frequency of the lc filter is: () 2 1 0 lc 2 1 f = the voltage ripple at the output is approximated by the equation: ? ? ? ? ? ? ? ? ? sw 0 dd ripple f f v v
mp7720 ? 20w class d mono single ended audio amplifier mp7720 rev. 2.1 www.monolithicpower.com 7 1/22/2010 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2010 mps. all rights reserved. the quality factor (q) of the lc filter is important. if this is too low, output noise will increase, if this is too high, then peaking may occur at high signal frequencies reducing the passband flatness. the circuit q is set by the load resistance (speaker resistance, typically 4 ? or 8 ? ). the q is calculated as: r l f 2 r l q 0 0 = = 0 is the characteristic frequency in radians per second and f 0 is in hz. use an lc filter with q between 0.7 and 1. the actual output ripple and noise is greatly affected by the type of inductor and capacitor used in the lc filter. use a film capacitor and an inductor with sufficient power handling capability to supply the output current to the load. the inductor should exhibit soft saturation characteristics. if the inductor exhibits hard saturation, it should operate well below the saturation current. gapped ferrite, mpp, powdered iron, or similar type toroidal cores are recommended. if open or shielded bobbin ferrite cores are used for multi-channel designs, make sure that the start windings of each inductor line up (all starts going toward sw pin, or all starts going toward the output) to prevent crosstalk or other channel-to-channel interference. output coupling capacitor the output ac coupling capacitor c9 serves to block dc voltages and thus passes only the amplified ac signal from the lc filter to the load. the combination of the coupling capacitor, c9 and the load resistance results in a first-order high-pass filter. the value of c9 should be selected such that the required minimum frequency is still allowed to pass. the output corner frequency (-3db point), f out , can be calculated as: 9 c r 2 1 f load out = set the output corner frequency (f out ) at or below the minimum required frequency. the output coupling capacitor carries the full load current, so a capacitor should be chosen such that its ripple current rating is greater than the maximum load current. low esr aluminum electrolytic capacitors are recommended. input coupling capacitor the input coupling capacitor c1 is used to pass only the ac signal at the input. in a typical system application, the source input signal is typically centered around the circuit ground, while the mp7720 input is at half the power supply voltage (v dd /2). the input coupling capacitor transmits the ac signal from the source to the mp7720 while blocking the dc voltage. choose an input coupling capacitor such that the corner frequency (f in ) is less than the passband frequency. the corner frequency is calculated as: 1 c 1 r 2 1 f in = power source for maximum output power, the amplifier circuit requires a regulated external power source to supply the power to the amplifier. the higher the power supply voltage, the more power can be delivered to a given load resistance, however if the power source voltage exceeds the maximum operating voltage of 24v, the mp7720 may sustain damage. the power supply rejection of the mp7720 is excellent (typically 60db), however noise at the power supply can get to the output, so care must be taken to minimize power supply noise within the pass-band frequencies. bypass the power supply with a large capacitor (typically aluminum electrolytic) along with a smaller 1f ceramic capacitor at the mp7720 v dd supply pins. circuit layout the circuit layout is critical for optimum performance and low output distortion and noise. place the following components as close to the mp7720 as possible: power supply bypass, c5 c5 carries the transient current for the switching input stage. to prevent overstressing of the mp7720 and excessive noise at the output, place the power supply bypass capacitor as close to pins 6 (vdd) and 8 (pgnd) as possible.
mp7720 ? 20w class d mono single ended audio amplifier mp7720 rev. 2.1 www.monolithicpower.com 8 1/22/2010 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2010 mps. all rights reserved. output catch diode, d1 d1 carries the current over the dead-time while both mosfet switches are off. place d1 between pins 7 (sw) and 8 (pgnd) to prevent the voltage at sw from swinging excessively below ground. input modulator capacitor, c3 c3 is used to set the amplifier switching frequency and is typically on the order of a few nanofarads. place c3 as close to the differential input pins (1 and 2) as possible to reduce distortion and noise. reference bypass capacitor, c2 c2 filters the ? v dd reference voltage at the pin input (pin 1). place c2 as close to pin as possible to improve power supply rejection and reduce distortion and noise at the output. use two separate ground planes, analog ground (agnd) and power ground (pgnd), and connect the two grounds together at a single point to prevent noise injection into the amplifier input to reduce distortion. power components (c5, d1, c6 and c8) connect to the power ground. the quiet analog components (c2, c3, r2, and the input source ground) connect to the analog ground. place the input and feedback resistors r1 and r4 as close to the nin input as possible. make sure that any traces carrying the switching node (sw) voltage are separated far from any input signal traces. if multiple amplifiers are used on a single board, make sure that each channel is physically separated to prevent crosstalk. if it is required to run the sw trace near the input, shield the input with a ground plane between the traces. make sure that all inductors used on a single circuit board have the same orientation. if multiple channels are used on a single board, make sure that the power supply is routed from the source to each channel individually, not serially. this prevents channel-to-channel coupling through the power supply input. high v dd operation when operating at higher supply voltages, special care must be taken to ensure that the v dd level does not exceed the absolute maximum supply rating of the ic. power supply pumping is of significant concern when operating near the maximum supply voltage. supply pumping is an effect where the v dd voltage is ?pumped up? to a higher potential when charge from the output dc blocking capacitor is transferred to the power supply rail during switch transitions. the simplest way to handle excess pumping is to increase the size of the v dd main bulk capacitance such that the extra charge will be absorbed by the increased capacitance, with minimal supply increase. one way to eliminate supply pumping altogether is to use a different output configuration circuit. figure 2 shows such an alternate configuration for connecting the speaker load. with this configuration, one side of the speaker load is connected directly to the output of the lc filter, while the other side is connected to the mid-point of a series capacitor-divider (c26, c28). both the lc filter point and the mid point of the capacitor divider will be at a dc bias level of ? v dd , so the net dc across the speaker is 0v dc . with the speaker connected in this fashion, there is no series capacitor to cause supply pumping, and supply pumping is virtually eliminated. if the output is connected in this way, however, additional circuitry may be required to protect the speaker from damage in the event of a short circuit. because both sides of the speaker will be typically biased at ? v dd , a short-circuit to gnd on the negative side of the speaker load will result in a large dc current through the load. for example, if v dd =24v and r l =4 ? , there will be 12/4=3a of dc current through the load. this current will be sustained by the output fet stage of the ic as it will not trigger the internal over-current protection sense circuitry. a simple external sense circuit will be required for those applications which may experience an externally applied short circuit under normal use. an example of such a circuit is also shown in figure 2.
mp7720 ? 20w class d mono single ended audio amplifier mp7720 rev. 2.1 www.monolithicpower.com 9 1/22/2010 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2010 mps. all rights reserved. electro-magnetic interference (emi) considerations due to the switching nature of the class d amplifier, care must be taken to minimize the effects of electromagnetic interference from the amplifier. however, with proper component selection and careful attention to circuit layout, the effects of the emi due to the amplifier switching can be minimized. the power inductors are a potential source of radiated emissions. for the best emi performance, use toroidal inductors, since the magnetic field is well contained inside the core. however toroidal inductors can be expensive to wind. for a more economical solution, use shielded gapped ferrite or shielded ferrite bobbin core inductors. these inductors typically do not contain the field as well toroidal inductors, but usually can achieve a better balance of good emi performance with low cost. the size of high-current loops that carry rapidly changing currents needs to be minimized. to do this, make sure that the v dd bypass capacitor (c5) is as close to the mp7720 as possible. nodes that carry rapidly changing voltage, such as sw, need to be made as small as possible. if sensitive traces run near a trace connected to sw, place a ground shield between the traces.
mp7720 ? 20w class d mono single ended audio amplifier mp7720 rev. 2.1 www.monolithicpower.com 10 1/22/2010 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2010 mps. all rights reserved. typical application circuits + audio input off on v dd 9.5v to 24v mp7720 sw bs pgnd vdd pin en nin agnd mp7720_f01 + c10 390pf d2 6.2v d1 1a 30v c4 10pf c3 5.6nf 8 6 5 7 1 4 2 3 figure 1?20w mono typical application circuit + + en out1 q4 2n3904 q3 2n3904 figure 2?alternate configuration for high v dd applications
mp7720 ? 20w class d mono single ended audio amplifier mp7720 rev. 2.1 www.monolithicpower.com 11 1/22/2010 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2010 mps. all rights reserved. package information soic8
mp7720 ? 20w class d mono single ended audio amplifier notice: the information in this document is subject to change wi thout notice. users should warra nt and guarantee that third party intellectual property rights are not infringed upon w hen integrating mps products into any application. mps will not assume any legal responsibility for any said applications. mp7720 rev. 2.1 www.monolithicpower.com 12 1/22/2010 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2010 mps. all rights reserved. pdip8 note: 1) control dimension is in inches. dimension in bracket is in millimeters. 2) package length and width do no t include mold flash, or protrusions. 3) drawing conforms to jedec ms-001, variation ba. 4) drawing is not to scale. 0.008(0.20) 0.014(0.36) 0.240(6.10) 0.260(6.60) pin 1 id 0.050(1.27) 0.065(1.65) 0.367(9.32) 0.387(9.83) top view front view side view 1 4 85 0.300(7.62) 0.325(8.26) 0.320( 8.13) 0.400(10.16) 0.125(3.18) 0.145(3.68) 0.120(3.05) 0.140(3.56) 0.015(0.38) 0.021(0.53) 0.100(2.54) bsc 0.015(0.38) 0.035(0.89)


▲Up To Search▲   

 
Price & Availability of MP7720DP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X