Part Number Hot Search : 
29C02 ALD4301 HEVAL M74HC L3020 TN3014 N5263B SNC26030
Product Description
Full Text Search
 

To Download MOV-07D821K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features high voltage rating high current rating bidirectional surge protection fast response time rohs compliant* agency recognition: applications power supplies power systems line voltage telecom systems white goods / appliances mov-07dxxxk series - metal oxide varistor *rohs directive 2002/95/ec jan. 27, 2003 including annex and rohs recast 2011/65/eu june 8, 2011. speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. industry standard compliance standard ul 1449 file number e313168 general information the mov-07dxxxk series of 7 mm radial leaded varistor devices protects against overvoltage transients such as lightning, power contact and power induction. the metal oxide varistors offer a choice of varistor voltages from 18 v to 820 v and v rms voltages from 11 v to 510 v. the devices have a high current handling, high energy absorption capability and fast response times to protect against transient faults up to rated limits. absolute maximum ratings (@ t a = 25 ? unless otherwise noted) parameter symbol min. typ. max. unit operating temperature t opr -40 25 +85 ?c storage temperature t stg -40 25 +125 ?c rated wattage p w 0.25 watt varistor voltage temperature coef cient v tc 0 0.1 0.05 % / ?c response time t r 10 25 ns varistor voltage tolerance v tol -10 0 10 % electrical characteristics (@ t a = 25 ? unless otherwise noted) bourns part no. max. continuous voltage (v) voltage @ 1 ma dc (v) voltage @ class current max. peak current max. energy max. cap. (8/20 s) (8/20 s) (j) (pf) r.m.s. d.c. min. nom. max. class current (a) max. clamping voltage (v) one time 8/20 s 1 khz mov-07d180k 11 14 16 18 20 2.5 36 250 0.9 2800 mov-07d220k 14 18 20 22 24 2.5 43 250 1.1 2300 mov-07d270k 17 18 24 27 30 2.5 53 250 1.4 1800 mov-07d330k 20 26 30 33 36 2.5 65 250 1.7 1250 mov-07d390k 25 31 35 39 43 2.5 77 250 2.1 1300 mov-07d470k 30 38 42 47 52 2.5 93 250 2.5 1100 mov-07d560k 35 45 50 56 62 2.5 110 250 3.1 890 mov-07d680k 40 56 61 68 75 2.5 135 250 3.6 740 mov-07d820k 50 65 74 82 90 10 135 1200 5.5 600 mov-07d101k 60 85 90 100 110 10 165 1200 6.5 500 mov-07d121k 75 100 108 120 132 10 200 1200 7.8 420 mov-07d151k 95 125 135 150 165 10 250 1200 9.7 330 mov-07d181k 115 150 162 180 198 10 300 1200 11.7 280 mov-07d201k 130 170 185 200 225 10 340 1200 13 250 mov-07d221k 140 180 198 220 242 10 360 1200 14 230 mov-07d241k 150 200 216 240 264 10 395 1200 15 210 mov-07d271k 175 225 243 270 297 10 455 1200 18 185 mov-07d301k 190 250 270 300 330 10 500 1200 20 165 mov-07d331k 210 275 297 330 363 10 550 1200 23 150 mov-07d361k 230 300 324 360 396 10 595 1200 25 140 mov-07d391k 250 320 351 390 429 10 650 1200 25 130 mov-07d431k 275 350 387 430 473 10 710 1200 28 115 mov-07d471k 300 385 423 470 517 10 775 1200 30 105 mov-07d511k 320 415 459 510 561 10 845 1200 30 100 mov-07d561k 350 460 504 560 616 10 925 1200 30 90 mov-07d621k 385 505 558 620 682 10 1025 1200 33 80 mov-07d681k 420 560 612 680 748 10 1120 1200 33 75 mov-07d751k 460 620 675 750 825 10 1240 1200 38 70 mov-07d781k 480 640 702 780 858 10 1290 1200 38 70 MOV-07D821K 510 675 738 820 902 10 1355 1200 40 60 *rohs compliant 0 7d201k 5
speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. 3312 - 2 mm smd trimming potentiometer 07d201k 5 t 9.0 (.354) max. 20.0 (.787) min. 11.0 (.433) 0.6 ?0.1 (.024 ?.004) 5.0 ?0.8 (.197 ?.031) max. product dimensions mov-07dxxxk series - metal oxide varistor typical part marking dimensions: mm (inches) bourns part number bourns part marking mov-07d180k 07d180k mov-07d220k 07d220k mov-07d270k 07d270k mov-07d330k 07d330k mov-07d390k 07d390k mov-07d470k 07d470k mov-07d560k 07d560k mov-07d680k 07d680k mov-07d820k 07d820k mov-07d101k 07d101k mov-07d121k 07d121k mov-07d151k 07d151k mov-07d181k 07d181k mov-07d201k 07d201k mov-07d221k 07d221k mov-07d241k 07d241k mov-07d271k 07d271k mov-07d301k 07d301k mov-07d331k 07d331k mov-07d361k 07d361k mov-07d391k 07d391k mov-07d431k 07d431k mov-07d471k 07d471k mov-07d511k 07d511k mov-07d561k 07d561k mov-07d621k 07d621k mov-07d681k 07d681k mov-07d751k 07d751k mov-07d781k 07d781k MOV-07D821K 07d821k this is an rohs compliant molded radial package with 100 % sn plating on the terminations. how to order mov - 07d nn (n) k (tr) model designator mov = metal oxide varistor disc diameter 07d = 7 mm nominal varistor voltage see electrical characteristics table multiplier of voltage digits 0 = no multiplier 1 = nn * 10 1 varistor voltage tolerance k = 10 % packaging blank = bulk tr = tape & reel examples: mov-07d270k = 27 v, bulk pack mov-07d331ktr = 330 v, tape & reel note: the ??marking on mov products is for traceability of production assembly for quality assurance compliance. bourns part number dim. t (max.) mov-07d180k 3.4 (.134) mov-07d220k 3.5 (.138) mov-07d270k 3.8 (.150) mov-07d330k 3.4 (.134) mov-07d390k 3.6 (.142) mov-07d470k 3.8 (.150) mov-07d560k 3.9 (.154) mov-07d680k 4.0 (.157) mov-07d820k 3.4 (.134) mov-07d101k 3.6 (.142) mov-07d121k 3.8 (.150) mov-07d151k 4.0 (.157) mov-07d181k 3.2 (.126) mov-07d201k 3.4 (.134) mov-07d221k 3.5 (.138) bourns part number dim. t (max.) mov-07d241k 3.6 (.142) mov-07d271k 3.8 (.150) mov-07d301k 4.0 (.157) mov-07d331k 4.2 (.165) mov-07d361k 4.4 (.173) mov-07d391k 4.6 (.181) mov-07d431k 4.8 (.189) mov-07d471k 5.0 (.197) mov-07d511k 5.1 (.201) mov-07d561k 5.4 (.213) mov-07d621k 5.8 (.228) mov-07d681k 6.0 (.236) mov-07d751k 6.2 (.244) mov-07d781k 6.4 (.252) MOV-07D821K 6.8 (.268)
speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. 3312 - 2 mm smd trimming potentiometer mov-07dxxxk series - metal oxide varistor performance graphs 10 100 1000 10000 0.001 0.01 0.1 1 10 100 1000 10000 current (a) maximum clamping voltage (v) 821k 781k 751k 681k 621k 561k 511k 471k 431k 391k 361k 331k 301k 271k 241k 221k 201k 181k 151k 121k 101k 820k 680k 560k 470k 390k 330k 270k 220k 180k internal construction
cddfn5-0504n - tvs/steering diode array packaging information tape & reel item symbol 7 mm disc reel outside diameter rd 355 (13.98) reel inner diameter rd1 30 (1.181) tape width rw 47 (18.50) reel width rw1 53 (20.87) pitch of component p 12.7 ?1.0 (0.50 ?0.04) feed hole pitch p0 12.7 ?1.0 (0.50 ?0.04) feed hole center to pitch p1 3.85 ?0.7 (0.15 ?0.03) feed hole center to component center p2 6.35 ?1.0 (0.25 ?0.04) lead to lead distance f 5.00 ?0.8 (0.20 ?0.03) component alignment h 2.0 max. (0.79) max. tape width w 18.0 ?0.5 (0.71 ?0.02) hole down tape width w0 12.0 ?0.8 (0.47 ?0.03) hole position w1 9.0 ?0.5 (0.35 ?0.02) hole down tape position w2 3.0 max. (0.12) max. height from center to component base h 19.0 ?1.0 (0.75 ?0.04) seating plane height h0 16.0 ?0.5 (0.63 ?0.02) component height h1 32.0 max. (1.26) max crimp length c 2.60 typ. (0.10) max feed hole diameter d0 4.0 ?0.2 (0.16 ?0.08) total tape thickness t 0.6 ?0.3 (0.02 ?0.01) length of clippped height l 1.0 max. (0.04) max quantity per reel (07d180k ?07d391k) - 2000 quantity per reel (07d431k ?07d821k) - 1500 rev. 08/12 speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. mov-07dxxxk series - metal oxide varistor h1 h w0 w1 t f p0 p1 d0 l p2 p h w2 w dimensions: mm (inches) rd1 rd rw rw1 bulk 250.0 (9.84) 170.0 (6.69) 60.0 (2.36) quantity = 2000 pcs. per box asia-paci c: tel: +886-2 2562-4117 fax: +886-2 2562-4116 europe: tel: +41-41 768 5555 fax: +41-41 768 5510 the americas: tel: +1-951 781-5500 fax: +1-951 781-5700 www.bourns.com


▲Up To Search▲   

 
Price & Availability of MOV-07D821K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X